Part Number Hot Search : 
GS1JWZ AUSCD22H BUV20 R040005 A25L020 AWS100S B79M2 AZ88943U
Product Description
Full Text Search
 

To Download LPQ154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150 Watts
LPQ150 Series
Total Power: 110-150 Watts Input Voltage: 85-132 / 170-264 VAC 220-300 VDC # of Outputs: Quad
Electrical Specs
Input
Input range Frequency Inrush current Efficiency EMI filter 85-132 VAC or 170-264 VAC automatically selected. 220-300 VDC 47-63 Hz 38 A max, cold start @ 25C 75% typical at full load Meets FCC Class B conducted CISPR 22 Class B conducted EN55022 Class B conducted VDE 0878 PT3 Class B conducted 0.5 mA @ 50/60 Hz, 264 VAC input
Safety ground leakage current
Special Features
* * * * * * * * * * * Auto ranging input Remote sense on main output Remote inhibit Single wire current sharing Power fail Built-in EMI filter Low output ripple 135 khz switching frequency Overvoltage protection Overload protection Adjustable floating 4th output (On LPQ152 and LPQ153 models) * Optional cover (-C suffix). See page 64.
Output
Maximum power 110 W convection (75 W with cover) 150 W with 30 CFM forced air (130 W with cover) 5% on main; 5-25 V on 4th output on LPQ 152 & LPQ 153 2% on output 1; 3% on outputs 2, 3 &4 20 ms @110 W load at nominal line Short circuit protection on all outputs. Case overload protected @ 110-145% above peak rating 5.7-6.7 VDC on main output
Adjustment range Cross regulation Hold-up time Overload protection
Overvoltage protection
Environmental
Operating temperature: 0 to 50C ambient derate each output at 2.5% per degree from 50 to 70C Electromagnetic susceptibility: designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3 Humidity: Operating; non-condensing 5% to 95% Vibration: Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.75 G peak 5 Hz to 500 Hz, operational Storage temperature: -40 to 85C Temperature coefficient: .04% per C MTBF demonstrated: >550,000 hours at full load and 25C ambient condition
Logic Control
Power failure TTL logic signal goes high 50-150 msec after 5 V output. It goes low at least 3 msec before loss of regulation Requires an external TTL high signal to inhibit outputs Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Remote inhibit Remote sense
Safety
VDE UL CSA NEMKO CB CE 0805/EN60950 (IEC950) UL1950 CSA 22.2-234 Level 3 EN 60950/EMKO-TUE (74-sec) 203 Certificate and report Mark (LVD) 11774-3336-1260 (LC# 88585) EI32002 LR53982 P95102999 2061
rev 12.10.03
114
Technical Support: (888) 41-ASTEC or (407) 241-2752 Americas: (760) 930-4600 Europe (UK) 44 (1384) 842-211 Asia (HK) 852-2437-9662
AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698
EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355
ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Fwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426
LPQ150 Series
Ordering Information
Model Number LPQ152 Output Voltage 5V 12 V -12 V 5-25 V 5V 15 V -15 V 5-25 V 5V 12 V -12 V 24 V Minimum Load 2A .1 A .1 A 0A 2A .1 A .1 A 0A 2A .1 A .1 A .5 A Maximum Load with Convection Cooling 15 A 6A 2A 2.5 A 15 A 4.8 A 1.6 A 2.5 A 15 A 6A 2A 3.5 A Maximum Load with 30 CFM Forced Air 22 A 8A 2.5 A 3A 22 A 6.4 A 2A 3A 22 A 8A 2.5 A 4.5 A Peak Load1 30 A 10 A 3A 3A 30 A 8A 2.4 A 3A 30 A 10 A 3A 5A 2% 3% 3% 3% 2% 3% 3% 3% 2% 3% 3% +10 / -5% Regulation2 Ripple P/P (PARD)3 50 mV 120 mV 120 mV 240 mV, max. 50 mV 150 mV 150 mV 240 mV, max. 50 mV 120 mV 120 mV 240 mV
LPQ153
LPQ154
1. 2. 3. 4. 5.
Peak current lasting <30 seconds with a maximum 10% duty cycle. At 25C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings. Peak-to-peak with 20 MHz bandwidth and 10 F in parallel with a 0.1 F capacitor at rated line voltage and load ranges. 4th output adjustable 5-25 V factory set at 5 V. Minimum loads are required.
Note: -C suffix added to the model number indicates cover option.
DO NOT ADJ
Pin Assignments
Connector SK1 PIN 1 PIN 2 PIN 3 PIN 4 PIN 5 PIN 6 PIN 7 PIN 8 SK2 PIN 1,2 PIN 3,4,5 PIN 6 PIN 7 PIN 8 PIN 9 SK3 TB-1 TB-2 SK4 PIN 1 PIN 3 PIN 5 LPQ152 INHIBIT -ve INHIBIT +ve +12 V No Connection COMMON -SENSE +SENSE I SHARE +12 V COMMON -12 V POK +5 V to +25 V (Float) COMMON (Float) COMMON +5 V GROUND LINE NEUTRAL LPQ153 INHIBIT -ve INHIBIT +ve +15 V No Connection COMMON -SENSE +SENSE I SHARE +15 V COMMON -15 V POK +5 V to +25 V (Float) COMMON (Float) COMMON +5 V GROUND LINE NEUTRAL LPQ154 INHIBIT -ve INHIBIT +ve +12 V No Connection COMMON -SENSE +SENSE I SHARE +12 V COMMON -12 V POK +24 V COMMON COMMON +5 V GROUND LINE NEUTRAL
SK1 8765 SK2 987654321 #6-32 UNC (8 places) 1234 .5625
SK3 2 1
4th O/P ADJ
5V O/P ADJ
7.4 (188.0) 8.5 (216.0)
Mating Connectors (SK4) AC Input: Molex 09-50-8051 (USA) Molex 09-91-0500 (UK) PINS: 08-58-0111 (SK2) Aux DC Output/Power fail: Molex 09-50-8091 (USA) Molex 09-91-0900 (UK) PINS: 08-58-0111 (SK1) Remote sense/Remote inhibit: Molex 51110-0851 (USA) PINS: 503-94-8100
Notes 1. Specifications subject to change without notice. 2. All dimensions in inches (mm), tolerance is 0.02". 3. Specifications are for convection rating at factory settings unless otherwise stated. 4. Remote inhibit requires an external 5V @ 10mA to activate. 5. Mounting (6-32) maximum insertion depth is 0.12". 6. Warranty: 1 year 7. Weight: 1.75 lb. / 0.80 kg
531 SK4 4.25 (108.0) 1.5 (38.1)
.75 (19.0)
.875 (22.25)
Astec Connector Kit #70-841-010, includes al of the above.
2.5 (63.5)
www.astecpower.com
115


▲Up To Search▲   

 
Price & Availability of LPQ154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X