Part Number Hot Search : 
M3085 TL074AM STA460C HYA230 1N6375G T3150 SBL3045C ASI10560
Product Description
Full Text Search
 

To Download LPE-4841-682NA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LPE-4841
Vishay Dale
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
ELECTRICAL SPECIFICATIONS
Inductance Range: 10H to 47000H, measured at 0.10V RMS @ 10kHz without DC current, using an HP 4263A or HP 4284A impedance analyzer. DC Resistance Range: 0.03 ohm to 19.1 ohms, measured at + 25C 5C. Rated Current Range: 2.00 amps to .09 amps. Dielectric Withstanding Voltage: 500V RMS, 60Hz, 5 seconds.
DIMENSIONS in inches [millimeters]
Pad Layout
0.045 [1.14] Pad Dimensions Typical, 8 places 0.079 [2.01] 0.045 [1.14] 0.382 [9.70] 0.427 [10.85] Reference Only Typical 3 places
STANDARD ELECTRICAL SPECIFICATIONS
MODEL Ungapped Models LPE-4841-101NA LPE-4841-151NA LPE-4841-221NA LPE-4841-331NA LPE-4841-471NA LPE-4841-681NA LPE-4841-102NA LPE-4841-152NA LPE-4841-222NA LPE-4841-332NA LPE-4841-472NA LPE-4841-682NA LPE-4841-103NA LPE-4841-153NA LPE-4841-223NA LPE-4841-333NA LPE-4841-473NA Gapped Models LPE-4841-100MB LPE-4841-150MB LPE-4841-220MB LPE-4841-330MB LPE-4841-470MB LPE-4841-680MB LPE-4841-101MB LPE-4841-151MB LPE-4841-221MB LPE-4841-331MB LPE-4841-471MB LPE-4841-681MB LPE-4841-102MB LPE-4841-152MB LPE-4841-222MB LPE-4841-332MB LPE-4841-472MB IND. (H) 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10,000 15,000 22,000 33,000 47,000 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 DCR MAX. RATED* SATURATING** IND. SCHEMATIC MAX. DC CURRENT CURRENT TOL. LETTER (Ohms) (Amps) (Amps) 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 30% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% A A A A A A A A A A A A A A A A A B B C C D D E E E E E E E E E E E 0.17 0.21 0.25 0.30 0.36 0.44 0.53 0.65 0.79 1.55 1.85 4.36 5.29 6.48 13.1 16.0 19.1 0.03 0.04 0.07 0.09 0.13 0.21 0.35 0.48 0.73 1.14 1.36 2.07 3.15 4.76 7.29 11.7 17.7 .88 .79 .721 .65 .60 .54 .49 .45 .40 .29 .26 .17 .16 .14 .10 .09 .08 2.03 1.84 1.32 1.20 .98 .79 .58 .52 .42 .34 .31 .25 .20 .16 .13 .11 .09 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 2.320 1.925 1.610 1.330 1.125 .941 .781 .641 .532 .436 .366 .305 .252 .206 .170 .139 .117
Dimensional Outline
5 0.421 [10.69] Max. 8 0.492 [12.50] Max.
4
1
0.248 [6.30] Max.
0.400 [10.16] 0.079 [2.01] Typ.
0.028 [.71]
0.028 [.71] Foot print Diagram
*DC current that will create a maximum temperature rise of 30C when applied at + 25C ambient. **DC current that will typically reduce the initial inductance by 20%. UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and line coupling devices. GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than ungapped models. Beneficial in DC to DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range.
NOTE: Pad layout guidelines per MIL-STD275E (printed wiring for electronic equipment). Tolerances: xx 0.01" [ 0.25mm]. xxx 0.005" [ 0.12mm].
DESCRIPTION - LPE-4841-102NA
LPE MODEL 4841 SIZE 1000H INDUCTANCE VALUE
30% INDUCTANCE TOLERANCE
A CORE
SAP PART NUMBERING GUIDELINES (INTERNAL)
L P E 4 8
SIZE
4
1
R
Y
1
0
2
N
TOL.
U
CORE
PRODUCT FAMILY
PACKAGE CODE
INDUCTANCE VALUE
See the end of this data book for conversion tables
www.vishay.com 102
For technical questions, contact Magnetics@vishay.com
Document Number: 34064 Revision 28-Aug-02
LPE-4841
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
SCHEMATICS (TOP VIEW)
Vishay Dale
Schematic A
5 6 7 8 4 5 3 6 2 7 1 8
Schematic B
4 3 2 1 5 6 7 8
Schematic C
4 3 2 1 5 6 7 8
Schematic D
4 3 2 1 5 6 7 8
Schematic E
4 3 2 1
NOTE: Schematic A is for Ungapped LPE Series.
ENVIRONMENTAL PERFORMANCE
CONDITIONS TEST Withstands - 55C to + 125C Thermal Cycling Operating Temperature - 55C to + 125C* 85% High Humidity Tested to + 230C Soldering Heat Per MIL-STD-202, Method 213 (100g) Mechanical Shock Per MIL-STD-202, Method 204 (20g) Vibration Per industry standards Solderability *Must be checked in end use application
PART MARKING
-- Vishay Dale -- Date code -- Marking code (Suffix of model #) -- Pin 1 indicator
PACKAGING
TAPE SPECIFICATIONS: Carrier Tape Type: Conductive. Cover Tape Type: Anti-static. Cover Tape Adhesion to Carrier: 40 30 grams. REEL SPECIFICATIONS: Diameter (flange): 13" [330.2mm]. Maximum Width (over flanges): 1.197" [30.4mm]. STANDARDS: All embossed carrier tape packaging will be accomplished in compliance with latest revision of EIA-481 "Taping of Surface Mount Components for Automatic Placement". MODEL LPE-4841 TAPE WIDTH 24mm COMPONENT PITCH 16mm UNITS PER 13 INCH REEL 600
Tape and Reel Orientation
Pin 1 Indicator
Cover Tape Carrier Tape Embossed Cavity
USER DIRECTION OF FEED
Label Area
NOTE: Top view shown with cover tape removed. Document Number: 34064 Revision 28-Aug-02 For technical questions, contact Magnetics@vishay.com www.vishay.com 103


▲Up To Search▲   

 
Price & Availability of LPE-4841-682NA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X