Part Number Hot Search : 
MAX14 MSM7620 B1086 DT54F 24006 FR2504 KIA317FP NGBBN
Product Description
Full Text Search
 

To Download LPD200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH PERFORMANCE PHEMT * FEATURES 21 dBm Output Power at 1-dB Compression at 18 GHz 12 dB Power Gain at 18 GHz 1.0 dB Noise Figure at 18 GHz 55% Power-Added Efficiency
LPD200
GATE BOND PAD (2X)
DRAIN BOND PAD (2X)
SOURCE BOND PAD (2x) DIE SIZE: 12.6X10.2mils (320x260 m) DIE THICKNESS: 3.9 mils (100 m) BONDING PADS: 3.3X2.6 mils (85x65 m)
*
DESCRIPTION AND APPLICATIONS The LPD200 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide ( AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam directwrite 0.25 m by 200 m Schottky barrier gate. The recessed "mushroom" gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for high dynamic range. The LPD200 also features Si3 N4 passivation and is available in various packages, such as ceramic P70 and other plastic packages. Typical applications include use in low noise, broadband amplifiers.
*
ELECTRICAL SPECIFICATIONS @ TAmbient = 25C
Parameter Saturated Drain-Source Current Power at 1-dB Compression Power Gain at 1-dB Compression Power-Added Efficiency Maximum Drain-Source Current Transconductance Gate-Source Leakage Current Pinch-Off Voltage Gate-Source Breakdown Voltage Magnitude Gate-Drain Breakdown Voltage Magnitude Thermal Resistivity frequency=18 GHz Symbol IDSS P-1dB G-1dB PAE IMAX GM IGSO VP |VBDGS| |VBDGD| JC Test Conditions VDS = 2 V; VGS = 0 V VDS = 5 V; IDS = 50% IDSS VDS = 5 V; IDS = 50% IDSS VDS = 5 V; IDS = 50% IDSS VDS = 2 V; VGS = 1 V VDS = 2 V; VGS = 0 V VGS = -5 V VDS = 2 V; IDS = 1 mA IGS = 1 mA IGD = 1 mA -0.25 -6 -8 50 Min 40 19 11 Typ 60 21 12.5 55 125 70 1 -0.8 -7 -9 260 10 -1.5 Max 85 Units mA dBm dB % mA mS A V V V C/W
Phone: (408) 988-1845 Fax: (408) 970-9950
http:// www.filss.com
Revised: 1/22/01 Email: sales@filss.com
HIGH PERFORMANCE PHEMT * ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain-Source Current Gate Current RF Input Power Channel Operating Temperature Storage Temperature Total Power Dissipation Symbol VDS VGS IDS IG PIN TCH TSTG PTOT Test Conditions TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C -- TAmbient = 22 3 C -65 Min Max 8 -3 2xIDSS 10 100 175 175 550 Units V V mA mA mW C C mW
LPD200
Notes: * Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device. * Power Dissipation defined as: PTOT (PDC + PIN) - POUT, where PDC: DC Bias Power PIN: RF Input Power POUT: RF Output Power * Absolute Maximum Power Dissipation to be de-rated as follows above 25C: PTOT= 550mW - (3.7mW/C) x THS where THS = heatsink or ambient temperature.
*
HANDLING PRECAUTIONS To avoid damage to the devices care should be exercised during handling. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263. ASSEMBLY INSTRUCTIONS The recommended die attach is gold/tin eutectic solder under a nitrogen atmosphere. Stage temperature should be 280-290C; maximum time at temperature is one minute. The recommended wire bond method is thermo-compression wedge bonding with 0.7 or 1.0 mil (0.018 or 0.025 mm) gold wire. Stage temperature should be 250-260C. APPLICATIONS NOTES & DESIGN DATA Applications Notes are available from your local Filtronic Sales Representative or directly from the factory. Complete design data, including S-parameters, noise data, and large-signal models are available on the Filtronic web site.
*
*
All information and specifications are subject to change without notice. Phone: (408) 988-1845 Fax: (408) 970-9950 http:// www.filss.com Revised: 1/22/01 Email: sales@filss.com


▲Up To Search▲   

 
Price & Availability of LPD200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X