Part Number Hot Search : 
4957GM LJSA2N2M 60ZFDT AMS41221 167BZI M2N60F FDMS8 PC28F128
Product Description
Full Text Search
 

To Download LP821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
LP821
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR 10.0 Watts Single Ended Package Style AP HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 50 Watts Junction to Case Thermal Resistance o 3.40 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 36 V Drain to Source Voltage 36 V Gate to Source Voltage 20 V
5.0 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 12 55 TYP
10.0 WATTS OUTPUT )
MAX UNITS dB % 20:1 TEST CONDITIONS Idq = 0.40 A, Vds = 12.5 V, F = Idq = 0.40 A, Vds = 12.5 V, F =
500 MHz 500 MHz
VSWR
Relative Idq = 0.40 A, Vds = 12.5 V, F = 500 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 1.0 0.60 7.50 33.0 2.0 24.0 MIN 36 1.0 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.10 mA, Vgs = 0V
Vds = 12.5 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.10 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 3.00 A Vgs = 20V, Vds = 10V Vds = 12.5 Vgs = 0V, F = 1 MHz Vds = 12.5 Vgs = 0V, F = 1 MHz Vds = 12.5 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 04/27/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
LP821
POUT VS PIN GRAPH
LP821 POUT VS PIN F=500MHZ, IDQ=0.25, VDS=12.5V
15 22.00 100
CAPACITANCE VS VOLTAGE
L2C1DIE CAPACITANCE
20.00
Ciss
10
18.00
Coss
Efficiency = 60% 16.00 10
Crss
5 14.00
12.00
0 0 0.2 0.4 0.6 0.8 1 POUT 1.2
10.00
1 0 2 4 6 8 10 12 14
PIN IN WATTS
GAIN
VDS IN VOLTS
IV CURVE
L2C 1 DIE IV
9 8 7 6 ID IN AMPS 5 4 3 2 1 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 VDS IN VOLTS Vg=6v vg=8v 14 vg=10v 16 18 vg=12v 20
0.1 0 2 4 1 10 100
ID & GM VS VGS
L2C 1 DIE ID, GM vs VG
ID
GM
Vgs in Volts
6
8
10
12
14
Zin Zout
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
POLYFET RF DEVICES
REVISION 04/27/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of LP821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X