Part Number Hot Search : 
HI7188 SC147 EQW025 KSA1220 AD641Q STZ8082 ASJ15 USD3045C
Product Description
Full Text Search
 

To Download LP701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
LP701
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR 35.0 Watts Single Ended Package Style AP HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 80 Watts Junction to Case Thermal Resistance o 1.80 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 20 V
4.5 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 12 55 TYP
35.0 WATTS OUTPUT )
MAX UNITS dB % 20:1 TEST CONDITIONS Idq = 0.40 A, Vds = 28.0 V, F = Idq = 0.40 A, Vds = 28.0 V, F =
500 MHz 500 MHz
VSWR
Relative Idq = 0.40 A, Vds = 28.0 V, F = 500 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 1.6 0.65 10.00 60.0 1.6 30.0 MIN 65 2.0 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.20 mA, Vgs = 0V
Vds = 28.0 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.20 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 8.00 A Vgs = 20V, Vds = 10V Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 04/27/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
LP701
POUT VS PIN GRAPH
LP701 POUT VS PIN Freq=500MHz, VDS=28V, Idq=.2A
47 46 45 44 43 42 41 40 39 38 37 23 25 27 29 31 PIN IN dBm 33 35 37 39 15.00 14.00 13.00
100
CAPACITANCE VS VOLTAGE
L1B 1DIE CAPACITANCE
Pout Efficiency = 65% Gain
Ciss Coss
10
12.00 11.00 10.00 9.00
1dB compresion = 32W
8.00 7.00 6.00 5.00
1 0 5 10 15 20 25 30
Crss
VDS IN VOLTS
IV CURVE
L1B 1 DIE IV
12
10
ID & GM VS VGS
L1B 1 DIE ID, GM vs VG
10
ID
8 ID IN AMPS
6
1
GM
4
2
0 0 2 4 6 8 10 12 VDS IN VOLTS Vg=6v vg=8v 14 16 18 20
0.1 0 2 4 6 8 Vgs in Volts 10 12 14
vg=2v
Vg=4v
vg=10v
vg=12v
Zin Zout
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
POLYFET RF DEVICES
REVISION 04/27/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of LP701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X