Part Number Hot Search : 
DMN2004 LA1060 DMN2004 AN152 CY7C2 MMBD1504 HY5DU5 SLN1TTE
Product Description
Full Text Search
 

To Download LP62E16256EV-70LLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LP62E16256E-T Series
Preliminary
Document Title 256K X 16 BIT LOW VOLTAGE CMOS SRAM Revision History
Rev. No.
0.0
256K X 16 BIT LOW VOLTAGE CMOS SRAM
History
Initial issue
Issue Date
July 4, 2002
Remark
Preliminary
PRELIMINARY
(July, 2002, Version 0.0)
AMIC Technology, Inc.
LP62E16256E-T Series
256K X 16 BIT LOW VOLTAGE CMOS SRAM
Features
n Operating voltage: 1.65V to 2.2V n Access times: 70ns (max.) n Current: Very low power version: Operating: 30mA (max.) Standby: 10A (max.) n n n n n Full static operation, no clock or refreshing required All inputs and outputs are directly TTL-compatible Common I/O using three-state output Data retention voltage: 1.2V (min.) Available in 44-pin TSOP and 48-ball CSP packages
General Description
The LP62E16256E-T is a low operating current 4,194,304-bit static random access memory organized as 262,144 words by 16 bits and operates on low power voltage from 1.65V to 2.2V. It is built using AMIC's high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing. Data retention is guaranteed at a power supply voltage as low as 1.2V.
Product Family
Product Family Operating Temperature -25C ~ +85C Power Dissipation VCC Range Speed Data Retention (ICCDR, Typ.) 0.2A Standby (ISB1, Typ.) 1.4A Operating (ICC2, Typ.) 2mA Package Type 44L TSOP 48B CSP
LP62E16256E
1.65V~2.2V
70ns
1. Typical values are measured at VCC = 2.0V, TA = 25C and not 100% tested. 2. Data retention current VCC = 1.2V.
Pin Configurations
n TSOP n CSP (Chip Size Package) 48-pin Top View
A4 A3 A2 A1 A0 CE I/O1 I/O2 I/O3 I/O4 VCC GND I/O5 I/O6 I/O7 I/O8 WE A17 A16 A15 A14 A13
1 2 3 4
44 43 42 41
A5 A6 A7 OE HB LB I/O16 I/O15 I/O14 I/O13 GND VCC I/O12 I/O11 I/O10 I/O9 NC A8 A9 A10 A11 A12
1 A B C D E F G H LB I/O9 I/O10 GND VCC I/O15 I/O16 NC
2 OE HB I/O11 I/O12 I/O13 I/O14 NC A8
3 A0 A3 A5 A17 NC A14 A12 A9
4 A1 A4 A6 A7 A16 A15 A13 A10
5 A2 CE I/O2 I/O4 I/O5 I/O6 WE A11
6 NC I/O1 I/O3 VCC GND I/O7 I/O8 NC
LP62E16256EV-T
5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
PRELIMINARY
(July, 2002, Version 0.0)
1
AMIC Technology, Inc.
LP62E16256E-T Series
Block Diagram
A0 VCC GND DECODER A16 512 X 8192 MEMORY ARRAY
A17
I/O1 COLUMN I/O INPUT DATA CIRCUIT
I/O9
INPUT DATA CIRCUIT
I/O8
I/O16
CE LB HB OE WE
CONTROL CIRCUIT
Pin Descriptions -- TSOP
Pin No. 1 - 5, 18 - 27, 42 - 44 6 7 - 10, 13 - 16, 29 - 32, 35 - 38 17 39 40 41 11, 33 12, 34 28 Symbol A0 - A17 CE I/O1 - I/O16 WE LB HB OE VCC GND NC Description Address Inputs Chip Enable Input
Data Inputs/Outputs Write Enable Input Lower Byte Enable Input (I/O1 to I/O8) Higher Byte Enable Input (I/O9 to I/O16) Output Enable Input Power Ground No Connection
PRELIMINARY
(July, 2002, Version 0.0)
2
AMIC Technology, Inc.
LP62E16256E-T Series
Pin Description - CSP
Symbol A0 - A17 Description Address Inputs Symbol HB Description Higher Byte Enable Input (I/O9 - I/O16) Output Enable Power Supply Ground No Connection
CE I/O1 - I/O16 WE LB
Chip Enable Data Input/Output Write Enable Input Byte Enable Input (I/O1 - I/O8)
OE VCC GND NC
Recommended DC Operating Conditions
(TA = -25C to + 85C) Symbol VCC GND VIH VIL CL TTL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Output Load Output Load Min. 1.65 0 1.4 -0.2 Typ. 1.8 / 2.0 0 Max. 2.2 0 VCC + 0.2 +0.4 30 1 Unit V V V V pF -
PRELIMINARY
(July, 2002, Version 0.0)
3
AMIC Technology, Inc.
LP62E16256E-T Series
Absolute Maximum Ratings*
VCC to GND ..............................................-0.5V to +3.0V IN, IN/OUT Volt to GND ................... -0.5V to VCC + 0.5V Operating Temperature, Topr ...................-25C to +85C Storage Temperature, Tstg.....................-55C to +125C Power Dissipation, PT ...................................................................... 0.7W
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics (TA = -25C to + 85C, VCC = 1.65V to 2.2V, GND = 0V)
Symbol Parameter LP62E16256E-70LLT Min. ILI Input Leakage Current Max. 1 A A VIN = GND to VCC CE = VIH HB = VIH or OE = VIH or WE = VIH VI/O = GND to VCC CE = VIL, II/O = 0mA * Min. Cycle, Duty = 100% CE = VI, II/O = 0mA 10 mA CE = VIL, VIH = VCC, VIL = 0V, f = 1MHz, II/O = 0 mA CE = VIH CE VCC - 0.2V, VIN 0V IOL = 0.1 mA IOH = -0.1 mA Unit Conditions
ILO
Output Leakage Current
-
1
ICC ICC1
Active Power Supply Current
-
5 30
mA mA
Dynamic Operating Current ICC2
ISB ISB1 VOL VOH Standby Current
1.4
0.5 10 0.2 -
mA A V V
Output Low Voltage Output High Voltage
PRELIMINARY
(July, 2002, Version 0.0)
4
AMIC Technology, Inc.
LP62E16256E-T Series
Truth Table
CE H X OE X X WE X X LB X H L L L H L H L L X L L H L L H H H H L X HB X H L H L L H L X L I/O1 to I/O8 Mode Not selected High - Z Read Read High - Z Write Write High - Z High - Z High - Z I/O9 to I/O16 Mode Not selected High - Z Read High - Z Read Write High - Z Write High - Z High - Z VCC Current ISB1, ISB ISB1, ISB ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC ICC1, ICC2, ICC
Note: X = H or L
Capacitance (TA = 25C, f = 1.0MHz)
Symbol CIN* CI/O* Parameter Input Capacitance Input/Output Capacitance Min. Max. 6 8 Unit pF pF Conditions VIN = 0V VI/O = 0V
* These parameters are sampled and not 100% tested.
PRELIMINARY
(July, 2002, Version 0.0)
5
AMIC Technology, Inc.
LP62E16256E-T Series
AC Characteristics (TA = -25C to +85C, VCC = 1.65V to 2.2V)
Symbol Parameter LP62E16256E-70LLT Min. Read Cycle tRC tAA tACE tBE tOE tCLZ tBLZ tOLZ tCHZ tBHZ tOHZ tOH Write Cycle tWC tCW tBW tAS tAW tWP tWR tWHZ tDW tDH tOW Write Cycle Time Chip Enable to End of Write Byte Enable to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width Write Recovery Time Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output Active from End of Write 70 60 60 0 60 55 0 30 0 5 25 ns ns ns ns ns ns ns ns ns ns ns Read Cycle Time Address Access Time Chip Enable Access Time Byte Enable Access Time Output Enable to Output Valid Chip Enable to Output in Low Z Byte Enable to Output in Low Z Output Enable to Output in Low Z Chip Disable to Output in High Z Byte Disable to Output in High Z Output Disable to Output in High Z Output Hold from Address Change 70 10 10 5 5 70 70 70 35 25 25 25 ns ns ns ns ns ns ns ns ns ns ns ns Max. Unit
Note: tCHZ, tBHZ and tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not referred to output voltage levels.
PRELIMINARY
(July, 2002, Version 0.0)
6
AMIC Technology, Inc.
LP62E16256E-T Series
Timing Waveforms
Read Cycle 1
(1, 2, 4)
tRC Address
tAA tOH tOH
DOUT
Read Cycle 2
(1, 2, 3)
tRC Address
tAA
CE tACE tCLZ 5 tBE
tCHZ 5
HB, LB
tBLZ 5
tBHZ 5
OE tOHZ 5
tOE tOLZ 5 DOUT
Notes:
1. WE is high for Read Cycle. 2. Device is continuously enabled CE = VIL, HB = VIL and, or LB = VIL. 3. Address valid prior to or coincident with CE and ( HB and, or LB ) transition low. 4. OE = VIL. 5. Transition is measured 200mV from steady state. This parameter is sampled and not 100% tested.
PRELIMINARY
(July, 2002, Version 0.0)
7
AMIC Technology, Inc.
LP62E16256E-T Series
Timing Waveforms (continued)
Write Cycle 1 (Write Enable Controlled)
tWC Address tAW tCW CE tWR3
tBW HB, LB
tAS1
tWP2
WE
tDW DATA IN tWHZ 4
tDH
tOW DATA OUT
PRELIMINARY
(July, 2002, Version 0.0)
8
AMIC Technology, Inc.
LP62E16256E-T Series
Timing Waveforms (continued)
Write Cycle 2 (Chip Enable Controlled)
tWC Address tAW tAS1 CE tCW2 tWR3
tBW HB, LB
tWP
WE
tDW DATA IN tWHZ 4
tDH
tOW DATA OUT
PRELIMINARY
(July, 2002, Version 0.0)
9
AMIC Technology, Inc.
LP62E16256E-T Series
Timing Waveforms (continued)
Write Cycle 3 (Byte Enable Controlled)
tWC Address
tAW tCW CE tWR3
tAS1
tBW2
HB, LB
tWP WE
tDW
tDH
DATA IN tWHZ 4 tOW DATA OUT
Notes: 1. tAS is measured from the address valid to the beginning of Write. 2. A Write occurs during the overlap (tWP, tBW) of a low CE , WE and ( HB and , or LB ). 3. tWR is measured from the earliest of CE or WE or ( HB and , or LB ) going high to the end of the Write cycle. 4. OE level is high or low. 5. Transition is measured 200mV from steady state. This parameter is sampled and not 100% tested.
PRELIMINARY
(July, 2002, Version 0.0)
10
AMIC Technology, Inc.
LP62E16256E-T Series
AC Test Conditions
Input Pulse Levels Input Rise And Fall Time Input and Output Timing Reference Levels Output Load 0.2V to Vcc -0.2V 5 ns 0.9V See Figures 1 and 2
TTL
TTL
CL 30pF
CL 5pF
* Including scope and jig.
* Including scope and jig.
Figure 1. Output Load
Figure 2. Output Load for tCLZ, tOLZ, tCHZ, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = -25C to 85C) Symbol
VDR
Parameter
VCC for Data Retention
Min.
1.2
Max.
2.2
Unit
V
Conditions
CE VCC - 0.2V
ICCDR
Data Retention Current
-
5*
A
VCC = 1.2V, CE VCC - 0.2V VIN 0V
tCDR tR tVR
Chip Disable to Data Retention Time Operation Recovery Time VCC Rising Time from Data Retention Voltage to Operating Voltage ICCDR: max.
0 tRC 5
-
ns ns ms See Retention Waveform
* LP62E16256E-70LLT
1A at TA = 0C to + 40C
PRELIMINARY
(July, 2002, Version 0.0)
11
AMIC Technology, Inc.
LP62E16256E-T Series
Low VCC Data Retention Waveform
1.65V VCC tCDR VDR 1.2V tVR CE VIH CE VDR - 0.2V VIH tR DATA RETENTION MODE 1.65V
Ordering Information
Part No. Access Time (ns) Operating Current Max. (mA) 30 30 Standby Current Max. (A) 10 10 Package
LP62E16256EV-70LLT LP62E16256EU-70LLT
70
44L TSOP 48L CSP
PRELIMINARY
(July, 2002, Version 0.0)
12
AMIC Technology, Inc.
LP62E16256E-T Series
Package Information TSOP 44L TYPE II Outline Dimensions
44 23
unit: inches/mm
HE
E
0.254
L L1 1 D 22
A2
A
S
B
e
y
Symbol A A1 A2 B c D E e HE L L1 S y
Dimension in inch Min. 0.002 0.037 0.010 0.721 0.396 0.455 0.016 0 Nom. 0.039 0.014 0.006 0.725 0.400 0.031 0.463 0.020 0.031 Max. 0.047 0.041 0.018 0.729 0.404 0.471 0.024 0.036 0.004 5
A1
D
L
L1
Dimension in mm Min. 0.05 0.95 0.25 18.31 10.06 11.56 0.40 0 Nom. 1.00 0.35 0.15 18.41 10.16 0.80 11.76 0.50 0.80 Max. 1.20 1.05 0.45 18.51 10.26 11.96 0.60 0.93 0.10 5
Notes: 1. Dimension D&E do not include interlead flash. 2. Dimension B does not include dambar protrusion/intrusion. 3. Dimension S includes end flash.
PRELIMINARY
(July, 2002, Version 0.0)
13
AMIC Technology, Inc.
c
LP62E16256E-T Series
Package Information 48LD CSP ( 6 x 8 mm ) Outline Dimensions
(48TFBGA)
TOP VIEW BOTTOM VIEW Ball#A1 CORNER 0.10 S C 0.25 S C A B Ball*A1 CORNER 123456 b (48X) 654321
unit: mm
A B C D E F G H
A B C D E F G H e B A 0.10 C 0.20(4X) E1 E
e D1
SIDE VIEW // 0.25 C
D
A2
C (0.36)
SEATING PLANE A1 A
Symbol A A1 A2 D E D1 E1 e b
Dimensions in mm MIN. 1.04 0.20 0.48 5.90 7.90 ------0.30 NOM. 1.14 0.25 0.53 6.00 8.00 3.75 5.25 0.75 0.35 MAX. 1.24 0.30 0.58 6.10 8.10 ------0.40
Note: 1. THE BALL DIAMETER, BALL PITCH, STAND-OFF & PACKAGE THICKNESS ARE DIFFERENT FROM JEDEC SPEC MO192 (LOW PROFILE BGA FAMILY). 2. PRIMARY DATUM C AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS. 3. DIMENSION b IS MEASURED AT THE MAXIMUM. THERE SHALL BE A MINIMUM CLEARANCE OF 0.25mm BETWEEN THE EDGE OF THE SOLDER BALL AND THE BODY EDGE.
PRELIMINARY
(July, 2002, Version 0.0)
14
AMIC Technology, Inc.


▲Up To Search▲   

 
Price & Availability of LP62E16256EV-70LLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X