Part Number Hot Search : 
2N3691 CP273 300DT 4949ED D1370 HCT04 A5801086 CJ2310
Product Description
Full Text Search
 

To Download LP3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2 W POWER PHEMT * FEATURES 33.5 dBm Output Power at 1-dB Compression at 18 GHz 7 dB Power Gain at 18 GHz 30.5 dBm Output Power at 1-dB Compression at 3.3V 45% Power-Added Efficiency
DRAIN BOND PAD (4X) SOURCE BOND PAD (2x) GATE BOND PAD (4X)
LP3000
*
DESCRIPTION AND APPLICATIONS
DIE SIZE: 28.3X16.5 mils (720x420 m) DIE THICKNESS: 2.6 mils (65 m) BONDING PADS: 1.9X2.4 mils (50x60 m)
The LP3000 is an Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) Pseudomorphic High Electron Mobility Transistor (PHEMT), utilizing an Electron-Beam directwrite 0.25 m by 3000 m Schottky barrier gate. The recessed "mushroom" gate structure minimizes parasitic gate-source and gate resistances. The epitaxial structure and processing have been optimized for reliable high-power applications. The LP3000 is also available in a P100 flanged ceramic package and in the low cost plastic SOT89 package. Typical applications include commercial and other high-performance power amplifiers. * ELECTRICAL SPECIFICATIONS @ TAmbient = 25C
Parameter Saturated Drain-Source Current Power at 1-dB Compression Power Gain at 1-dB Compression Power-Added Efficiency Maximum Drain-Source Current Transconductance Gate-Source Leakage Current Pinch-Off Voltage Gate-Source Breakdown Voltage Magnitude Gate-Drain Breakdown Voltage Magnitude Thermal Resistivity frequency=18 GHz Symbol IDSS P-1dB G-1dB PAE IMAX GM IGSO VP |VBDGS| |VBDGD| JC Test Conditions VDS = 2 V; VGS = 0 V VDS = 8 V; IDS = 50% IDSS VDS = 8 V; IDS = 50% IDSS VDS = 8 V; IDS = 50% IDSS VDS = 2 V; VGS = 1 V VDS = 2 V; VGS = 0 V VGS = -5 V VDS = 2 V; IDS = 10 mA IGS = 15 mA IGD = 15 mA -0.25 -12 -12 725 Min 800 33 4 Typ 1060 33.5 6 45 1700 900 15 -1.2 -15 -16 20 125 -2.0 Max 1100 Units mA dBm dB % mA mS A V V V C/W
Phone: (408) 988-1845 Fax: (408) 970-9950
http:// www.filss.com
Revised: 1/18/01 Email: sales@filss.com
2 W POWER PHEMT * ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain-Source Current Gate Current RF Input Power Channel Operating Temperature Storage Temperature Total Power Dissipation Notes: * * Symbol VDS VGS IDS IG PIN TCH TSTG PTOT Test Conditions TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C -- TAmbient = 22 3 C -65 Min Max 12 -5 2xIDSS 30 1.2 175 175 6.0 Units V V mA mA W C C W
LP3000
*
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device. Power Dissipation defined as: PTOT (PDC + PIN) - POUT, where PDC: DC Bias Power PIN: RF Input Power POUT: RF Output Power Absolute Maximum Power Dissipation to be de-rated as follows above 25C: PTOT= 6.0W - (0.040W/C) x THS where THS = heatsink or ambient temperature.
*
HANDLING PRECAUTIONS To avoid damage to the devices care should be exercised during handling. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263. ASSEMBLY INSTRUCTIONS The recommended die attach is gold/tin eutectic solder under a nitrogen atmosphere. Stage temperature should be 280-290C; maximum time at temperature is one minute. The recommended wire bond method is thermo-compression wedge bonding with 0.7 or 1.0 mil (0.018 or 0.025 mm) gold wire. Stage temperature should be 250-260C. APPLICATIONS NOTES & DESIGN DATA Applications Notes are available from your local Filtronic Sales Representative or directly from the factory. Complete design data, including S-parameters, noise data, and large-signal models are available on the Filtronic web site.
*
*
All information and specifications are subject to change without notice. Phone: (408) 988-1845 Fax: (408) 970-9950 http:// www.filss.com Revised: 1/18/01 Email: sales@filss.com


▲Up To Search▲   

 
Price & Availability of LP3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X