Part Number Hot Search : 
H5020 40N03 XC4010XL 78L12 SI9113DB M34552 C5110A C5110A
Product Description
Full Text Search
 

To Download LP1500SOT89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LP1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT * FEATURES 27.5 dBm Output Power at 1-dB Compression at 1.8 GHz 17 dB Power Gain at 1.8 GHz 1.0 dB Noise Figure 44 dBm Output IP3 at 1.8 GHz 50% Power-Added Efficiency
*
DESCRIPTION AND APPLICATIONS The LP1500SOT89 is a packaged Aluminum Gallium Arsenide / Indium Gallium Arsenide (AlGaAs/InGaAs) pseudomorphic High Electron Mobility Transistor (pHEMT). It utilizes a 0.25 m x 1500 m Schottky barrier gate, defined by electron-beam photolithography. The recessed "mushroom" gate structure minimizes parasitic gate-source and gate resistance. The epitaxial structure and processing have been optimized for reliable high-power applications. The LP1500 also features Si3N4 passivation and is available in die form or in other packages. Typical applications include drivers or output stages in PCS/Cellular amplifiers, WLL and WLAN systems, and other types of wireless infrastructure systems.
*
ELECTRICAL SPECIFICATIONS @ TAmbient = 25C
Parameter Saturated Drain-Source Current LP1500SOT89-1 LP1500SOT89-2 LP1500SOT89-3 Power at 1-dB Compression Power Gain at 1-dB Compression Power-Added Efficiency Noise Figure Output Third-Order Intercept Point Maximum Drain-Source Current Transconductance Gate-Source Leakage Current Pinch-Off Voltage Gate-Source Breakdown Voltage Magnitude Gate-Drain Breakdown Voltage Magnitude frequency=1.8 GHz P-1dB G-1dB PAE NF IP3 IMAX GM IGSO VP |VBDGS| |VBDGD| VDS = 5 V; IDS = 50% IDSS VDS = 5 V; IDS = 50% IDSS VDS = 5 V; IDS = 50% IDSS; PIN = 15 dBm VDS = 5 V; IDS = 50% IDSS VDS = 5V; IDS = 50% IDSS; PIN = -1 dBm VDS = 2 V; VGS = 1 V VDS = 2 V; VGS = 0 V VGS = -5 V VDS = 2 V; IDS = 8 mA IGS = 8 mA IGD = 8 mA -0.25 -10 -10 300 Symbol IDSS Test Conditions VDS = 2 V; VGS = 0 V 375 451 527 26 15 420 490 560 27.5 17 50 1.0 44 925 400 10 -1.2 -12 -13 100 -2.0 450 526 600 mA mA mA dBm dB % dB dBm mA mS A V V V Min Typ Max Units
Phone: (408) 988-1845 Fax: (408) 970-9950
http:// www.filss.com
Revised: 1/16/02 Email: sales@filss.com
LP1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT * ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain-Source Current Gate Current RF Input Power Channel Operating Temperature Storage Temperature Total Power Dissipation Notes: * * Symbol VDS VGS IDS IG PIN TCH TSTG PTOT Test Conditions TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C TAmbient = 22 3 C -- TAmbient = 22 3 C -65 Min Max 7 -3 IDSS 15 350 175 175 2.3 Units V V mA mA mW C C W
* *
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device. Power Dissipation defined as: PTOT (PDC + PIN) - POUT, where PDC: DC Bias Power PIN: RF Input Power POUT: RF Output Power Absolute Maximum Power Dissipation to be de-rated as follows above 25C: PTOT= 2.3W - (0.015W/C) x TPACK where TPACK = source tab lead temperature
This PHEMT is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these devices.
*
OPTIMUM POWER OUTPUT MATCHING
Frequency (GHz) 1.8 2.2 2.5 Load State Magnitude Phase 0.61 0.52 0.56 -146 -143 -141
*
HANDLING PRECAUTIONS To avoid damage to the devices care should be exercised during handling. Proper Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263. APPLICATIONS NOTES & DESIGN DATA Applications Notes are available from your local Filtronic Sales Representative or directly from the factory. Complete design data, including S-parameters, noise data, and large-signal models are available on the Filtronic web site.
*
Phone: (408) 988-1845 Fax: (408) 970-9950
http:// www.filss.com
Revised: 1/16/02 Email: sales@filss.com
LP1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT * PACKAGE OUTLINE
(dimensions in inches)
All information and specifications are subject to change without notice. Phone: (408) 988-1845 Fax: (408) 970-9950 http:// www.filss.com Revised: 1/16/02 Email: sales@filss.com


▲Up To Search▲   

 
Price & Availability of LP1500SOT89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X