|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Cree(R) 5-mm Oval LED Model # LO5SMPHR4-B0G-A Data Sheet 110-degree, 5-mm oval LED lamp in red color with tinted, diffused lens and stopper Applications * Full-Color Display Absolute Maximum Ratings (TA = 25C) Items Forward Current Peak Forward Current Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Lead Soldering Temperature Note Symbol IF IFP VR PD Topr Tstg Tsol Absolute Maximum Rating 50 200 5 125 -40 ~ +95 -40 ~ +100 Unit mA mA V mW C C Max. 260C for 3 sec. max. (3 mm from the base of the epoxy bulb) Note: Pulse width 0.1 msec, duty 1/10. Typical Electrical & Optical Characteristics (TA = 25C) Characteristics Forward Voltage Reverse Current Dominant Wavelength Luminous Intensity 50% Power Angle 2 2 Symbol VF IR D Condition IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA Unit V A nm mcd deg deg Minimum Typical 2.0 Maximum 2.5 100 620 280 624 450 110 50 628 IV 1/2H-H 1/2V-V D-CT107.000 Data Sheet: CL Subject to change without notice. www.cree.com/ledlamps Standard Bins for LO5SMPHR4-B0G-A (IF = 20 mA) Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D ) bins shown. Orders for LO5SMPHR4-B0G-A may be filled with any or all bins contained as below. All luminous intensity (IV) and dominant wavelength ( D ) values shown and specified are at IF = 20 mA. Luminous Intensity (IV) S or above 770 mcd R 550 mcd Q 390 mcd P 280 mcd 620 nm Dominant Wavelength ( 628 nm D ) Important Notes: 1. All ranks will be included per delivery; rank ratio will be based on the dice distribution. 2. Pb content <1000 ppm. 3. Tolerance of measurement of luminous intensity is 15%. 4. Tolerance of measurement of dominant wavelength is 1 nm. 5. Tolerance of measurement of VF is 0.05 V. 6. Packaging methods are available for selection; please refer to the "Cree LED Lamp Packaging Standard" document. 7. Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. 8. Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely. Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 2 CLD-CT07.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Document No. SPE/LO5SMPHR4-B0G-A Rev. No. 02 Graphs Graphs If (mA) -60 Vr(V) -50 -40 -30 -20 -10 0.0 -10.0 -20.0 -30.0 -40.0 100.0 80.0 60.0 40.0 20.0 0.0 1.8 2.0 2.2 2.4 2.6 2.8 FIG.1 FORWARD CURRENT VS. FORWARD VOLTAGE. Vf(V) Ir(uA) FIG.2 REVERSE CURRENT VS. REVERSE VOLTAGE. -50.0 5.0 4.0 3.0 2.0 1.0 0.0 0.0 If(mA) 20.0 40.0 60.0 80.0 100.0 Half Power WL=23nm Domi WL= 624nm I (RELATIVE LUMINOUS INTENSITY) 100% 75% 50% 25% WL(nm) 500 600 700 800 900 FIG.4 RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH. 0% 400 FIG.3 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT. 100 80 60 40 20 0 IF(mA) 50% Power Angle : H-H : 110 V-V : 50 Ie(%) 100% H-H V-V 0 80% 60% 40% Ta( C) 0.0 20.0 40.0 60.0 80.0 100.0 -90 -60 -30 0 30 60 90 20% 0% FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT TEMPERATURE (Tjmax=105 C) FIG.6 FAR FIELD PATTERN Items Prepared by Checked by Approved by FCN# Signatures LiuZM MaJF David Date 2006-01-19 2006-01-19 2006-01-19 Rev. No 02 Date Revision History Change Description 2006-01-19 Released. IV(typ)500 to 450mcd. FCN20060015 Data is subject to change without prior notice. Copyright@2002 Cotco International Ltd. Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps CLD-CT07.000 4/4 Format #: COTCO-D-074 REV.4 Mechanical Dimensions Document No. SPE/LO5SMPHR4-B0G-A Rev. No. 02 All dimensions are in mm. Tolerance is 0.25 mm unless otherwise noted. An epoxy meniscus may extend about 1.5 mm down the leads. Burr around bottom of epoxy may be 0.5 mm max. Dimension Drawing maximum ating 50 200 5 125 ~ + 95 ~ +100 Unit mA mA V mW C C he base of the epoxy bulb) RoHS Compliance otherwise restricted materials in this product are Please maximum concentration values (also referred to as the between 10mA and 30mA are recommended. below thecontact COTCO The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or 0C for 3 sec Max. Notes threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment ommended drive conditions. (RoHS), as amended through April 21, 2006. ics ( Ta = 25C) Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye. Condition Min. Typ. 2.0 Max. 2.5 Unit V Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Cree logo IF = 20mAare registered trademarks of Cree, Inc. --- Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the 4 CLD-CT07.000 Kit Number System Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner: Standard/Custom 0: Standard C: Custom VF 0: Full forward voltage distribution 1~9, A~Z . . . : special request * Wd/Color aaaaaaaaa-aaa-aa- x x x x x IV 1: Full-color distribution 2~9, A~Z . . . : special request * 0: Full luminous intensity distribution 1~9, A~Z . . . : special request * Packing type Product P/N 0: Standard = Bulk pack 1~9, A~Z . . . : special request * * Contact your Cree sales representative for ordering information. Standard Available Kits* Kit Number Contact Cree Sales Description 5mm Oval 110 Red 624nm, Bulk Pack * Please contact your Cree representative about the availability of non-standard kits. Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 CLD-CT07.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps |
Price & Availability of LO5SMPHR4-B0G-A |