Part Number Hot Search : 
030PAAA MAX6967 0P100 332U0 N5672 BR3015 55C6V P4KE180
Product Description
Full Text Search
 

To Download LNW9B2BZFZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Round Type
2.0 Max. NOT SOLDERED
5.0 mm Blue LNW9B2BZFZ
Conventional Part No. Global Parts No. Lighting Color
Unit: mm
4.60 0.2 5.80 0.2
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Blue 120 100 30 4 -25 +85 -30 +100
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
2 - 0.6 0.1
26.5 1.0
2 - 0.8 Max
1.51.5 0.5 3.10 0.3
LNW9B2BZFZ ******** LNW9B2BZFZ ********* Blue
7.00 0.2
0.6 0.1
1
2
(1.5)
(2.54)
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LNW9B2BZFZ Unit Lighting Lens Color Color Blue Clear - - IO Typ 460 mcd Min - mcd IF 20 mA Typ 3.7 V VF Max 4.3 V P Typ 468 nm Typ 30 nm IR IF 20 mA Max 1.3 A VR 0.9 V
IO IF
1000 500 100 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
30
100 50 30
10 5 3
100 50 30
10 1
3
5
10
30
50
100
1
2.0
3.0
4.0
5.0
6.0
10
-20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 60 40 20 0 350
IF Ta
Directive Characteristics
Relative Luminous Intensity
120 50
40
Forward Current
60 90
100 Y 80 60 40 X 20
30
20
10
400
450
500
550
0 -90
-60
-30
0
30
0
0
20
40
60
80
100
Wavelength
deg
Ambient Temperature
109


▲Up To Search▲   

 
Price & Availability of LNW9B2BZFZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X