Part Number Hot Search : 
E1008 ENA1202A SK501 BYT52A 8TRPB MC74ACT 307C1403 002218
Product Description
Full Text Search
 

To Download LNW8B3SF8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Round Type
2.0 Max. NOT SOLDERED
5.0 mm InGaAIP
Conventional Part No. Global Parts No. Lighting Color
Unit: mm
4.6 0.2
7.0 0.2
5.8 0.2
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Soft Orange 125 150 50 4 -25 +85 -30 +100
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
2 - 0.6 0.1
26.0 1.0
2 - 0.8 Max
1.51.5 0.5 2.82 0.3
LNW8B3SF8 ************ LNW8B3SF8 ************ Soft Orange
0.6 0.1
1
2
(1.5)
(2.54)
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LNW8B3SF8 Unit Lighting Lens Color Color Soft Orange Clear - - IO Typ 520 mcd Min - mcd IF 20 mA Typ 2.0 V VF Max 2.5 V P Typ 620 nm Typ 15 nm IR IF 20 mA Max 100 A VR 4 V
IO IF
10000 5000 100 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Forward Current
LN W4 A4C N4
Luminous Intensity
W LN
8A
4
LN W8 A4 CN 8
8 CN
30
1000 500 0 300
N4 4C 4A NW L
10 5 3
100 50 30
LNW 4A4C N4 LNW8A 4CN8
100 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10
-20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80
IF Ta
100
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
80
60
40
20
0
0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
126


▲Up To Search▲   

 
Price & Availability of LNW8B3SF8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X