Part Number Hot Search : 
A1203 MS3126 23A10 E427405 RC4156N TLP124BV SK102 DF2S10FS
Product Description
Full Text Search
 

To Download LNP193014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PANEL DISPLAY UNITS
192 x 96 mm 1.8 mm x 1.25 mm 48 x 24 Dots
Outline Drawing
LNP193014
Absolute Maximum Ratings (Ta = 25C) Item Supply Voltage for Logic Supply Voltage for LED Input Voltage Operating Ambient Temperature Storage Temperature Main Specifications (Ta = 25C) Item Display Colors Dot Diameter Dots Pitch Dot Total Number Display Surface Size Brightness (when lighting all lamps) Operating Method Clock Frequency for Logic Supply Voltage Supply Current Supply Voltage for LED Supply Current Weight
As it is under development the standard values are for reference.
Symbol VCC VLED Vin Topr Tstg
Ratings - 0.3 + 5.5 Max 5.5 - 0.3 VCC + 0.3 - 10 + 45 - 25 + 80
Unit V V V C C
Symbol
Ratings Red, Green, Amber 1.6 x 1.25 4.0 1152 (48 x 24) 192 x 96
Unit mm mm mm cd/m2
B
R e d : 100 Green : 100 Controllable 1/24(Duty) Dynamic lighting Max 20 5.0 0.25 Max 100 5.0 0.2 Max 6.7 when two colors are all turned "ON" 100
CLK VCC ICC VLED ILED
MHz V mA V A g 367


▲Up To Search▲   

 
Price & Availability of LNP193014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X