Part Number Hot Search : 
46V12 EM316OS 15N25 1N5265A 1N4450 UNR31A9 C4134 AD871
Product Description
Full Text Search
 

To Download LNJ861L3SRA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED
Surface Mounting Chip LED
Unit : mm
GW Type
Type No. Lighting Color LNJ861L3SRA ************ Soft Orange
2.20.2 (1.7) 1 0.40.1 C 0.5 0.15
1.8max. 1.50.2 0.650.2
1
3.00.2 (2.5)
4.60.3
0 0.15
Absolute Maximum Ratings (Ta=25C)
Lighting Color Soft Orange
IFP
2
PD (mW) 60
IF (mA) IFP (mA) 20 60
VR (V) 3
Topr (C)
Tstg (C)
2
-25 +80 -30 +85
0.50.1 0.8max.
, duty 10%, Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1 : Anode 2 : Cathode
Electro-Optical Characteristics (Ta=25C)
Type No. LNJ861L3SRA Unit Lighting Color Soft Orange Lens Color Clear IO typ 3.5 mcd min 1.0 mcd IF 20 mA typ 2.1 V VF max 2.8 V P typ 610 nm typ 40 nm IF 20 mA max 10 A IR VR 3 V
IO (mcd)
IF (mA)
50 30 10
50 30
IO (%)
100
IO
-
IF
Ta=25C
100
IF
-
VF
Ta=25C
1000 500 300
IO
-
Ta
Forward Current
5 3 1 0.5 0.3 0.1 1
10 5 3
Relative Luminous Intensity 1.6 1.8 2.0 2.2 2.4
Luminous Intensity
100 50 30
1 3 5 10 30 50 100
10 -20
0
20
40
60
80
100
Forward Current
IF (mA) -
Forward Voltage
VF (V)
Forward Current IF (mA)
Ambient Temperature
Ta (C)
(%)
Relative Luminous Intensity Wavelength Characteristics 100 IF=20mA Ta=25C Directive Characteristics 30 40 60 40 20 0 550 50 60 70 80 90 600 Wavelength 650 700 100 80 60 40 20 0 20 40 60 80 100 80 60 40 20 20 10 0 10 20 100 30 40 50 60
25
IF -
Ta
Relative Luminous Intensity
20
80
15
10
70 80 90
5 0 0
20
40
60
80
100
p (nm)
Relative Luminous lntensity
(%)
Ambient Temperature
Ta (C)
-1-


▲Up To Search▲   

 
Price & Availability of LNJ861L3SRA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X