Part Number Hot Search : 
TSC691E STA6610 2SC409 C2951 FR154G DSP10 1502A F1100
Product Description
Full Text Search
 

To Download LNJ808R88RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra Hight Bright Surface Mounting Chip
InGaAIP SS Type
LED
1.6 0.2 (0.2)
0.8 0.1
Unit: mm
Conventional Part No.
Global Prat No.
Lighting Color
LNJ408K84RA ********** LNJ408K84RA ********* Amber LNJ808R88RA ********** LNJ808R88RA ********* Orange
0.8 0.1
1.1 0.1
0.25 0.1
0.9 0.1
s Adsolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Amber 50 20 60 4 -25 +85 -30 +100 Orange 50 20 60 4 -25 +85 -30 +100
IFP. duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1 1.0 0.1 1 2
2
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Lighting IO Lens Color Part No. Color Typ Min LNJ408K84RA Amber Yellow Diffused 10.5 4.0 LNJ808R88RA Orange Red Diffused 6.5 2.5 Unit mcd mcd - - VF IF 10 10 mA Typ 2.0 1.9 V Max 2.3 2.3 V P Typ 595 620 nm Typ 15 17 nm IR IF 10 10 mA Max 100 100 A VR 4 4 V
IOIF
30
84 RA
IF VF
100
IO Ta
Relative Luminous Intensity
500 300
10
Forward Current
Luminous Intensity
88R
5 3
J LN
A 8R J80
4
K 08
50 30
8K
LN
10 5 3
84R
A 8R R8 08 J8 LN
A
LN
1 0.5 0.3
J40
100 50 30
LNJ8 08R88 RA LNJ4 08K8 4RA
0.1 1
3
5
10
30
50 100
300
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80 LNJ808R88RA
IF Ta
25
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
LNJ408K84RA
20
15
10
5
0
0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
95


▲Up To Search▲   

 
Price & Availability of LNJ808R88RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X