Part Number Hot Search : 
D7N60C3 TKE0303D MAX188 BZX84C12 29LV128 C548C MS51D AT24C16
Product Description
Full Text Search
 

To Download LNJ115W8PRA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mounting Chip LED
TSS Bi-Color Type
2 1 4 3 1.1 0.1
0.18 0.1
Unit: mm
Conventional Part No.
Global Parts No.
Lighting Color
0.55 0.1
LNJ115W8PRA ********** LNJ115W8PRA ********** Green / Red
0.3 0.1
0.3 0.1
0.4 0.1 0.4 0.1
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Green 60 20 60 4 -30 +85 -40 +100 Red 50 20 60 3 -30 +85 -40 +100
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1.25 0.15
1.6 0.15
2 4
1 3
Red Green
1: Anode 2: Cathode 3: Anode 4: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LNJ115W8PRA Unit Lighting IO Lens Color Color Typ Min Green 5.0 1.8 White Diffused 6.7 2.2 Red - mcd mcd - VF IF 10 10 mA Typ 2.03 1.72 V Max 2.6 2.5 V P Typ 565 655 nm Typ 30 20 nm IR IF 10 10 mA Max 100 100 A VR 4 3 V
IO IF
30 Red 100 10 50
IF VF
Relative Luminous Intensity
500 300 Red 100 50 30 Green
IO Ta
Luminous Intensity
5 3
Forward Current
Green
30 Red Green 10 5 3
1 0.5 0.3
0.1 1
3
5
10
30
50 100
300
1
1.6
1.8
2.0
2.2
2.4
10
-20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
IF Ta
25
Relative Luminous Intensity
100 80 60 40 20 0 500
Directive Characteristics
Green Red 40 50 60 70 80 550 600 650 700 90 100 Red 80 60 40 20 40 20 0 20 40 60 80 Green 20 10 30 80 60 60 70 0 10 20 30 40 50
Forward Current
20
15 Green Red
10
5 80 90 100 0 0 20 40 60 80 100
Wavelength
Relative Luminous Intensity Ambient Temperature
68


▲Up To Search▲   

 
Price & Availability of LNJ115W8PRA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X