Part Number Hot Search : 
5557R6 LN373GPH S1L53352 2SK635 ATMEGA KM3702AQ GLC555 B07P03
Product Description
Full Text Search
 

To Download LNCQ03PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor Laser
LNCQ03PS
Red Light Semiconductor Laser
For optical control systems
1.00.1 0.40.1 o5.6 +0 -0.025 o4.4 o3.550.1
Unit : mm
2 Reference slot
High output operations with oscillatins wavelength of 660nm : 35mw Low threshold current Stable single horizontal mode osillation Space saved by miniaturization Low astigmatic difference facilitates good concentrated light spot, production.
1101
Features
PD 3 Junction plane o1.0 min. Reference plane 1
LD
2.3 1.270.07 0.25
Reference plane 1.2
3-o0.45 6.5
Applications
DVD-Ram Pointer
o2.0 1 2 Bottom view 3 1: LD Anode 2: Common Case 3: PD Cathode
Absolute Maximum Ratings (Ta = 25C)
Parameter Radiant power Reverse voltage Power dissipation Operating ambient temperature Storage temperature Laser PIN Symbol PO VR VR (PIN) Pd (PIN) Topr Tstg Ratings 35 1.5 30 60 -10 to +60 - 40 to +85 Unit mW V V mW C C
Electro-Optical Characteristics (Ta = 25C)
Parameter Threshold current Operating current Operating voltage Symbol Ith IOP VOP RS L SE
Horizontal direction Vertical direction
Conditions CW CW PO = 30mW CW PO = 30mW CW PO = 30mW CW PO = 30mW CW PO = 30mW CW PO = 30mW CW PO = 30mW CW PO = 30mW CW PO = 4mW CW PO = 4mW
min 20 50 2.0 3.0 635 0.5 7.5 17 -2.0 -3.0
typ 50 95 2.5 5.0 660 0.7 8.5 22
max 70 120 3.0 10 675 1.1 10.5 26.5 +2.0 +3.0
Unit mA mA V nm W/A deg. deg. deg. deg. m
Resistance between electrodes
Oscillation wavelength Slope efficiency Radiation angle Optical axis accuracy
*1 *2 *3
// X Y As*2
X direction Y direction
Astigmatic difference
5.0
10
// and are the angles where the optical intencity is a half of its max. value.( half full angle ) Reference to package axis. Guaranteed value in design.
1
Semiconductor Laser
LNCQ03PS
PO -- IOP
80 160 Ta = 25C
I--V
100
Far field pattern
Radiant power PO (mW)
60
120
Relative radiant power PO
75
40
I (mA)
80
50
20
Current
40
25 Fv Fh
0
0
50
100
150
200
0
0
1
2
3
4
0 60
40
20
0
20
40
60
Operating current IOP (mA)
Voltage V (V)
Angle (deg.)
Ith -- Ta
10 2 10 3
IOP -- Ta
0.4
IP -- Ta
IOP (mA)
Ith (mA)
IP (A) PIN photo current
0 20 40 60 80 10 2 10
0.3
Threshold current
Operating current
10
0.2
0.1
1
0
20
40
60
80
0 -20
0
20
40
60
Ambient temperature Ta (C )
Ambient temperature Ta (C )
Ambient temperature Ta (C )
PO -- Ta
50 10 2
Id -- Ta
VR (PIN) = 30V
40
10
Radiant power PO (mW)
PIN dark current Id (nA)
10 30 50 70
30
1
20
10 -1
10
10 -2
0 - 10
10 -3 - 10
10
30
50
70
Ambient temperature Ta (C )
Ambient temperature Ta (C )
2


▲Up To Search▲   

 
Price & Availability of LNCQ03PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X