Part Number Hot Search : 
IRFP254B 85102 8143V70M C15006 ERIES MC3336 BU606 2SC2634R
Product Description
Full Text Search
 

To Download LNC802PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor Laser
LNC802PS
GaAlAs Semiconductor Laser
o5.6 +0 -0.025 o4.30.1 o3.550.1 o1.0 min. Y 0.40.1 1101
Unit : mm
2
Features
Low threshold current Stable single horizontal mode oscillation Long lifetime, high reliability High radiant power : 50mW
X
LD 3
PD
1 Junction plane
1.00.1 2.30.2 1.27 0.25 Z
Reference slot Kovar glass LD pellet Reference plane o1.2 max. 3-o0.45 2
Optical disk memory Medical equipment
6.50.5
Optical data processing devices
0.5 max.
Applications
1.20.1
1 o2.0
3 1: LD Anode 2: Common Case 3: PD Cathode
Bottom view
Absolute Maximum Ratings (Ta = 25C)
Parameter Radiant power Reverse voltage Power dissipation Operating ambient temperature Storage temperature Laser PIN Symbol PO VR VR (PIN) Pd (PIN) Topr Tstg Ratings 50 1.5 30 100 -10 to +60 - 40 to +80 Unit mW V V mW C C
Electro-Optical Characteristics (Ta = 25C)
Parameter Threshold current Operating current Operating voltage Oscillation wavelength Radiation angle
Horizontal direction Vertical direction
Symbol Ith IOP VOP L //*1 *1 IP IR X Y CW
Conditions CW PO = 40mW CW PO = 40mW CW PO = 40mW CW PO = 40mW CW PO = 40mW CW PO = 36mW/I(40mW - 4mW) CW PO = 40mW, VR (PIN) = 5V VR (PIN) = 15V CW PO = 40mW CW PO = 40mW
min 10 45 815 7 18 0.6
typ 30 65 2.0 830 10 25 1.0
max 50 100 3.0 845 13 30 1.5
Unit mA mA V nm deg. deg. mA
Differential efficiency PIN photo current Reverse current (DC) Optical axis accuracy
*1
0.1 -2.0 -3.0 +2.0 +3.0
A deg. deg.
X direction Y direction
The radiation angle is indicated as half full angles.
1
Semiconductor Laser
LNC802PS
PO -- IOP
60 200 Ta = 25C 50
I--V
100
Far field pattern
PO (mW)
100
I (mA)
40
Relative radiant power PO
80
60
//
Radiant power
30
0
Current
40
20
-100 10
20
0
0
40
80
120
-200 -4
-2
0
2
4
0 40
20
0
20
40
Operating current IOP (mA)
Voltage V (V)
Angle (deg.)
Ith -- Ta
10 2 10 3
IOP -- Ta
60 PO = 40mW 50
PO -- Ta
IOP (mA)
Ith (mA)
PO (mW) Radiant power
10 30 50 70 10 2 10 - 10
40
Threshold current
Operating current
10
30
20
10
1 - 10
10
30
50
70
0 - 10
10
30
50
70
Ambient temperature Ta (C )
Ambient temperature Ta (C )
Ambient temperature Ta (C )
Id -- Ta
10 2 VR (PIN) = 15V
10
PIN dark current Id (nA)
1
10 -1
10 -2
10 -3 - 10
10
30
50
70
Ambient temperature Ta (C )
2


▲Up To Search▲   

 
Price & Availability of LNC802PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X