Part Number Hot Search : 
31005 4C15T PS25451 2SK184BL 1N4148WT 0DPBF PNA4608M 4C15T
Product Description
Full Text Search
 

To Download LNC702PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor Laser
LNC702PS
GaAlAs Semiconductor Laser
o5.6 +0 -0.025 o4.30.1 o3.550.1 o1.0 min.
Unit : mm
2
Low threshold current Stable single horizontal mode oscillation Low drooping
0.40.1
1101
Features
LD 1 Junction plane Reference plane 1.00.1 3
PD
2.30.2 1.270.07 0.25
Reference slot
Applications
Optical data processing devices Laser beam printers
1.20.1
Reference plane
3-o0.45
6.50.5
2 1 o2.0 Bottom view 3 1: LD Anode 2: Common Case 3: PD Cathode
Absolute Maximum Ratings (Ta = 25C)
Parameter Radiant power Reverse voltage Power dissipation Operating ambient temperature Storage temperature Laser PIN Symbol PO VR VR (PIN) Pd (PIN) Topr Tstg Ratings 5 2 30 60 -10 to +60 - 40 to +85 Unit mW V V mW C C
Electro-Optical Characteristics (Ta = 25C)
Parameter Threshold current Operating current Operating voltage Oscillation wavelength Radiation angle
Horizontal direction Vertical direction
Symbol Ith IOP VOP L*2 //*1 *1 IP IR X Y CW
Conditions CW PO = 5mW CW PO = 5mW CW PO = 5mW CW PO = 5mW CW PO = 5mW CW PO = 5mW, VR (PIN) = 5V VR (PIN) = 15V CW PO = 5mW CW PO = 5mW
min 15 20 780 8 20 0.3 -2.0 -3.0
typ 25 35 1.9 795 12 33 0.8
max 40 50 2.5 810 15 45 1.6 0.1 +2.0 +3.0
Unit mA mA V nm deg. deg. mA A deg. deg.
PIN photo current Reverse current (DC) Optical axis accuracy
*1 The *2 Sampling
X direction Y direction
radiation angle is indicated as half full angle. inspections are to be performed. On each wafer, n = 10 samplings are to be performed, with an evaluation criterion of zero rejects.
1
Semiconductor Laser
LNC702PS
PO -- IOP
6 200 Ta = 25C 5
I--V
100
Far field pattern
PO (mW)
100
I (mA)
4
Relative radiant power
PO
80
60
//
Radiant power
3
0
Current
40
2
-100 1
20
0
0
20
40
60
-200 -4
-2
0
2
4
0 40
20
0
20
40
Operating current IOP (mA)
Voltage V (V)
Angle (deg.)
Ith -- Ta
10 2 10 3
IOP -- Ta
900 PO = 5mW
IP -- Ta
VR (PIN) = 5V PO = 5mW
IOP (mA)
Ith (mA)
IP (A) PIN photo current
10 30 50 70 10 2 10 - 10
800
Threshold current
Operating current
10
700
600
1 - 10
10
30
50
70
500 -10
10
30
50
70
Ambient temperature Ta (C )
Ambient temperature Ta (C )
Ambient temperature Ta (C )
PO -- Ta
10 10 2
Id -- Ta
VR (PIN) = 15V
8
10
PO (mW)
PIN dark current Id (nA)
6
1
Radiant power
4
10 -1
2
10 -2
0 - 10
10
30
50
70
10 -3 - 10
10
30
50
70
Ambient temperature Ta (C )
Ambient temperature Ta (C )
2


▲Up To Search▲   

 
Price & Availability of LNC702PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X