Part Number Hot Search : 
FMS9875 14051 HCS473 KM155TM7 AOD9N40 32C56 T1080E MAZW062H
Product Description
Full Text Search
 

To Download LN518YK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Numeric Display
1 Digit 20.32 mm (.8") Series
Conventional Part No. Global Prat No. Lighting Color
20.0 0.25 8
Unit: mm
Terminal Connection
Pin Assignment No. 1 Cathode a 2 Cathode f Common Anode Cathode e Common Anode Cathode dp1 Common Anode Cathode dp2 Cathode d Common Anode Cathode c Cathode g Cathode b Common Anode 3
Assignment Anode a Common Cathode Anode e Common Cathode Anode dp1 Common Cathode Anode dp2 Anode d Common Cathode Anode c Anode g Anode b Common Cathode
11.0 1.27 8.25 8.25
2 - 1.6
a 1 2 3 4 5 6 7 f gb ec dp d dp 14 13 12 11 10 9 8
5 6 7 8 9 10 11 12 13 14
1.0
4
3.5 Min 8.4 0.25
Anode f
0.3 15.24 0.38
V Lead wire dimension
s Lighting Color Amber Orange
IFP
Absolute Maximum Ratings (Ta = 25C) PD(mW) 60 60 IF(mA) 20 20 IFP(mA) 100 100 VR(V) 5 3 Topr(C) -25 +80 -25 +80 Tstg(C) -30 +85 -30 +85
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
s Conventional Part No. LN518YA LN518YK LN518OA LN518OK Unit
10000
Electro-Optical Characteristics (Ta = 25C) Lighting Color Amber Amber Orange Orange - Common Anode Cathode Anode Cathode - IO / seg IO /d.p Typ Min Typ 800 300 300 800 300 300 1200 300 500 1200 300 500 cd cd cd
100 25
IF 10 10 10 10 mA
Typ 2.2 2.2 2.1 2.1 V
VF Max 2.8 2.8 2.8 2.8 V
P Typ 590 590 630 630 nm
Typ 30 30 40 40 nm
IF 20 20 20 20 mA
IR Max 10 10 10 10 A
2.54
VR 5 5 3 3 V
IO IF
IO (cd) Luminous Intensity
5000 50
IF VF
IF (mA) Forward Current
IF Ta
20
L LN N51 51 8Y 8Y A K
L LN N51 51 8O 8O A K
3000
IF (mA) Forward Current
30
1000 500 300
10 5 3
L LN N51 51 8YA 8Y K
L LN N5 51 18O 8O A K
15
10
5
100 1
3
5
10
30
50
100
1
0 1.6 1.8 2.0 2.2 2.4
0
20
40
60
80
2.54 x 7 = 17.78
100
LN518YA ****************** LNM418AA03 ********** LN518YK ****************** LNM418KA03 ********** LN518OA ****************** LNM818AA03 ********** LN518OK ****************** LNM818KA03 **********
Amber Amber Orange Orange
27.7 0.25
20.32
IF (mA) Forward Current
VF (V) Forward Voltage
0.77 9.4
Ta (C ) Ambient Temperature
0.5
295


▲Up To Search▲   

 
Price & Availability of LN518YK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X