Part Number Hot Search : 
MC283 MA3240 LB1950 11084 AM27C010 FP40R12 0610120 R5D10
Product Description
Full Text Search
 

To Download LN21WPHL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Round Type
5.0 mm Series
2.0 Max. NOT SOLDERED
5.0 0.2
Unit: mm
8.65 0.2 4.15 1.3 12.0 1.0
Conventional Part No.
Global Prat No.
Lighting Color
LN21RPHL *************** LNG201RDR ************** Red LN21RCPHL ************* LNG201LDR ************** Red LN21WPHL ************** LNG201WDR ************* Red LN21CPHL *************** LNG201CDR ************** Red s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Red 70 150 25 4 -25 +85 -30 +100
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1.0
2 - 1.0 0.1 2 - 0.6 0.1
1.0
0.6 0.1
2.54 1 2
6.0 0.2
1.5
2.5
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN21RPHL LN21RCPHL LN21WPHL LN21CPHL Unit
10 5
HL CP L 1R PH 2C LN 21 L LN PH L 1R PH N2 1W L2 LN
Lighting Color Red Red Red Red -
Typ Red Diffused 3.0 Red Clear 5.0 White Diffused 3.0 Clear 5.0 mcd -
100
Lens Color
IO Min 1.0 2.5 1.0 2.0 mcd IF 15 15 15 15 mA Typ 2.2 2.2 2.2 2.2 V
VF Max 2.8 2.8 2.8 2.8 V
P Typ 700 700 700 700 nm
Typ 100 100 100 100 nm
IR IF 20 20 20 20 mA Max 5 5 5 5 A VR 4 4 4 4 V
IO IF
50
IF VF
Reletive Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
3
30
1 0.5 0.3
10 5 3
100 50 30
0.1 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 LN21RPHL LN21WPHL 60 40 20 40 20 0 20 LN21RPHL LN21WPHL 40 60 80 60 70 80 90 100 80
IF Ta
50
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
40
30
20
10 0 0 20 40 60 80 100
Wavelength
Relative Luminous Intensity
Ambient Temperature
129


▲Up To Search▲   

 
Price & Availability of LN21WPHL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X