Part Number Hot Search : 
2SD2426 4001G BZT52C36 C101M MC1489 SNA31 LC104B CD7377CZ
Product Description
Full Text Search
 

To Download LMUN5237T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-70/SOT-323 package which is designed for low power surface mount applications. * * * * Simplifies Circuit Design Reduces Board Space Reduces Component Count The SC-70/SOT-323 package can be soldered using wave or
LMUN5211T1 SERIES
3
1 2
SC-70 / SOT-323
PIN 1 BASE (INPUT)
R1
PIN 3 COLLECTOR (OUTPUT)
R2
PIN 2 EMITTER (GROUND)
reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 8 mm embossed tape and reel Use the Device Number to order the 7 inch/3000 unit reel. * Pb-Free package is available
MARKINGDIAGRAM
8X
M
DEVICE MARKING INFORMATION See specific marking information in the device marking table on page 2 of this data sheet.
8x = Specific Device Code x = (See Marking Table) M= Date Code
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance - Junction-to-Ambient Thermal Resistance - Junction-to-Lead Junction and Storage Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad Symbol PD Max 202 (Note 1.) 310 (Note 2.) 1.6 (Note 1.) 2.5 (Note 2.) 618 (Note 1.) 403 (Note 2.) 280 (Note 1.) 332 (Note 2.) -55 to +150 Unit mW mW/C C/W C/W C
RJA RJL TJ, Tstg
LMUN5211T1 Series-1/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
DEVICE MARKING RESISTOR VALUES AND ORDERING INFORMATION
Device LMUN5211T1 LMUN5211T1G LMUN5212T1 LMUN5212T1G LMUN5213T1 LMUN5213T1G LMUN5214T1 LMUN5214T1G LMUN5215T1(Note 3) LMUN5215T1G LMUN5216T1(Note 3) LMUN5216T1G LMUN5230T1(Note 3) LMUN5230T1G LMUN5231T1(Note 3) LMUN5231T1G LMUN5232T1(Note 3) LMUN5232T1G LMUN5233T1(Note 3) LMUN5233T1G LMUN5234T1(Note 3) LMUN5234T1G LMUN5235T1(Note 3) LMUN5235T1G LMUN5236T1(Note 3) LMUN5236T1G LMUN5237T1(Note 3) LMUN5237T1G Package SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 SC-70/SOT-323 Marking 8A 8A(Pb-Free) 8B 8B(Pb-Free) 8C 8C(Pb-Free) 8D 8D(Pb-Free) 8E 8E(Pb-Free) 8F 8F(Pb-Free) 8G 8G(Pb-Free) 8H 8H(Pb-Free) 8J 8J(Pb-Free) 8K 8K(Pb-Free) 8L 8L(Pb-Free) 8M 8M(Pb-Free) 8N 8N(Pb-Free) 8P 8P(Pb-Free) R1(K) 10 10 22 22 47 47 10 10 10 10 4.7 4.7 1 1 2.2 2.2 4.7 4.7 4.7 4.7 22 22 2.2 2.2 100 100 47 47 1 1 2.2 2.2 4.7 4.7 47 47 47 47 47 47 100 100 22 22 R2(K) 10 10 22 22 47 47 47 47 Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel
3. New devices. Updated curves to follow in subsequent data sheets.
LMUN5211T1 Series-2/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) LMUN5211T1 LMUN5212T1 LMUN5213T1 LMUN5214T1 LMUN5215T1 LMUN5216T1 LMUN5230T1 LMUN5231T1 LMUN5232T1 LMUN5233T1 LMUN5234T1 LMUN5235T1 LMUN5236T1 LMUN5237T1 ICBO ICEO IEBO - - - - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.2 0.05 0.13 - - nAdc nAdc mAdc
Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (Note 4.) (IC = 2.0 mA, IB = 0)
V(BR)CBO V(BR)CEO
Vdc Vdc
ON CHARACTERISTICS (Note 4.)
DC Current Gain (VCE = 10 V, IC = 5.0 mA) LMUN5211T1 LMUN5212T1 LMUN5213T1 LMUN5214T1 LMUN5215T1 LMUN5216T1 LMUN5230T1 LMUN5231T1 LMUN5232T1 LMUN5233T1 LMUN5234T1 LMUN5235T1 LMUN5236T1 LMUN5237T1 hFE 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 80 - 60 100 140 140 350 350 5.0 15 30 200 150 140 150 140 - - - - - - - - - - - - - - - 0.25 Vdc
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA) (IC = 10 mA, IB = 5 mA) LMUN5230T1/LMUN5231T1 (IC = 10 mA, IB = 1 mA) LMUN5215T1/LMUN5216T1/ LMUN5232T1/LMUN5233T1/LMUN5234T1 Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k) LMUN5211T1 LMUN5212T1 LMUN5214T1 LMUN5215T1 LMUN5216T1 LMUN5230T1 LMUN5231T1 LMUN5232T1 LMUN5233T1 LMUN5234T1 LMUN5235T1 LMUN5213T1 LMUN5236T1 LMUN5237T1
VCE(sat)
VOL - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Vdc
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 5.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 k)
4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
LMUN5211T1 Series-3/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS (Note 5.) (Continued)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k) LMUN5230T1 LMUN5215T1 (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k) LMUN5216T1 LMUN5233T1 Input Resistor LMUN5211T1 LMUN5212T1 LMUN5213T1 LMUN5214T1 LMUN5215T1 LMUN5216T1 LMUN5230T1 LMUN5231T1 LMUN5232T1 LMUN5233T1 LMUN5234T1 LMUN5235T1 LMUN5236T1 LMUN5237T1 LMUN5211T1/LMUN5212T1/LMUN5213T1/ LMUN5236T1 LMUN5214T1 LMUN5215T1/LMUN5216T1 LMUN5230T1/LMUN5231T1/LMUN5232T1 LMUN5233T1 LMUN5234T1 LMUN5235T1 LMUN5237T1 VOH 4.9 - - Vdc
R1
7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 70 32.9 0.8 0.17 - 0.8 0.055 0.38 0.038 1.7
10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 1.0 0.21 - 1.0 0.1 0.47 0.047 2.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 130 61.1 1.2 0.25 - 1.2 0.185 0.56 0.056 2.6
k
Resistor Rati
R1/R2
5. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
350 PD, POWER DISSIPATION (mW) 300 250 200 150 100 50 0 -50 RJA = 403C/W 0 50 100 TA, AMBIENT TEMPERATURE (C) 150
Figure 1. Derating Curve
LMUN5211T1 Series-4/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - LMUN5211T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 0.1 75C 1000 hFE , DC CURRENT GAIN (NORMALIZED) VCE = 10 V TA = 75C 25C -25C
100
0.01
0.001
0
20 40 IC, COLLECTOR CURRENT (mA)
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
4 f = 1 MHz IE = 0 V TA = 25C
100 75C IC, COLLECTOR CURRENT (mA) 10 1 0.1
25C TA = -25C
Cob , CAPACITANCE (pF)
3
2
1
0.01 VO = 5 V 0 1 2 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 25C 75C 1
0.1
0
10
40 20 30 IC, COLLECTOR CURRENT (mA)
50
Figure 6. Input Voltage versus Output Current
LMUN5211T1 Series-5/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - LMUN5212T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 75C 1000 hFE, DC CURRENT GAIN (NORMALIZED) VCE = 10 V TA = 75C 25C -25C 100
0.1
0.01
0.001
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
4 f = 1 MHz IE = 0 V TA = 25C
100 IC, COLLECTOR CURRENT (mA) 10 1 0.1 0.01
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
2
1
VO = 5 V 0 0 10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 50 0.001 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 75C 25C
1
0.1
0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Voltage versus Output Current
LMUN5211T1 Series-6/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - LMUN5213T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 IC/IB = 10 1000
hFE , DC CURRENT GAIN (NORMALIZED)
VCE = 10 V TA = 75C 25C -25C
1 TA = -25C 0.1 25C 75C
100
0.01
0
20 40 IC, COLLECTOR CURRENT (mA)
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 12. VCE(sat) versus IC
Figure 13. DC Current Gain
1 0.8 Cob , CAPACITANCE (pF) 0.6 0.4 0.2 0
IC, COLLECTOR CURRENT (mA)
f = 1 MHz IE = 0 V TA = 25C
100 75C 10 1 0.1 0.01
25C TA = -25C
VO = 5 V 0 10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 50 0.001 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 25C 75C
1
0.1
0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 16. Input Voltage versus Output Current
LMUN5211T1 Series-7/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
TYPICAL ELECTRICAL CHARACTERISTICS - LMUN5214T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 75C hFE, DC CURRENT GAIN (NORMALIZED) 300 250 200 150 100 50 0 1 2 4 6 8 10 15 20 40 50 60 70 80 IC, COLLECTOR CURRENT (mA) 90 100 VCE = 10 TA = 75C 25C -25C
0.1
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
Figure 17. VCE(sat) versus IC
Figure 18. DC Current Gain
4 3.5 Cob , CAPACITANCE (pF) 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 VR, REVERSE BIAS VOLTAGE (VOLTS) 40 45 50 f = 1 MHz lE = 0 V TA = 25C
100 TA = 75C IC, COLLECTOR CURRENT (mA) 25C
-25C 10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 25C 75C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 21. Input Voltage versus Output Current
LMUN5211T1 Series-8/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
TYPICAL APPLICATIONS FOR NPN BRTs
+12 V
ISOLATED LOAD
FROM P OR OTHER LOGIC
Figure 22. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
+12 V
VCC
OUT IN LOAD
Figure 23. Open Collector Inverter: Inverts the Input Signal
Figure 24. Inexpensive, Unregulated Current Source
LMUN5211T1 Series-9/10
LESHAN RADIO COMPANY, LTD.
LMUN5211T1 Series
SC-70 / SOT-323
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
A L
3
DIM A B C D G H J K L N S
S
1 2
B
D G
C 0.05 (0.002)
N K
J
INCHES MILLIMETERS MIN MA X MIN MA X 0.071 0.087 1.80 2.20 0.045 0.053 1.15 1.35 0.032 0.040 0.80 1.00 0.012 0.016 0.30 0.40 0.047 0.055 1.20 1.40 0.000 0.004 0.00 0.10 0.004 0.010 0.10 0.25 0.017 REF 0.425 REF 0.026 BSC 0.650 BSC 0.028 REF 0.700 REF 0.079 0.095 2.00 2.40
H
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
LMUN5211T1 Series-10/10


▲Up To Search▲   

 
Price & Availability of LMUN5237T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X