Part Number Hot Search : 
FAN6753 2SK2884 TS10QE2 2G102K D45H11 TA100PA SF36G MT8952B
Product Description
Full Text Search
 

To Download LMUN2237LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistors
NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications.
LMUN2237LT1
* Simplifies Circuit Design * Reduces Board Space * Reduces Component Count
PIN 2 BASE (INPUT) R1 R2 PIN 3 COLLECTOR (OUTPUT) PIN 1 EMITTER (GROUND)
CASE 318-08, STYLE 6 SOT- 23 (TO-236AB)
ESD Rating -
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance - Junction-to-Ambient Thermal Resistance - Junction-to-Lead Junction and Storage Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad Symbol PD Max 230 (Note 1) 338 (Note 2) 1.8 (Note 1) 2.7 (Note 2) 540 (Note 1) 370 (Note 2) 264 (Note 1) 287 (Note 2) -55 to +150 Unit mW C/W C/W C/W C
RJA RJL TJ, Tstg
LMUN2237LT1-1/4
LESHAN RADIO COMPANY, LTD.
LMUN2237LT1
DEVICE MARKING AND RESISTOR VALUES
Device LMUN2237LT1 Package SOT-23 Marking A8P R1 (K) 47 R2 (K) 22
3. New devices. Updated curves to follow in subsequent data sheets.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 40 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 40 V, IB = 0) Emitter-Base Cutoff Current (VBE = 6.0 V, IC = 0) Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (Note 4) (IC = 2.0 mA, IB = 0) ICBO ICEO IEBO V(BR)CBO V(BR)CEO - - - 50 50 - - - - - 50 50 0.13 - - nAdc nAdc mAdc Vdc Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain (VCE = 10 V, IC = 5.0 mA) Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 5 mA) Output Voltage (on) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 k) Input Resistor Resistor Ratio 4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0% hFE VCE(sat) VOL R1 R1/R2 80 140 - -
-
0.25 0.2 61.1 2.6
Vdc Vdc k
- 32.9 1.7
- 47 2.1
350 PD, POWER DISSIPATION (mW)
250 200 150 100 50 0 -50 RJA = 370C/W 0 50 100 TA, AMBIENT TEMPERATURE (C) 150
Figure 1. Derating Curve
LMUN2237LT1-2/4
LESHAN RADIO COMPANY, LTD.
TYPICAL ELECTRICAL CHARACTERISTICS - LMUN2237LT1
VCE(sat), COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 75C 0.1 hFE, DC CURRENT GAIN 1000 VCE = 10 V 75C 100 TA = -25C 25C
10
0.01 0 5 10 20 30 15 25 IC, COLLECTOR CURRENT (mA) 35 40
1
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. V CE(sat) versus IC
Figure 3. DC Current Gain
2 1.8 Cob, CAPACITANCE (pF) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 5 f = 1 MHz lE = 0 V TA = 25C 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 IC, COLLECTOR CURRENT (mA)
100
75C TA = -25C 25C
10
1
0.1
0.01
VO = 5 V 0 2 4 6 8 10 12 Vin, INPUT VOLTAGE (VOLTS) 14 16
0.001
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
100 Vin, INPUT VOLTAGE (VOLTS) VO = 0.2 V TA = -25C 25C 10 75C
1 0 5 15 25 10 20 30 IC, COLLECTOR CURRENT (mA) 35 40
Figure 6. Input Voltage versus Output Current LMUN2237LT1-3/4
LESHAN RADIO COMPANY, LTD.
LMUN2237LT1
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LMUN2237LT1-4/4


▲Up To Search▲   

 
Price & Availability of LMUN2237LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X