Part Number Hot Search : 
NCP1217A 5561K9F MAX15 08852 8710A K2698B P60P03 XXXGX
Product Description
Full Text Search
 

To Download LMFLSP100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LUMIMICRO - FLASH LED SPECIFICATION
FLASH WHITE LED
Super Luminosity White LED
MODEL: LMFLSP100
Customer
Model Issued Date
LMFLSP100 2003 - 11 - 20 Chip Type White LED
Checked By
Approved By
Description
Written By
Checked By
Approved by
Lumimicro Co., Ltd
362-43 Woncheon-dong,Yeongtonggu,, Suwon-si, Gyeonggi-do, Korea
Date: 2005-06-10, Tel:+82-31-213-9200, Fax: +8231-213-9210
LUMIMICRO CO., LTD
1/9
Features
[1] Built-in 3chip Super-luminosity Chip LED [2] Built-in zener Diode- Flash LED [3] Super-luminosity chip LED [4] Blue LED + Organic - Inorganic Phosphore [5] Using a package with high heat dissipation properties, it can be driven with a large current [6] Wide viewing angle [7] External dimensions: 5.0 x 5.0 x 1.5t mm [8] Lead frame package with individual 6 pin 3 LED Chip Die + 3 Port Zener Diode Model: LMFLSP100
Applications
[1] Camera Flash [2] Hand Carrier Flash
Outline Dimensions
Unit: mm, Tolerance: 0.1
LUMIMICRO CO., LTD
2/9
Absolute Maximum Ratings.
Parameter Power Dissipation Forward Current Forward Pulse Current Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol PD IF IPF VR TOT TST TSD Rating Value 300 90 180 5 -30 to +85 -40 to +100 Reflow: 240 for 10sec for 10sec Unit mW mA mA V
Hand Soldering: 350
* Duty ratio=1/10, Pulse width < 30ms.
Electro-optical Spec.
Parameter Forward Voltage 1 Forward Voltage 2 Luminous Intensity Symbol VF 1 VF 2 IV Condition IF=20m A/each chip IF=10uA IF=20mA/ each chip Min 1.8 2.5 Typ. 3.4 _ 4.0 Max 3.8 _ _ Unit V V cd
0.1V
The tolerance of Intensity measurement:
10%, The tolerance of VF measurement:
C.I.E
Green
Red
Blue
- The uncertainty of the C.I.E coordinates measurement:
0.01
LUMIMICRO CO., LTD
3/9
FLASH LED-LMFLSP100 - Optical & Electrical Characteristics
Ta = 25C
Ta = 25C
IF = 20mA/Chip
IF = 20mA/Chip
Spectrum Graph
Allowable Current per Chip
VF : Forward Voltage(V), IF : Forward Current(m A), Ta : Ambient Temperature(C)
LUMIMICRO CO., LTD
4/9
Directivity (LMFLSP100)
(LMFLSP100)
(LMFLSP100)
LUMIMICRO CO., LTD
5/9
Reliability Results
LUMIMICRO CO., LTD
6/9
Precautions For Use This device should not be used in any type of fluid such as water, oil, organic solvent, etc. When washing is required, IPA should be used. When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3months or more after being shipped from LUMIMICRO, sealed container with a nitrogen atmosphere should be used for storage. The LEDs must be dip soldered within seven days after opening the moisture-proof packing. Repack unused Products with anti-moisture packing, fold to close any opening and then store in dry place. The appearance and specifications of the product may be modified for improvement without notice. These LEDs are sensitive to the static electricity and surge. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. If Over voltage which exceeds the absolute maximum rating is applied to LEDs, it will cause damage in LEDs and result in destruction. Damaged LEDs will show some unusual characteristics such as remarkably increased leak current, turn-on voltage becomes lower and the LEDs get unlighted at low current. Soldering Condition
Temp.( )
Solder Dip Conditions The Immersion of leads into a solder bath @MAX260 shall be to 5 seconds max.
Preliminary heating to be at 150 max. for 2 minutes max. Soldering heat to be at 240 max. for 5 seconds max.
Not more than 5 seconds @MAX300 , under Soldering iron.
LUMIMICRO CO., LTD
7/9
Recommended Soldering Pad Size
Taping pocket Dimension
LUMIMICRO CO., LTD
8/9
Reel Dimensions
- Aluminum Bag
Aluminum Bag
L U MI MI C R O
MODEL : : : : : LMFLC2500 L1-C2 2004-03-27 3,000 EA *********
One Reel Max 750EA
Unit mm
Tolerance 0.1
RANK DATE QNT Lumi-No
L IMR UM IC O
LUM IC O IM R
Reel in a Bag 1 Reel
Silica in a Bag 1 Silica
Goods QNT in a Bag Max : 750ea
- Box Spec.
Box-L1
Dimensions (Width/Thickness) Unit:mm 275/ 285/ 50
Reels in Box 10
Goods QNT in Box Max : 7,500ea
LUMIMICRO CO., LTD
9/9
Label Spec.
Model Name Shipping Date Taping Quantity Lumimicro-Lot Number
Weight: 65.1 mg (Measurement Tolerance: 10 %)
LUMIMICRO CO., LTD


▲Up To Search▲   

 
Price & Availability of LMFLSP100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X