Part Number Hot Search : 
03220 48S15 3LP02M IRF6620 CL766 LTC1047C DF3D29FU FUES1B
Product Description
Full Text Search
 

To Download LMBT2222LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
NPN Silicon * Pb-Free Package May be Available. The G-Suffix Denotes a
Pb-Free Lead Finish
LMBT2222LT1 LMBT2222ALT1
3
1
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol V CEO V CBO V
EBO
2
2222 30 60 5.0 600
2222A 40 75 6.0 600
Unit Vdc Vdc Vdc mAdc
1 BASE 3 COLLECTOR
SOT- 23
IC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
2 EMITTER
RJA PD
ORDERING INFORMATION
Device Package SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
RJA TJ , Tstg
LMBT2222LT1
LMBT2222LT1G SOT-23 LMBT2222ALT1 SOT-23
DEVICE MARKING
LMBT2222LT1 = M1B; LMBT2222ALT1 = 1P
LMBT2222ALT1G SOT-23
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (I C = 10 mAdc, I B = 0) Collector-Base Breakdown Voltage LMBT2222 LMBT2222A LMBT2222 V V I
(BR)CBO
V
(BR)CEO
30 40 60 75 5.0 6.0 --
-- -- -- -- -- 10
Vdc
Vdc Vdc nAdc Adc
(I C = 10 Adc, I E = 0) LMBT2222A Emitter-Base Breakdown Voltage LMBT2222 (I E = 10 Adc, I C = 0) LMBT2222A Collector Cutoff Current LMBT2222A ( V CE = 60 Vdc, I EB(off) = 3.0Vdc) Collector Cutoff Current (V CB = 50 Vdc, I E = 0) LMBT2222 (V CB = 60 Vdc, I E = 0) LMBT2222A (V CB = 50 Vdc, I E = 0, T A = 125C) LMBT2222 (V CB = 60 Vdc, I E = 0, T A = 125C) LMBT2222A Emitter Cutoff Current (V EB = 3.0 Vdc, I C = 0) LMBT2222A Base Cutoff Current LMBT2222A (V CE = 60 Vdc, V EB(off) = 3.0 Vdc) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
(BR)EBO
CEX
I CBO -- -- -- -- I EBO I BL -- -- 0.01 0.01 10 10 100 20
nAdc nAdc
O4-1/5
LESHAN RADIO COMPANY, LTD.
LMBT2222LT1 LMBT2222ALT1
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) (Continued)
Characteristic Symbol hFE 35 50 75 35 100 50 30 40 VCE(sat) LMBT2222 LMBT2222A LMBT2222 LMBT2222A V BE(sat) LMBT2222 LMBT2222A LMBT2222 LMBT2222A -- 0.6 -- -- f 250 300 -- -- -- 2.0 0.25 --- 50 75 5.0 25 -- -- 1.3 1.2 2.6 2.0 -- -- 8.0 30 25 8.0 1.25 8.0 4.0 300 375 35 200 150 4.0 MHz pF pF k X 10 -- mhos
-4
Min
Max
Unit --
ON CHARACTERISTICS
DC Current Gain (I C = 0.1 mAdc, V CE = 10 Vdc) (I C = 1.0 mAdc, V CE = 10 Vdc) (I C = 10 mAdc, V CE = 10 Vdc) (I C = 10 mAdc, V CE = 10 Vdc,T A= -55C ) (I C = 150 mAdc, V CE = 10 Vdc) (3) (I C = 150 mAdc, V CE = 1.0 Vdc) (3) (I C = 500 mAdc, V CE = 10 Vdc)(3) Collector-Emitter Saturation Voltage(3) (I C = 150 mAdc, I B = 15 mAdc) (I C = 500mAdc, I B = 50 mAdc) Base-Emitter Saturation Voltage (I C = 150 mAdc, I B = 15 mAdc) (I C = 500 mAdc, I B = 50 mAdc) -- -- -- -- 300 -- -- -- Vdc -- -- -- -- 0.4 0.3 1.6 1.0 Vdc
LMBT2222A only
LMBT2222 LMBT2222A
SMALL-SIGNAL CHARACTERISTICS
Current-Gain -- Bandwidth Product(4) (I C = 20mAdc, V CE= 20Vdc, f = 100MHz) Output Capacitance(V CB = 10 Vdc, I E = 0, f = 1.0 MHz) Input Capacitance (V EB = 0.5 Vdc, I C = 0, f = 1.0 MHz) Input Impedance(V CE= 10 Vdc, I C = 1.0 mAdc, f = 1.0 kHz) (V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Voltage Feedback Ratio(V CE=10 Vdc, I C= 1.0mAdc, f =1.0kHz) (V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Small-Signal Current Gain(VCE=10Vdc,I C=1.0mAdc, f=1.0kHz) (V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Output Admittance(V CE=10 Vdc, I C = 1.0 mAdc,f =1.0 kHz) (V CE= 10 Vdc, I C = 10 mAdc, f = 1.0 kHz) Curren Base Time Comstant (V CB= 20 Vdc, I E = 20 mAdc, f = 31.8 MHz) Noise Figure(VCE=10Vdc, IC=100Adc, RS=1.0k, f =1.0kHz) LMBT2222 LMBT2222A LMBT2222 LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A LMBT2222A
T
C obo C ibo h ie h re h fe h oe
rb, C C NF
ps dB
SWITCHING CHARACTERISTICS
Delay Time Rise Time Storage Time Fall Time (V CC = 30 Vdc, V EB(off) = - 0.5 Vdc I C = 150 mAdc, I B1 = 15 mAdc) (V CC = 30 Vdc, I C = 150 mAdc I B1 = I B2 = 15 mAdc) td tr ts tf -- -- -- -- 10 25 225 60 ns ns
3. Pulse Test: Pulse Width <300 s, Duty Cycle <2.0%. 4.f T is defined as the frequency at which h fe extrapolates to unity.
O4-2/5
LESHAN RADIO COMPANY, LTD.
LMBT2222LT1 LMBT2222ALT1
SWITCHING TIME EQUIVALENT TEST CIRCUITS
+30 V +30 V
+ 16 V 0 1.0 to 100s, DUTY CYCLE ~ 2% ~
200
+ 16 V 0
1.0 to 100s, DUTY CYCLE ~ 2% ~
200
1.0 k C S* < 10 pF
- 2.0V <2.0 ns -14 V < 20 ns
1.0 k C S*< 10 pF 1N914
- 4.0 V
Scope rise time < 4.0ns *Total shunt capacitance of test jig, connectors, and oscilloscope.
Figure 1. Turn-On Time
Figure 2. Turn-Off Time
1000 700
h FE , DC CURRENT GAIN
500 300 200
V CE= 10 V V CE=1.0 V
T J = +125C
+25C
100 70 50 30 20 10 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100 20 300 500 700 1.0k
-55C
I C , COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
V CE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0
T J = 25C
0.8
0.6
0.4
I C=1.0 mA
10 mA
100mA
500mA
0.2
0 0.005 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50
I B , BASE CURRENT (mA)
Figure 4. Collector Saturation Region
O4-3/5
LESHAN RADIO COMPANY, LTD.
LMBT2222LT1 LMBT2222ALT1
200
100 70 50
I C /I B = 10 TJ= 25C
t , RISE TIME (ns)
t r @V CC= 30V t d@V EB(off) = 2.0V t d@V EB(off) =0
100 70 50
t 's= t s-1/8 t f
V CC= 30V I C/ I B= 10 I B1 = I B2 TJ= 25C
t , TIME (ns)
30 20
30 20
tf
10 7.0 5.0 3.0 2.0 5.0 7.0 10 20 30 50 70 100 200 300 500
10 7.0 5.0 5.0 7.0 10 20 30 50 70 100 200 300 500
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 5. Turn-On Time
Figure 6. Turn - Off Time
10
10
R S = OPTIMUM
8
I C = 1.0 mA, R S = 150 I C = 500 A, R S = 200 I C = 100 A, R S = 2.0 k I C = 50 A, R S = 4.0 k
RS = SOURCE RS = RESISTANCE
f = 1.0 kHz
8
NF, NOISE FIGURE (dB)
NF, NOISE FIGURE (dB)
6
6
I C=50 A 100 A 500 A 1.0 mA
4
4
2
2
0 0.01 0.02
0 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 50 100 200 500 1.0k 2.0k 5.0k 10k 20k 50k 100k
f , FREQUENCY (kHz)
R S, SOURCE RESISTANCE (k)
Figure 7. Frequency Effects
30 20
Figure 8. Source Resistance Effects
f T ,CURRENT- GAIN BANDWIDTH PRODUCT (MHz)
500
300
V CE = 20 V T J = 25C
CAPACITANCE (pF)
C eb
10 7.0 5.0
200
100
C cb
3.0 2.0 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 50
70 50 1.0 2.0 3.0 5.0 7.0 210 20 30 50 70 100
REVERSE VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT (mA)
Figure 9. Capacitance
Figure 10. Current- Gain Bandwidth Product
O4-4/5
LESHAN RADIO COMPANY, LTD.
LMBT2222LT1 LMBT2222ALT1
10
+0.5
T J = 25C
0.8 0
R VC for V CE(sat)
V, VOLTAGE ( VOLTS )
V BE(sat) @ I C /I B =10
0.6
COEFFICIENT (mV/ C)
1.0 V
- 0.5
V BE(on) @ V CE =10 V
0.4
-1.0
-1.5
0.2
-2.0
R VB for V BE
V CE(sat) @ I C /I B =10
0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1.0k - 2.5 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500
I C , COLLECTOR CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 11. "On" Voltages
Figure 12. Temperature Coefficients
O4-5/5


▲Up To Search▲   

 
Price & Availability of LMBT2222LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X