Part Number Hot Search : 
TDA8001T 74AC540 0300L A12BB ZVN3306F AT24C08 0459846 BD652
Product Description
Full Text Search
 

To Download LL5265B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet Description
1/2 Watt ZENER DIODES (2.4V to 62V)
Mechanical Dimensions
LL5221 . . . LL5265
DO-213AA (Mini-MELF)
Features
n 5 & 10% VOLTAGE TOLERANCES AVAILABLE n WIDE VOLTAGE RANGE n MEETS UL SPECIFICATION 94V-0 LL5221 . . . LL5265 ............................................. 500 ............................................... ............................................. 4 ............................................... Units mW mW / C C
Maximum Ratings DC Power Dissipation with TL = > = 75C ...PD Lead Length = .375 Inches Derate Above 50 C Operating & Storage Temperature Range...TJ, TSTRG Steady State Power Derating Steady State Power (W)
......................................... -65 to 100 ..........................................
Temperature Coefficients vs. Voltage Temperature Coefficient (mV/oC) Junction Capacitance (pF)
Typical Junction Capacitance
1 V Bias
0 V Bias
50% Vz Bias
Lead Temperature (C)
Zener Voltage (V) Zener Current vs. Zener Voltage
Zener Voltage (V)
Zener Current (mA)
Zener Voltage (V)
Page 10-46
Data Sheet
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix A. For 5% Tolerance, Specify Suffix B. (Example: LL5230B = 4.7V +/- 5%) 2. TA = 25 C unless otherwise specified. Measurements made at Thermal Equilibrium.
Lead Length = .375". Thermal Resistance of Heat Sink = 30C / W, VF = 1.1V Max. @ IF = 200mA
Electrical Characteristics @ 25 O C. Part # LL5221A LL5222A LL5223A LL5224A LL5225A LL5226A LL5227A LL5228A LL5229A LL5230A LL5231A LL5232A LL5233A LL5234A LL5235A LL5236A LL5237A LL5238A LL5239A LL5240A LL5241A LL5242A LL5243A LL5244A LL5245A LL5246A LL5247A LL5248A LL5249A LL5250A LL5251A LL5252A LL5253A LL5254A LL5255A LL5256A LL5257A LL5258A LL5259A LL5260A LL5261A LL5262A LL5263A LL5264A LL5265A or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or or B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B B Nominal Zener Voltage 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 Test Current I ZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 Z ZT @ I ZT () 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185
Max. Zener Impedance
Z ZK @ I ZK = 0.25mA () 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400
Max. Reverse Leakage Current @ VR
Max. Zener Voltage
IR (A) 100 100 75 75 50 25 15 10 5 5 5 5 5 5 5 3 3 3 3 3 2 1 .5 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1
VR (V) 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 15 16 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47
Temp. Coeff. of V Z (% / oC) -0.085 -0.085 -0.08 -0.08 -0.075 -0.07 -0.065 -0.06 +/- 0.055 +/- 0.03 +/- 0.03 + 0.038 + 0.038 + 0.045 + 0.050 + 0.058 + 0.062 + 0.065 + 0.068 + 0.075 + 0.076 + 0.077 + 0.079 + 0.082 + 0.082 + 0.083 + 0.084 + 0.085 + 0.086 + 0.086 + 0.087 + 0.088 + 0.089 + 0.090 + 0.091 + 0.091 + 0.092 + 0.093 + 0.094 + 0.095 + 0.095 + 0.096 + 0.096 + 0.097 + 0.097 Page 10-47
LL5221 . . . LL5265
1/2 Watt ZENER DIODES (2.4V to 62V)


▲Up To Search▲   

 
Price & Availability of LL5265B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X