Part Number Hot Search : 
SMD05 018EN01 LTC2321 F9NK90 TFS411A TA7666 ISL1202 MM5Z22V
Product Description
Full Text Search
 

To Download LL4148-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small-Signal Switching Diode
LL4148-G
Reverse Voltage:100V Forward Current: 150 mA
Features
Silicon Epitaxial Planar Diode Fast switching diode in MiniMELF case especially suited for automatic insertion. This diode is also available in other case styles including the standard 0603 case with the type designation CDSU4148, the standard 0805 case withthe type designation CDSS4148 and the standard 1206 case with the type designation CDSN4148
MiniMELF (SOD-80)
Mechanical Data
Case: MiniMELF Glass Case (SOD-80) Weight: approx. 0.05g Cathode Band Color: Black
Dimensions in mm
Maximum Ratings and Thermal Characteristics
Parameter Reverse Voltage Peak Reverse Voltage Forward DC Current at Tamb = 25C (1) Average Rectified Current: Half W ave Rectification with Resistive Load at Tamb = 25C f 50 Hz (1) Surge Forward Current at t < 1s and Tj = 25C Power Dissipation at Tamb = 25C
(1)
(TA = 25C unless otherwise noted)
Limit 75 100 200 150 500 500 350 300 175 -65 to +175 Unit V V mA mA mA mW C/W C/W C C
Symbol VR VRM IF IF(AV) IFSM Ptot ReJA RqJtp Tj TS
Thermal Resistance Junction to Am bient Air(2) Thermal Resistance Junction to tie-point Junction Temperature Storage Temperature
Electrical Characteristics
Parameter Forward Voltage Leakage Current Capacitance Voltage Rise when Switching ON
(tested with 50 mAForward Pulses)
(Tj = 25C unless otherwise noted)
Symbol VF IR Ctot Vfr trr Test Condition IF = 10mA VR = 20V VR = 75V VR = 20V, TJ = 150C VF = VR = 0 tp = 0.1s, Rise time<30ns fp = 5 to 100kHz IF = 10mA, IR = 1mA, VR = 6V, RL = 100U f = 100MHz, VRF = 2V Min -- -- -- -- -- -- -- 0.45 Typ -- -- -- -- -- -- -- -- Max 1 25 5 50 4 2.5 4 -- Unit V nA
A
A pF V ns --
Reverse Recovery Time Rectification Efficiency (See third page)
ci
Notes: (1) Valid provided that electrodes are kept at ambient temper ature (2) Device mounted on FR4 printed-circuit board
MDS0209003A Page 1
Small-Signal Switching Diode
Ratings and Characteristic Curves(TA = 25C unless otherwise noted)
MDS0209003A
Page 2
Small-Signal Switching Diode
Ratings and Characteristic Curves(TA = 25C unless otherwise noted)
Rectification Efficiency Measurement Circuit
MDS0209003A
Page 3


▲Up To Search▲   

 
Price & Availability of LL4148-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X