Part Number Hot Search : 
OP181GP GBU6A BAV20 PE2N2D TIC225A BAV20 2SD209 HV9930
Product Description
Full Text Search
 

To Download LL1570XL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 

Tibeliusgatan 7 S-761 50 NORRTALJE SWEDEN
Phone Fax
International +46 - 176 13930 +46 - 176 13935
Domestic 0176-13930 0176-13935
Transformers for splitting LL1570 and LL1570XL
The LL1570 is designed for splitting signals in application where large ground differences may appear, but is also very useful as a general purpose audio transformer. By careful design, the capacative coupling between the different part of the transformer is kept to a minimum. The three-section winding structure which is necessary for decoupling also results in a very high bandwidth. The transformer is built up from two coils, each with primary and secondary windings separated by electrostatic shields, and a high permeability mu-metal core. The two coil structure in combination with the mu-metal can results in high immunity to external magnetic fields. In the LL1570XL, the core is about 45% larger than in the LL1570, resulting in a larger level capability. Turns ratio: 1+1:1+1 Pin layout (viewed from component side) and winding schematics: 1
4 E1 3 EP LL1570 (top view) 2 E2 1 5 7 6 8
E2 5 6 8 7 E1
2 4 3 EP = Can and core
Spacing between pins 5.08 mm (0.2")
Spacing between rows of pins 27.94 mm (1.1")
Offset of earth pin from adjacent row: 2.54 mm (0.1") LL1570 38 x 24 x 17 48 g 50 50 0.1% @ + 6 dBU, 50 Hz 1 % < @ +16 dBU, 50 Hz > 250 kHz 2.8 k in series with 0.7 nF 10 Hz -- 200 kHz +/- 0.5 dB 4 kV / 2 kV / 2 kV
Recommended PCB hole diameter: 1.5 mm LL1570XL 38 x 24 x 20.5 65 g 62 62 0.1% @ + 9 dBU, 50 Hz 1 % < @ +19 dBU, 50 Hz > 250 kHz 2.8 k in series with 0.7 nF 10 Hz -- 200 kHz +/- 0.5 dB 4 kV / 2 kV / 2 kV
Dimensions (Max. L x W x H above PCB(mm)) Weight: Static resistance of each primary: Static resistance of each secondary: Distortion (primary level, primaries connected in series, source impedance 800 ) Self resonance point : Optimum load for best square-wave response (secondaries. in series): Frequency response (source 600, load as above, serial-serial connections): Isolation winding-winding / winding-shield / shield-shield Serial-serial connection (1 : 1) for line input or output
Parallel-parallel connection (1 : 1) (e.g. mic input)
Parallel-serial connection (1 : 2) (e.g. mic. input)
+
4 3 2 1 EP
E1
8 7
+
+
4 3 2 1 EP
E1
8 7 6
+
+
4 3 2 1 EP
E1
8 7
+
E2
6 5
E2 5
E2
6 5
Parallel-split connection with separate grounds (1 : 1 + 1)
4 E1 3 2 EP E2 7 6 5 8
+
+
1
+
R980616


▲Up To Search▲   

 
Price & Availability of LL1570XL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X