Part Number Hot Search : 
21000 MUR80 UPD42270 1500ECMC LC72322 AOXYY LD3501 7N0603
Product Description
Full Text Search
 

To Download LL103C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL103A - LL103C
FEATURES :
* For general purpose applications * The LL103A, B, C series is a metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring. * The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steering, biasing and coupling diodes for fast switching and low logic level applications. * Other applications are click suppression, efficient full wave bridges in telephone subsets, and blocking diodes in rechargeable low voltage battery systems. * These diodes are also available in the DO-35 case with type designation SD103A, B, C * Pb / RoHS Free
SCHOTTKY BARRIER DIODES
MiniMELF (SOD-80C)
Cathode Mark
0.063 (1.64)
0.055 (1.40) 0.019(0.48) 0.011(0.28)
0.142(3.6) 0.134(3.4)
Mounting Pad Layout
0.098 (2.50) Max. 0.049 (1.25)Min. 0.079 (2.00)Min.
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80C) Weight: approx. 0.05g
0.197 (5.00) REF
Dimensions in inches and ( millimeters )
25 C ambient temperature unless otherwise specified.)
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
LL103A Repetitive Peak Reverse Voltage LL103B
Symbol
VRRM
Value
40 30 20
Unit
V
LL103C Single Cycle Surge 60 Hz Sine Wave Power Dissipation (Infinite Heatsink) Thermal Resistance Junction to Ambient Air Junction Temperature Storage temperature range
Note: (1) Valid provided that electrodes are kept at ambient temperature.
IFSM PD RJA TJ TS
15 400 300
(1) (1)
A mW C/W C C
125 -55 to + 150
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter
Reverse Current LL103A LL103B LL103C
Symbol
IR
Test Condition
VR = 30 V VR = 20 V VR = 10 V IF = 20mA IF = 200mA VR = 0 V, f = 1MHz IF = IR = 5mA to 200mA recover to 0.1IR
Min -
Typ 50 10
Max 5 5 5 0.37 0.6 -
Unit A
Forward Voltage Drop Diode Capacitance Reverse Recovery Time
VF Cd Trr
V pF ns
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( LL103A - LL103C )
Typical variation of forward current and forward voltage for primary conduction through the schottky barrier 10
3
Typical high current forward conduction curve tp = 300ms , duty cycle = 2% 5
Forward Current , IF (mA)
10
Forward Current , IF (A)
10
2
4
3
1
2
10-1
1
10-2 0 0.5 Forward Voltage , VF (V) 1
0 0 0.5 1 1.5 Forward Voltage , VF (V)
Typical non repetitive forward surge current versus pulse width Rectangular pulse 50
103
Typical variation of reverse current at various temperatures
Ta =125C 40 Reverse Current , IR (A) Forward Current , IF (A)
102
30
10
20
10
1
25C
0 10
-3
10-1
10
-2
10
-1
1
10
10
2
10
3
0
10
20
30
40
50
Pulse Test , tp (ms)
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of LL103C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X