Part Number Hot Search : 
E1209 2SD17 LTC24 DUG10C3 UN1117 ASRD814 ASRD814 SB130
Product Description
Full Text Search
 

To Download LJ600600-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Class J Fuse Blocks
600 Volt
SPECIFICATIONS
Voltage Ratings: 600 Volts Ampere Ratings: 0 - 600 amperes Approvals: UL Listed: File No. E14721 CSA Certified: File No. LR73091
RECOMMENDED FUSES
JTD_ID/JTD (time-delay) and JLS (fast-acting) series fuses For use with space-saving, high interrupting capacity, very current-limiting 600 volt Class J fuses.
Class J 600V
Amp No. of Rating Poles 1 2 3 Adder 1 2 3 1 3 1 3 1 3 1 3 Catalog Number LJ60030-1 LJ60030-2 LJ60030-3 LJ60030-A LJ60060-1 LJ60060-2 LJ60060-3 LJ60100-1 LJ60100-3 LJ60200-1 LJ60200-3 LJ60400-1 LJ60400-3 LJ60600-1 LJ60600-3 Connector Type (Add suffix shown)
Screw Pressure Plate Box Lug
Maximum Wire Size
30
S (R) S (R) S (R) S (R)
P (R) P (R) P (R) P (R)
60 100 200 400
FEATURES/BENEFITS
I I
600
Phenolic blocks have side barriers for isolation. Spring reinforced fuse clips are standard on 100A and larger blocks. Reinforcing springs are optional on 30 and 60 amp blocks. Space saving 30A design -- Up to 45% smaller than existing 30 A fuse blocks. 30A interlocking adder block available to create any number of poles (consult factory for availability). Integral DIN rail mount allows this block to be securely fastened to 35 mm "hat" type DIN rails without the use of tools.
LJ60030
.216[5.5] x .79[20.0] SLOT MOUNTING HOLE
C (R) C (R) S & P = #10 CU C (R) C = #6 CU C (R) C (R) C (R) C = #2 CU-AL C (R) CR #2/0 CU-AL CR C 250 MCM CU-AL C CR 350 MCM CU-AL CR CR (2) 500 MCM CU-AL CR
Note: Reinforcing springs standard on all Class J fuse blocks rated 100A and above. *For optional fuse block covers, refer to Blocks and Holders section.
I
1.04"
[26.4]
1.04"
[26.4]
1.69"
[42.8]
1.69"
[42.8]
1.69"
[42.8]
3.38"
[85.7]
3.38"
[85.7]
3.38"
[85.7]
.30" TYP.
[7.6]
.57" 1.16"
[29.4] [14.5]
.57" TYP.
[14.5]
3.25"
[82.5]
.71" 1.95"
[49.5] [17.9]
2.20"
[56.0]
1 POLE
2 POLE
3 POLE
115
Class J Fuse Blocks
600 Volt
LJ60060
1.67"
[42.4] .265" x .325" SLOT [6.7 x 8.3] TYP.
3.20"
[81.2]
4.72"
[120]
4.07"
[103]
4.07"
[103]
4.07"
[103]
2.03"
[51.7]
2.03"
[51.7]
2.03"
[51.7]
.57" .76"
[19]
.76" .45" [12] 1.53"
[38.8] [19]
.76" .45"
[12]
[14 ]
1.53"
[38.8]
1.53" [38.8] 3 POLE
[19]
2.09" .45"
[12] [53.0]
1 POLE
2 POLE
LJ60100
1 POLE
3 POLE
LJ60200
1.31"
[33.39]
3.00"
[76.2]
.34" THRU [8.6] .75" C'BORE [19.1] x .400" DP. [10.2]
6.13"
[156]
.50"
[13]
.62" 2.00"
[50.8] [16]
1 POLE
2.67"
[67.9]
3 POLE
116
Class J Fuse Blocks
600 Volt
LJ60400
1 POLE
3 POLE
LJ60600
1 POLE
3 POLE
117


▲Up To Search▲   

 
Price & Availability of LJ600600-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X