Part Number Hot Search : 
MAX1935 KS3302BU 68000 25N028 RP421110 M3102 20800SAE B0000
Product Description
Full Text Search
 

To Download LH28F020SU-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH28F020SU-L
FEATURES
32-PIN TSOP
2M (256K x 8) Flash Memory
TOP VIEW
* 256K x 8 Bit Configuration * 5 V Write/Erase (3.3 V VCC) * Access Time
- For 3.3 V Read: 150 ns
A11 A9 A8 A13 A14 A17 WE VCC VPP A16 A15 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 GND DQ2 DQ1 DQ0 A0 A1 A2 A3
* Minimum 2.7 V Read Capability
- 180 ns Maximum Access Time (VCC = 2.7 V)
* 16 Independently Lockable Blocks
(16K Blocks)
* 100,000 Erase Cycles per Block * Automated Byte Write/Block Erase
- Command User Interface - Status Register
* System Performance Enhancement
- Erase Suspend for Read - Two-Byte Write - Full Chip Erase
28F020SUL15-1
Figure 1. TSOP Configuration
32-PIN SOP TOP VIEW
* Data Protection
- Hardware Erase/Write Lockout during Power Transitions - Software Erase/Write Lockout
VPP A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
VCC WE A17 A14 A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3
* Independently Lockable for Write/Erase on
Each Block (Lock Block and Protect Set/Reset)
* 80 A (MAX.) ICC in CMOS Standby * State-of-the-Art 0.55 m ETOXTM Flash
Technology
* Packages
- 32-Pin, 525-mil. SOP Package - 32-Pin, 1.2 mm x 8 mm x 20 mm TSOP (Type I) Package
28F020SUL12-20
Figure 2. SOP Configuration
1
LH28F020SU-L
2M (256K x 8) Flash Memory
DQ0 - DQ7
OUTPUT BUFFER
INPUT BUFFER
ID REGISTER
DATA QUEUE REGISTER
I/O LOGIC
OUTPUT MULTIPLEXER
CSR REGISTER
CE CUI OE WE DATA COMPARATOR
A0 - A17
INPUT BUFFER
Y-DECODER 16KB BLOCK 0
Y GATING/SENSING 16KB BLOCK 14 16KB BLOCK 15
16KB BLOCK 1
WSM
ADDRESS QUEUE LATCH
...
X-DECODER
...
ADDRESS COUNTER
...
PROGRAM/ ERASE VOLTAGE SWITCH
VPP
VCC GND
28F020SUL15-2
Figure 3. LH28F020SU-L Block Diagram
2
2M (256K x 8) Flash Memory
LH28F020SU-L
PIN DESCRIPTION
SIGNAL TYPE NAME AND FUNCTION BYTE-SELECT ADDRESSES: Select a byte within one 16K block. These addresses are latched during Data Writes. BLOCK-SELECT ADDRESSES: Select 1 of 16 Erase Blocks. These addresses are latched during Data Writes, Erase and Lock-Block operations. DATA INPUT/OUTPUT: Inputs data and commands during CUI write cycles. Outputs array, buffer, identifier or status data in the appropriate Read mode. Floated when the chip is de-selected or the outputs are disabled. CHIP ENABLE INPUTS: Activate the device's control logic, input buffers, decoders and sense amplifiers. CE must be low to select the device. OUTPUT ENABLE: Gates device data through the output buffers when low. The outputs float to tri-state off when OE is high. WRITE ENABLE: Controls access to the CUI, Page Buffers, Data Queue Registers and Address Queue Latches. WE is active low, and latches both address and data (command or array) on its rising edge. ERASE/WRITE POWER SUPPLY (5.0 V 0.5 V): For erasing memory array blocks or writing bytes into the flash array. DEVICE POWER SUPPLY (3.3 V 0.3 V): Do not leave any power pins floating. GROUND FOR ALL INTERNAL CIRCUITRY: Do not leave any ground pins floating.
A0 - A13 A14 - A17 DQ0 - DQ7
INPUT INPUT INPUT/OUTPUT
CE
INPUT INPUT
OE
WE
INPUT
VPP VCC GND
SUPPLY SUPPLY SUPPLY
INTRODUCTION
Sharp's LH28F020SU-L 2M Flash Memory is a revolutionary architecture which enables the design of truly mobile, high performance, personal computing and communication products. With innovative capabilities, 3.3 V low power operation and very high read/write performance, the LH28F020SU-L is also the ideal choice for designing embedded mass storage flash memory systems. The LH28F020SU-L is a very high density, highest performance non-volatile read/write solution for solidstate storage applications. Its independently lockable 16 symmetrical blocked architecture (16K each) extended cycling, low power operation, very fast write and read performance and selective block locking provide a highly flexible memory component suitable for high density memory cards, Resident Flash Arrays and PCMCIA-ATA Flash Drives. The LH28F020SU's 5.0 V/3.3 V power supply operation enables the design of memory cards which can be read in 3.3 V system and written in 5.0 V/3.3 V systems. Its x8 architecture allows the optimization of memory to processor interface. The flexible block locking option enables bundling of executable application software in a Resident Flash Array or memory card. Manufactured on Sharp's 0.55 m ETOXTM process technology, the LH28F020SU-L is the most cost-effective, high density 3.3 V flash memory.
Description
The LH28F020SU-L is a high performance 2M (2,097,152 bit) block erasable non-volatile random access memor y organized as 256K x 8. The LH28F020SU-L includes sixteen 16K (16,384) blocks. A chip memory map is shown in Figure 4. The implementation of a new architecture, with many enhanced features, will improve the device operating characteristics and results in greater product reliability and ease of use. Among the significant enhancements of the LH28F020SU-L:
* 3 V Read, 5 V Write/Erase Operation
(5 V VPP, 3 V VCC)
* * * *
Lower Power Capability (2.7 V VCC Read) Improved Write Performance Dedicated Block Write/Erase Protection Command-Controlled Memory Protection Set/Reset Capability
The LH28F020SUN-L12 will be available in a 32-pin, 525 mil. SOP package. This form factor and pinout allow for very high board layout densities.
3
LH28F020SU-L
2M (256K x 8) Flash Memory
The LH28F020SU-L15 will be available in a 32-pin, 1.2 mm thick, 8 mm x 20 mm TSOP (Type I) package. This form factor and pinout allow for very high board layout densities. A Command User Interface (CUI) serves as the system interface between the microprocessor or microcontroller and the internal memory operation. Internal Algorithm Automation allows Byte Writes and Block Erase operations to be executed using a TwoWrite command sequence to the CUI in the same way as the LH28F008SA 8M Flash memory. A Superset of commands have been added to the basic LH28F008SA command-set to achieve higher write performance and provide additional capabilities. These new commands and features include:
the Write to each block and single Block Erase. Write Protect Set/Confirm command must be written to reflect the actual lock status. However, when the device power-on, Erase All Unlocked Blocks can be used. If used, Erase is performed with reflecting actual lock status, and after that Write and Block Erase can be used. The LH28F020SU-L contains Status register to accomplish various functions:
* A Compatible Status Register (CSR) which is
100% compatible with the LH28F008SA Flash memory's Status Register. This register, when used alone, provides a straightforward upgrade capability to the LH28F020SU-L from a LH28F00SAbased design. The LH28F020SU-L is specified for a maximum access time of 150 ns (tACC) at 3.3 V operation (3.0 to 3.6 V) over the commercial temperature range (0 to +70C). A corresponding maximum access time of 180 ns (tACC) at 2.7 V (0 to +70C) is achieved for reduced power consumption applications. The LH28F020SU-L incorporates an Automatic Power Saving (APS) feature which substantially reduces the active current when the device is in static mode of operation (addresses not switching). In APS mode, the typical ICC current is 4 mA at 3.3 V. A chip reset mode of operation is enabled when whole CE, WE and OE hold low more than 5 s. In this mode, all operations are aborted, WSM is reset and CSR register is cleared. When the device power up, this chip reset operation must be executed to initialize the control circuit, put the device in chip reset mode to protect data against noise. Especially, to assume data protection against switching noise at power up, above chip reset sequence must be executed. If CE and or WE and or OE and or goes high, chip reset mode will be finished. It needs more than 620 ns from one of the CE, WE or OE goes high until output data are valid. A CMOS Standby mode of operation is enabled when CE transitions high with all input control pins at CMOS levels. In this mode, the device draws an ICC standby current of 80 A. Please do not execute reprogramming 0 for the bit which has already been programmed 0. Overwrite operation may generate unerasable bit. In case of reprogramming 0 to the data which has been programmed 1.
* * * *
Software Locking of Memory Blocks Memory Protection Set/Reset Capability Two-Byte Serial Writes in 8-bit Systems Erase All Unlocked Blocks
Writing of memory data is performed typically within 20 s. A Block Erase operation erases one of the 16 blocks in typically 0.8 seconds, independent of the other blocks. LH28F020SU-L allows to erase all unlocked blocks. It is desirable in case you have to implement Erase operation maximum 16 times. LH28F020SU-L enables two-byte serial Write which is operated by three times command input. This feature can improve system write performance by up to typically 17 s per byte. All operations are started by a sequence of Write commands to the device. Status Register (described in detail later) provide information on the progress of the requested operation. Same as the LH28F008SA, LH28F020SU-L requires an operation to complete before the next operation can be requested, also it allows to suspend block erase to read data from any other block, and allow to resume erase operation. The LH28F020SU-L provides user-selectable block locking to protect code or data such as Device Drivers, PCMCIA card information, ROM-Executable OS or Application Code. Each block has an associated non-volatile lock-bit which determines the lock status of the block. In addition, the LH28F020SU-L has a software controlled master Write Protect circuit which prevents any modifications to memory blocks whose lock-bits are set. When the device power-up, Write Protect Set/ Confirm command must be written. Otherwise, all lock bits in the device remain being locked, can't perform
* program 0 for the bit in which you want to change
data from 1 to 0.
* program 1 for the bit which has already been programmed 0. For example, changing data from 10111101 to 10111100 requires 11111110 programming.
4
2M (256K x 8) Flash Memory
LH28F020SU-L
MEMORY MAP
3FFFFH 3C000H 3BFFFH 38000H 37FFFH 34000H 33FFFH 30000H 2FFFFH 2C000H 2BFFFH 28000H 27FFFH 24000H 23FFFH 20000H 1FFFFH 1C000H 1BFFFH 18000H 17FFFH 14000H 13FFFH 10000H 0FFFFH 0C000H 0BFFFH 08000H 07FFFH 04000H 03FFFH 00000H
16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK 16KB BLOCK
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
28F020SUL15-3
Figure 4. Chip Memory Map
BUS OPERATIONS, COMMANDS AND STATUS REGISTER DEFINITIONS Bus Operations
MODE CE OE WE A0 DQ0-7 NOTE
Read Output Disable Standby Manufacturer ID Device ID Write
VIL VIL VIH VIL VIL VIL
VIL VIH X VIL VIL VIH
VIH VIH X VIH VIH VIL
X X X VIL VIH X
DOUT High-Z High-Z B0H 31H DIN
1 1 1 2 2 1, 3
NOTES: 1. X can be VIH or VIL for address or control pins, which is either VOL or VOH. 2. A0 at VIL provide manufacturer ID codes. A0 at VIH provide device ID codes. All other addresses are set to zero. 3. Commands for different Erase operations, Data Write operations of Lock-Block operations can only be successfully completed when VPP = VPPH.
5
LH28F020SU-L
2M (256K x 8) Flash Memory
LH28F008SA - Compatible Mode Command Bus Definitions
FIRST BUS CYCLE COMMAND OPER. ADDRESS DATA OPER. ADDRESS DATA SECOND BUS CYCLE NOTE
Read Array Intelligent Identifier Read Compatible Status Register Clear Status Register Byte Write Alternate Byte Write Block Erase/Confirm Erase Suspend/Resume
ADDRESS AA = Array Address BA = Block Address IA = Identifier Address WA = Write Address X = Don't Care
Write Write Write Write Write Write Write Write
DATA AD = Array Data CSRD = CSR Data ID = Identifier Data WD = Write Data
X X X X X X X X
FFH 90H 70H 50H 40H 10H 20H B0H
Read Read Read
AA IA X
AD ID CSRD 1 2 3
Write Write Write Write
WA WA BA X
WD WD D0H D0H 4 4
NOTES: 1. Following the intelligent identifier command, two Read operations access the manufacturer and device signature codes. 2. The CSR is automatically available after device enters Data Write, Erase or Suspend operations. 3. Clears CSR.3, CSR.4, and CSR.5. See Status register definitions. 4. While device performs Block Erase, if you issue Erase Suspend command (B0H), be sure to confirm ESS (Erase-Suspend-Status) is set to 1 on compatible status register. In the case, ESS bit was not set to 1, also completed the Erase (ESS = 0, WSMS = 1), be sure to issue Resume command (D0H) after completed next Erase command. Beside, when the Erase Suspend command is issued, while the device is not in Erase, be sure to issue Resume command (D0H) after the next erase complete.
6
2M (256K x 8) Flash Memory
LH28F020SU-L
LH28F020SU-L Performance Enhancement Command Bus Definitions
FIRST BUS CYCLE COMMAND OPER. ADD. DATA OPER. ADD. DATA OPER. ADD. DATA SECOND BUS CYCLE THIRD BUS CYCLE NOTE
Protect Set/Confirm Protect Reset/Confirm Lock Block/Confirm Erase All Unlocked Blocks Two-Byte Write
ADDRESS BA = Block Address WA = Write Address X = Don't Care
Write Write Write Write Write
X X X X X
57H 47H 77H A7H FBH
Write Write Write Write Write
0FFH 0FFH BA X A0
D0H D0H D0H D0H WD (L, H) Write WA
1, 2, 6 3, 6 1, 2, 4 1, 2 WD (H, L) 1, 2, 5
DATA AD = Array Data WD (L, H) = Write Data (Low, High) WD (H, L) = Write Data (High, Low)
NOTES: 1. After initial device power-up, or chip reset is completed, the clock lock status bits default to the locked state independent of the data in the corresponding lock bits. In order to upload the lock bit status, it requires to write Protect Set/Confirm command. 2. To reflect the actual lock-bit status, the Protect Set/Confirm command must be written after Lock Block/Confirm command. 3. When Protect Reset/Confirm command is written, all blocks can be written and erased regardless of the state of the lock-bits. 4. The Lock Block/Confirm command must be written after Protect Reset/Confirm command was written. 5. A0 is automatically complemented to load second byte of data A0 value determines which WD is supplied first: A0 = 0 looks at the WDL, A0 = 1 looks at the WDH. 6. Second bus cycle address of Protect Set/Confirm and Protect Reset/Confirm command is 0FFH. Specifically A9 - A8 = 0, A7 - A0 = 1, others are don't care.
Compatible Status Register
WSMS 7 ESS 6 ES 5 DWS 4 VPPS 3 R 2 R 1 R 0
CSR.7 = WRITE STATE MACHINE STATUS (WSMS) 1 = Ready 0 = Busy CSR.6 = ERASE-SUSPEND STATUS (ESS) 1 = Erase Suspended 0 = Erase in Progress/Completed CSR.5 = ERASE STATUS (ES) 1 = Error in Block Erasure 0 = Successful Block Erase CSR.4 = DATA-WRITE STATUS (DWS) 1 = Error in Data Write 0 = Data Write Successful CSR.3 = VPP STATUS (VPPS) 1 = VPP Low Detect, Operation Abort 0 = VPP OK
NOTES: 1. WSMS bit must be checked to determine completion of an operation (Erase Suspend, Erase or Data Write) before the appropriate Status bit (ESS, ES or DWS) is checked for success. 2. If DWS and ES are set to `1' during an erase attempt, an improper command sequence was entered. Clear the CSR and attempt the operation again. 3. The VPPS bit, unlike an A/D converter, does not provide continuous indication of VPP level. The WSM interrogates VPP's level only after the Data-Write or Erase command sequences have been entered, and informs the system if VPP has not been switched on. VPPS is not guaranteed to report accurate feedback between VPPL and VPPH.
7
LH28F020SU-L
2M (256K x 8) Flash Memory
2M FLASH MEMORY SOFTWARE ALGORITHMS Overview
With the advanced Command User Interface, its Performance Enhancement commands and Status Registers, the software code required to perform a given operation may become more intensive but it will result in much higher write/erase performance compared with current flash memory architectures. The software flow charts describing how a given operation proceeds are shown here. Figure 5 through Figure 7 depict flowcharts using the second generation flash device in the LH28F008SA compatible mode. Figure 8 through Figure 14 depict flowcharts using the second generation flash device's performance enhancement commands mode. When the device power-up or reset is completed, all blocks come up locked. Therefore, Byte Write, Two Byte Serial Write and Block Erase cannot be performed in each block. However, at that time, Erase All Unlocked Block is performed normally, if used, and reflect actual lock status, also the unlocked block data is erased. When the device power-up or reset is completed, Set Write Protect command must be written to reflect actual block lock status.
Reset Write Protect command must be written before Write Block Lock command. To reflect actual block lock status, Set Write Protect command is succeeded. The Compatible Status Register (CSR) is used to determine which blocks are locked. In order to see Lock Status of certain block, a Byte Write command (WA = Block Address, WD = FFH) is written to the CUI, after issuing Set Write Protect command. If CSR.7, CSR.5 and CSR.4 (WSMS, ES and DWS) are set to `1's, the block is locked. If CSR.7 is set to `1', the block is not locked. Reset Write Protect command enables Write/Erase operation to each block. In the case of Block Erase is performed, the block lock information is also erased. Block Lock command and Set Write Protect command must be written to prohibit Write/Erase operations to each block. There are unassigned commands. It is not recommended that the customer use any command other than the valid commands specified in "Command Bus Definitions". Sharp reserves the right to redefine these codes for future functions.
8
2M (256K x 8) Flash Memory
LH28F020SU-L
START
BUS OPERATION
COMMAND
COMMENTS
WRITE 40H or 10H
Write Write
Byte Write
D = 40H or 10H A=X D = WD A = WA Q = CSRD Toggle CE or OE to update CSRD. A=X Check CSR.7 1 = WSM Ready 0 = WSM Busy
WRITE DATA/ADDRESS
Read
READ COMPATIBLE STATUS REGISTER
Standby
0
CSR.7 =
1 CSR FULL STATUS CHECK IF DESIRED
Repeat for subsequent Byte Writes. CSR Full Status Check can be done after each Byte Write, or after a sequence of Byte Writes. Write FFH after the last operation to reset device to read array mode. See Command Bus Cycle notes for description of codes.
OPERATION COMPLETE
CSR FULL STATUS CHECK PROCEDURE
READ CSRD (see above)
BUS OPERATION
COMMAND
COMMENTS
Standby
0 DATA WRITE SUCCESSFUL
Check CSR.4, 5 1 = Data Write Unsuccessful 0 = Data Write Successful Check CSR.3 1 = VPP Low Detect 0 = VPP OK
CSR.4, 5 =
Standby
1
CSR.3 =
1
VPP LOW DETECT
CSR.3, 4, 5 should be cleared, if set, before further attempts are initiated.
0 CLEAR CSRD RETRY/ERROR RECOVERY
28F020SUL15-4
Figure 5. Byte Writes with Compatible Status Register
9
LH28F020SU-L
2M (256K x 8) Flash Memory
START
BUS OPERATION
COMMAND
COMMENTS
WRITE 20H
Write Write
Block Erase Confirm
D = 20H A=X D = D0H A = BA Q = CSRD Toggle CE or OE to update CSRD. A=X Check CSR.7 1 = WSM Ready 0 = WSM Busy
WRITE D0H AND BLOCK ADDRESS
Read
READ COMPATIBLE STATUS REGISTER SUSPEND NO ERASE LOOP SUSPEND YES ERASE
Standby
CSR.7 =
0
1 CSR FULL STATUS CHECK IF DESIRED
Repeat for subsequent Block Erasures. CSR Full Status Check can be done after each Block Erase, or after a sequence of Block Erasures. Write FFH after the last operation to reset device to read array mode. See Command Bus Cycle notes for description of codes.
OPERATION COMPLETE
CSR FULL STATUS CHECK PROCEDURE
READ CSRD (see above) BUS OPERATION COMMAND COMMENTS
Standby
0 ERASE SUCCESSFUL
CSR.4, 5 =
Check CSR.4, 5 1 = Erase Error 0 = Erase Successful Both 1 = Command Sequence Error Check CSR.3 1 = VPP Low Detect 0 = VPP OK
1
Standby
CSR.3 =
1
VPP LOW DETECT
0 CLEAR CSRD RETRY/ERROR RECOVERY (NOTE)
CSR.3, 4, 5 should be cleared, if set, before further attempts are initiated. NOTE: If CSR.3 (VPPS) is set to '1', after clearing CSR.3/4/5, 1. Issue Reset WP command. 2. Retry Single Block Erase command. 3. Set WP command is issued, if necessary. If CSR.3 (VPPS) is set to '0', after clearing CSR.3/4/5, 1. Retry Single Block Erase command. Where power off or chip reset during erase operation, 1. Clear CSR.3/4/5 and issue Reset WP command, 2. Retry Single Block Erase command. 3. Set WP command is issued, if necessary.
28F020SUL15-5
Figure 6. Block Erase with Compatible Status Register
10
2M (256K x 8) Flash Memory
LH28F020SU-L
START
BUS OPERATION
COMMAND
COMMENTS
WRITE B0H
Write Read
Erase Suspend
D = B0H A=X Q = CSRD Toggle CE or OE to update CSRD. A=X Check CSR.7 1 = WSM Ready 0 = WSM Busy Check CSR.6 1 = Erase Suspended 0 = Erase Completed
READ COMPATIBLE STATUS REGISTER
Standby
CSR.7 = 0
1
Standby
CSR.6 =
0
Write
ERASE COMPLETED
Read Array
D = FFH A=X Q = AD Read must be from block other than the one suspended.
1 WRITE FFH
Read
Write
READ ARRAY DATA
Erase Resume
D = D0H A=X
See Command Bus Cycle notes for description of codes. DONE READING NO
YES WRITE D0H WRITE FFH
ERASE RESUMED
READ ARRAY DATA
28F020SUL15-6
Figure 7. Erase Suspend to Read Array with Compatible Status Register
11
LH28F020SU-L
2M (256K x 8) Flash Memory
START
BUS COMMAND OPERATION
COMMENTS
READ COMPATIBLE STATUS REGISTER
Read
Q = CSRD Toggle CE or OE to update CSRD. 1 = WSM Ready 0 = WSM Busy Reset Write Protect After Write D = 47H A = X, Write D = D0H A = 0FFH Q = CSRD Toggle CE or OE to update CSRD. 1 = WSM Ready 0 = WSM Busy Lock Block Confirm D = 77H A=X D = D0H A = BA Q = CSRD Toggle CE or OE to update CSRD. 1 = WSM Ready 0 = WSM Busy Set Write Protect After Write D = 57H A = X, Write D = D0H A = 0FFH
CSR.7 =
0
Write Read
1 RESET WP
READ COMPATIBLE STATUS REGISTER
Write Write
CSR.7 =
0
Read
1 WRITE 77H
Write
WRITE D0H AND BLOCK ADDRESS
READ COMPATIBLE STATUS REGISTER
NOTE: See CSR Full Status Check for Data-Write operation. If CSR.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. Write FFH after the last operation to reset device to read array mode. See Command Bus Definitions for description of codes.
CSR.7 =
0
1
CSR.4, 5 =
1
(NOTE)
0 LOCK YES ANOTHER BLOCK NO SET WP
OPERATION COMPLETE
28F020SUL15-7
Figure 8. Block Locking
12
2M (256K x 8) Flash Memory
LH28F020SU-L
START
START
RESET WP (NOTE 1)
RESET WP (NOTE 1)
ERASE BLOCK (NOTE 2)
WRITE MORE DATA TO BLOCK (NOTE 4)
SET WP (NOTE 3)
SET WP (NOTE 3)
WRITE NEW DATA TO BLOCK (NOTE 4)
OPERATION COMPLETE FLOW TO ADD DATA
RELOCK BLOCK (NOTE 5)
OPERATION COMPLETE FLOW TO REWRITE DATA NOTES: 1. Use Reset-Write-Protect flowchart. Enable Write/Erase operation to all blocks. 2. Use Block-Erase flowchart. Erasing a block clears any previously established lockout for that block. 3. Use Set-Write-Protect flowchart. This step re-implements protection to locked blocks. 4. Use Byte-Write or 2-Byte-Write flowchart sequences to write data. 5. Use Block-Lock flowchart to write lock bit if desired.
28F020SUL15-8
Figure 9. Updating Data in a Locked Block
13
LH28F020SU-L
2M (256K x 8) Flash Memory
START
BUS COMMAND OPERATION
COMMENTS
READ COMPATIBLE STATUS REGISTER
Read
Q = CSRD Toggle CE or OE to update CSRD. 1 = WSM Ready 0 = WSM Busy 2-Byte Write D = FBH A=X D = WD A0 = 0 loads low byte of Data Register. A0 = 1 loads high byte of Data Register. Other Addresses = X D = WD A = WA Internally, A0 is automatically complemented to load the alternate byte location of the Data Register. Q = CSRD Toggle CE or OE to update CSRD. 1 = WSM Ready 0 = WSM Busy
CSR.7 =
0
Write Write
1 WRITE FBH
WRITE DATA/A0
Write
WRITE DATA/ADDRESS
READ COMPATIBLE STATUS REGISTER
Read
CSR.7 =
0
1
CSR.4, 5 =
1
(NOTE)
NOTE: If CSR.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. CSR Full Status Check can be done after each 2-Byte Write, or after a sequence of 2-Byte Writes. Write FFH after the last operation to reset device to read array mode. See Command Bus Cycle notes for description of codes.
0
ANOTHER 2-BYTE WRITE NO
YES
OPERATION COMPLETE
28F020SUL15-9
Figure 10. Two-Byte Serial Writes with Compatible Status Registers
14
2M (256K x 8) Flash Memory
LH28F020SU-L
START (NOTE)
BUS OPERATION
COMMAND
COMMENTS
Write
WRITE A7H
Erase All Unlocked Blocks Confirm
D = A7H A=X D = D0H A=X Q = CSRD Toggle CE or OE to update CSRD A=X Check CSR.7 1 = WSM Ready 0 = WSM Busy
WRITE D0H
Write Read
READ COMPATIBLE STATUS REGISTER SUSPEND NO ERASE LOOP 0 YES
Standby
CSR.7 =
SUSPEND ERASE
1 CSR FULL STATUS CHECK IF DESIRED
CSR Full Status Check can be done after Erase All Unlocked Block, or after a sequence of Erasures. Write FFH after the last operation to reset device to read array mode. See Command Bus Cycle notes for description of codes. NOTE: Where power off or chip reset during erase operation, 1. Clear CSR.3/4/5 and issue Reset WP command, 2. Retry Erase All Unlocked Block Erase command to erase all blocks, or issue Single Block Erase to erase all of the unlocked blocks in sequence. 3. Set WP command is issued, if necessary.
OPERATION COMPLETE
CSR FULL STATUS CHECK PROCEDURE
READ CSRD (see above)
BUS OPERATION
COMMAND
COMMENTS
Standby
CSR.4, 5 =
0
ERASE SUCCESSFUL
Check CSR.4, 5 1 = Erase Error 0 = Erase Successful Both 1 = Command Sequence Error Check CSR.3 1 = VPP Low Detect 0 = VPP OK
Standby
1
CSR.3 =
1
VPP LOW DETECT
CSR.3, 4, 5 should be cleared, if set, before further attempts are initiated. NOTE: If CSR.3 (VPPS) is set to '1', after clearing CSR.3/4/5, 1. Issue Reset WP command, 2. Retry Erase All Unlocked Block Erase command to erase all blocks, or issue Single Block Erase to erase all of the unlocked blocks in sequence. 3. Set WP command is issued, if necessary. If CSR.3 (VPPS) is set to '0', after clearing CSR.3/4/5, 1. Retry Erase All Unlocked Block Erase command.
0 CLEAR CSRD RETRY/ERROR RECOVERY (NOTE)
28F020SUL15-10
Figure 11. Erase All Unlocked Blocks with Compatible Status Register
15
LH28F020SU-L
2M (256K x 8) Flash Memory
START
BUS COMMAND OPERATION
COMMENTS
Read
READ COMPATIBLE STATUS REGISTER
Check CSR.7 1 = WSM Ready 0 = WSM Busy Set Write Protect Set Confirm D = 57H A=X D = D0H A = 0FFH (A9 - A8 = 0, A7 - A0 = 1, Others = X) Check CSR.7 1 = WSM Ready 0 = WSM Busy Check CSR.4, 5 1 = Unsuccesful 0 = Successful
Write Write
CSR.7 =
0
1
Read
WRITE 57H
Read
WRITE CONFIRM DATA/ADDRESS
READ COMPATIBLE STATUS REGISTER
CSR.7 =
0
NOTE: If CSR.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. Upon device power-up or reset is complete, Set Write Protect command must be written to reflect the actual lock-bit status. Write FFH after the last operation to reset device to Read Array Mode. See Command Bus Cycle notes for description of codes.
1
CSR.4, 5 =
1
(NOTE)
0 OPERATION COMPLETE
28F020SUL15-11
Figure 12. Set Write Protect
16
2M (256K x 8) Flash Memory
LH28F020SU-L
START
BUS COMMAND OPERATION
COMMENTS
Read
READ COMPATIBLE STATUS REGISTER
Check CSR.7 1 = WSM Ready 0 = WSM Busy Reset Write Protect Reset Confirm D = 47H A=X D = D0H A = 0FFH (A9 - A8 = 0, A7 - A0 = 1, Others = X) Check CSR.7 1 = WSM Ready 0 = WSM Busy Check CSR.4, 5 1 = Unsuccesful 0 = Successful
Write Write
CSR.7 =
0
1
Read
WRITE 47H
Read
WRITE CONFIRM DATA/ADDRESS
READ COMPATIBLE STATUS REGISTER
CSR.7 =
0
NOTE: If CSR.4, 5 is set, as it is command sequence error, should be cleared before further attempts are initiated. Reset Write Protect command enables Write/Erase operation to all blocks. Write FFH after the last operation to reset device to Read Array Mode. See Command Bus Cycle notes for description of codes.
1
CSR.4, 5 =
1
(NOTE)
0 OPERATION COMPLETE
28F020SUL15-12
Figure 13. Reset Write Protect
17
LH28F020SU-L
2M (256K x 8) Flash Memory
ELECTRICAL SPECIFICATIONS Absolute Maximum Ratings*
Temperature Under Bias ....................... 0C to + 80C Storage Temperature ........................ -65C to + 125C
*WARNING: Stressing the device beyond
the "Absolute Maximum Ratings" may cause permanent damage. These are stress ratings only. Operation beyond the "Operating Conditions" is not recommended and extended exposure beyond the "Operating Conditions" may affect device reliability.
SYMBOL
PARAMETER
MIN.
MAX.
UNITS
TEST CONDITIONS
NOTE
TA VCC VPP V I IOUT
Operating Temperature, Commercial VCC with Respect to GND VPP Supply Voltage with Respect to GND Voltage on any Pin (Except VCC, VPP) with Respect to GND Current into any Non-Supply Pin Output Short Circuit Current
0 -0.2 -0.2 -0.5
70 7.0 7.0 VCC + 0.5 30 100
C V V V mA mA
Ambient Temperature
1 2 2 2
3
NOTES: 1. Operating temperature is for commercial product defined by this specification. 2. Minimum DC voltage is -0.5 V on input/output pins. During transitions, this level may undershoot to -2.0 V for periods < 20 ns. Maximum DC voltage on input/output pins is VCC + 0.5 V which, during transitions, may overshoot to VCC + 2.0 V for periods < 20 ns. 3. Output shorted for no more than one second. No more than one output shorted at a time.
Capacitance
SYMBOL PARAMETER TYP. MAX. UNITS TEST CONDITIONS NOTE
CIN COUT CLOAD
Capacitance Looking into an Address/Control Pin Capacitance Looking into an Output Pin Load Capacitance Driven by Outputs for Timing Specifications Equivalent Testing Load Circuit VCC 10%
7 9
10 12 50 2.5
pF pF pF ns
TA = 25C, f = 1.0 MHz TA = 25C, f = 1.0 MHz For VCC = 3.3 V 0.3 V 500 transmission line delay
1 1 1
NOTE: 1. Sampled, not 100% tested.
18
2M (256K x 8) Flash Memory
LH28F020SU-L
Timing Nomenclature
For 3.3 V systems use 1.5 V cross point definitions. Each timing parameter consists of 5 characters. Some common examples are defined below: tCE tOE tAS tDH tELQV tGLQV time (t) from CE (E) going low (L) to the outputs (Q) becoming valid (V) time (t) from OE (G) going low (L) to the outputs (Q) becoming valid (V) time (t) from address (A) valid (V) to the outputs (Q) becoming valid (V)
tACC tAVQV
tAVWH time (t) from address (A) valid (V) to WE (W) going high (H) tWHDX time (t) from WE (W) going high (H) to when the data (D) can become undefined (X)
PIN CHARACTERS PIN STATES
A D Q E G W V 3V
Address Inputs Data Inputs Data Outputs CE (Chip Enable) OE (Output Enable) WE (Write Enable) Any Voltage Level VCC at 3.0 V MIN.
H L V X Z
High Low Valid Driven, but not necessarily valid High Impedance
3.0 INPUT 1.5 0.0 TEST POINTS 1.5 OUTPUT FROM OUTPUT UNDER TEST
2.5 ns OF 50 TRANSMISSION LINE TEST POINT
NOTE: AC test inputs are driven at 3.0 V for a Logic '1' and 0.0 V for a Logic '0'. Input timing begins and output timing ends at 1.5 V. Input rise and fall times (10% to 90%) < 10 ns.
28F020SUL15-13
TOTAL CAPACITANCE = 50 pF
28F020SUL15-14
Figure 14. Transient Input/Output Reference Waveform (VCC = 3.3 V)
Figure 15. Transient Equivalent Testing Load Circuit (VCC = 3.3 V)
19
LH28F020SU-L
2M (256K x 8) Flash Memory
DC Characteristics
VCC = 3.3 V 0.3 V, TA = 0C to +70C
SYMBOL PARAMETER TYP. MIN. MAX. UNITS TEST CONDITIONS NOTE
IIL ILO
Input Load Current Output Leakage Current
1 10
A A
VCC = VCC MAX., VIN = VCC or GND VCC = VCC MAX., VIN = VCC or GND VCC = VCC MAX., CE = VCC 0.2 V VCC = VCC MAX., CE = VIL VCC = VCC MAX., CMOS: CE = GND 0.2 V Inputs = GND 0.2 V or VCC 0.2 V TTL: CE = VIL Inputs = VIL or VIH f = 10 MHz, IOUT = 0 mA VCC = VCC MAX., CMOS: CE = GND 0.2 V Inputs = GND 0.2 V or VCC 0.2 V TTL: CE = VIL Inputs = VIL or VIH f = 5 MHz, IOUT = 0 mA Byte/Two-Byte Serial Write in Progress Block Erase in Progress CE = VIH Block Erase Suspended VPP VCC
1 1
80 ICCS VCC Standby Current 0.3 4
A
1,4
mA
ICCR1
VCC Read Current
35
mA
1, 3, 4
ICCR2
VCC Read Current
10
20
mA
1, 3, 4
ICCW ICCE ICCES IPPS
VCC Write Current VCC Block Erase Current VCC Erase Suspend Current VCC Standby Current
8 6 3 1
12 12 6 10
mA mA mA A
1 1 1, 2 1
20
2M (256K x 8) Flash Memory
LH28F020SU-L
DC Characteristics (Continued)
VCC = 3.3 V 0.3 V, TA = 0C to +70C
SYMBOL PARAMETER TYPE MIN. MAX. UNITS TEST CONDITIONS NOTE
IPPR IPPW IPPE IPPES VIL VIH VOL VOH1
VPP Read Current VPP Write Current VPP Erase Current VPP Erase Suspend Current Input Low Voltage Input High Voltage Output Low Voltage 2.4 Output High Voltage VCC - 0.2 VPP during Normal Operations VPP during Write/Erase Operations VCC Erase/Write Lock Voltage 5.0 0.0 4.5 1.4 -0.3 2.0 15 20
200 35 40 200 0.8 VCC + 0.3 0.4
A mA mA A V V V V V
VPP > VCC VPP = VPPH, Byte/Two-Byte Serial Write in Progress VPP = VPPH, Block Erase in Progress VPP = VPPH, Block Erase Suspended
1 1 1 1
VCC = VCC MIN. and IOL = 4 mA IOH = -2 mA VCC = VCC MIN. IOH = -100 A VCC = VCC MIN.
VOH
2
VPPL VPPH VLKO
5.5 5.5
V V V
NOTES: 1. All currents are in RMS unless otherwise noted. Typical values at VCC = 3.3 V, VPP = 5.0 V, T = 25C. 2. ICCES is specified with the device de-selected. If the device is read while in erase suspend mode, current draw is the sum of ICCES and ICCR. 3. Automatic Power Saving (APS) reduces ICCR to less than 4 mA in Static operation. 4. CMOS inputs are either VCC 0.2 V or GND 0.2 V. TTL Inputs are either VIL or VIH.
21
LH28F020SU-L
2M (256K x 8) Flash Memory
AC Characteristics - Read Only Operations1
VCC = 3.3 V 0.3 V, TA = 0C to +70C
SYMBOL PARAMETER MIN. MAX. UNITS NOTE
tAVAV tAVGL tAVQV tELQV tGLQV tELQX tEHQZ tGLQX tGHQZ tOH
Read Cycle Time Address Setup to OE Going Low Address to Output Delay CE to Output Delay OE to Output Delay CE to Output in Low Z CE to Output in High Z OE to Output in Low Z OE to Output in High Z Output Hold from Address, CE or OE change, whichever occurs first
150 0 150 150 50 0 55 0 40 0
ns ns ns ns ns ns ns ns ns ns 2 2 3 3 3 3 3 3
NOTES: 1. See AC Input/Output Reference Waveforms for timing measurements, Figure 4. 2. OE may be delayed up to t ELQV - tGLQV after the falling edge of CE without impact on tELQV. 3. Sampled, not 100% tested.
AC Characteristics - Read Only Operations1 (Continued)
VCC = 2.85 V 0.15 V, TA = 0C to +70C
SYMBOL PARAMETER MIN. MAX. UNITS NOTE
tAVAV tAVGL tAVQV tELQV tGLQV tELQX tEHQZ tGLQX tGHQZ tOH
Read Cycle Time Address Setup to OE Going Low Address to Output Delay CE to Output Delay OE to Output Delay CE to Output in Low Z CE to Output in High Z OE to Output in Low Z OE to Output in High Z Output Hold from Address, CE or OE change, whichever occurs first
180 0 180 180 60 0 65 0 50 0
ns ns ns ns ns ns ns ns ns ns 2 2 3 3 3 3 3 3
22
2M (256K x 8) Flash Memory
LH28F020SU-L
VCC POWER-UP
STANDBY
DEVICE AND ADDRESS SELECTION
OUTPUTS ENABLED
DATA VALID
ADDRESSES (A)
VIH VIL
... ...
VCC STANDBY POWER-DOWN
ADDRESSES STABLE tAVAV
CE (E)
VIH VIL
...
tEHQZ
OE (G)
VIH VIL tAVGL VIH VIL tGLQV tELQV tGLQX tELQX VOH VOL tAVQV 3.3 V HIGH-Z tOH
...
tGHQZ
...
WE (W)
...
VALID OUTPUT
DATA (D/Q)
HIGH-Z
...
VCC
GND
28F020SUL15-15
Figure 16. Read Timing Waveforms
23
LH28F020SU-L
2M (256K x 8) Flash Memory
POWER-UP AND RESET TIMINGS
VCC POWER UP tELRS tEHRS
CE (E)
OE (G) tGLRS tGHRS WE (W) 3.3 V 3.0 V VCC (5 V) 0V tWLPL 3.3 V
ADDRESS (A)
VALID tAVQV
DATA (Q) tPHQV
VALID 3.3 V OUTPUTS
28F020SUL15-16
Figure 17. VCC Power-Up and Reset Waveforms
SYMBOL PARAMETER MIN. MAX. UNITS NOTE
tWLPL tAVQV tPHQV tELRS tGLRS tEHRS tGHRS
WE Low to VCC at 3.0 V MIN. Address Valid to Data Valid for VCC = 3.3 V 0.3 V WE High to Data Valid for VCC = 3.3 V 0.3 V CE Setup to WE Going Low OE Setup to WE Going Low CE Hold from WE Going High OE Hold from WE Going High
5 150 620 100 100 100 100
s ns ns ns ns ns ns
1 2 2
NOTES: CE and OE are switched low after Power-Up. 1. Chip reset is enabled when the low state of all CE, OE and WE exceeds 5 s. Especially when you will power on the chip, execute an above chip reset sequence for a protection from noise. 2. These values are shown for 3.3 V VCC operation. Refer to the AC Characteristics Read Only Operations also.
24
2M (256K x 8) Flash Memory
LH28F020SU-L
AC Characteristics for WE - Controlled Command Write Operations1
VCC = 3.3 V 0.3 V, TA = 0C to +70C
SYMBOL PARAMETER TYP. MIN. MAX. UNITS NOTE
tAVAV tVPWH tELWL tAVWH tDVWH tWLWH tWHDX tWHAX tWHEH tWHWL tGHWL tWHGL tQVVL tWHQV1 tWHQV2
Write Cycle Time VPP Set up to WE Going High CE Setup to WE Going Low Address Setup to WE Going High Data Setup to WE Going High WE Pulse Width Data Hold from WE High Address Hold from WE High CE Hold from WE High WE Pulse Width High Read Recovery before Write Write Recovery before Read VPP Hold from Valid Status Register Data Duration of Byte Write Operation Duration of Block Erase Operation 20
150 100 10 110 110 110 10 10 10 75 0 120 0 8 0.3
ns ns ns ns ns ns ns ns ns ns ns ns s s s 4, 5 4 2 2 2, 6 2, 6 3
NOTES: 1. Read timing during write and erase are the same as for normal read. 2. Refer to command definition tables for valid address and data values. 3. Sampled, but not 100% tested. 4. Write/Erase durations are measured to valid Status Register (CSR) Data. 5. Byte write operations are typically performed with 1 Programming Pulse. 6. Address and Data are latched on the rising edge of WE for all Command Write operations.
25
LH28F020SU-L
2M (256K x 8) Flash Memory
WRITE VALID ADDRESS AND DATA WRITE DATA-WRITE (DATA-WRITE) OR OR ERASE ERASE CONFIRM SETUP COMMAND COMMAND
AUTOMATED DATA-WRITE OR ERASE DELAY
READ COMPATIBLE STATUS REGISTER DATA
ADDRESSES (A) VIH (NOTE 1) VIL tAVAV VIH VIL tWHEH tELWL VIH VIL tWHWL VIH VIL tWLWH tWHDX tDVWH DATA (D/Q) VIH VIL HIGH-Z DIN
AIN tAVWH tWHAX
(NOTE 2)
CE (E)
tWHGL
OE (G)
tWHQV 1, 2
tGHWL
WE (W)
DIN tVPWH
DIN
DOUT
DIN
tQVVL
VPPH VPP (V) V PPL NOTES: 1. This address string depicts Data-Write/Erase cycles with corresponding verification via CSRD. 2. This cycle is invalid when using CSRD for verification during Data-Write/Erase operations.
28F020SUL15-17
Figure 18. AC Waveforms for Command Write Operations
26
2M (256K x 8) Flash Memory
LH28F020SU-L
AC Characteristics for CE - Controlled Command Write Operations1
VCC = 3.3 V 0.3 V, TA = 0C to +70C
SYMBOL PARAMETER TYP. MIN. MAX. UNITS NOTE
tAVAV tVPEH tWLEL tAVEH tDVEH tELEH tEHDX tEHAX tEHWH tEHEL tGHEL tEHGL tQVVL tEHQV1 tEHQV2
Write Cycle Time VPP Setup to CE Going High WE Setup to CE Going Low Address Setup to CE Going High Data Setup to CE Going High CE Pulse Width Data Hold from CE High Address Hold from CE High WE Hold from CE High CE Pulse Width High Read Recovery before Write Write Recovery before Read VPP Hold from Valid Status Register Data Duration of Byte Write Operation Duration of Block Erase Operation 20
150 100 0 110 110 110 10 10 10 75 0 120 0 8 0.3
ns ns ns ns ns ns ns ns ns ns ns ns s s s 4, 5 4 2 2 2, 6 2, 6 3
NOTES: 1. Read timing during write and erase are the same as for normal read. 2. Refer to command definition tables for valid address and data values. 3. Sampled, but not 100% tested. 4. Write/Erase durations are measured to valid Status Register (CSR) Data. 5. Byte Write operations are typically performed with 1 Programming Pulse. 6. Address and Data are latched on the rising edge of CE for all Command Write Operations.
27
LH28F020SU-L
2M (256K x 8) Flash Memory
WRITE VALID ADDRESS AND DATA WRITE DATA-WRITE (DATA-WRITE) OR OR ERASE ERASE CONFIRM SETUP COMMAND COMMAND
AUTOMATED DATA-WRITE OR ERASE DELAY
READ COMPATIBLE STATUS REGISTER DATA
ADDRESSES (A) VIH (NOTE 1) VIL tAVAV VIH VIL tEHWH tWLEL VIH VIL tEHEL VIH VIL tELEH tEHDX tDVEH DATA (D/Q) VIH VIL HIGH-Z DIN
AIN tAVEH tEHAX
(NOTE 2)
WE (W)
tEHGL
OE (G)
tEHQV 1, 2
tGHEL
CE (E)
DIN tVPEH
DIN
DOUT
DIN
tQVVL
VPPH VPP (V) VPPL
NOTES: 1. This address string depicts Data-Write/Erase cycles with corresponding verification via CSRD. 2. This cycle is invalid when using CSRD for verification during Data-Write/Erase operations.
28F020SUL15-18
Figure 19. Alternate AC Waveforms for Command Write Operations
28
2M (256K x 8) Flash Memory
LH28F020SU-L
Erase and Byte Write Performance
VCC = 3.3 V 0.3 V, TA = 0C to +70C
SYMBOL PARAMETER TYP. MIN. MAX. UNITS TEST CONDITIONS NOTE
tWHRH1 tWHRH2 tWHRH3 tWHRH4
Byte Write Time Two-Byte Serial Write Time 16KB Block Write Time 16KB Block Write Time Block Erase Time (16KB) Full Chip Erase Time
20 34 0.33 0.3 0.8 9 - 15 1.3 1.1 10
s s s s s s Byte Write Mode Two-Byte Serial Write Mode
2 2 2 2 2 2, 3
NOTES: 1. 25C, VPP = 5.0 V 2. Excludes System-Level Overhead. 3. Depends on the number of protected blocks.
32SOP (SOP032-P-0525)
0.15 [0.006] M 0.50 [0.020] 0.30 [0.012] 1.27 [0.050] TYP. 1.40 [0.055] 17
32
11.50 [0.453] 14.50 [0.571] 11.10 [0.437] 13.70 [0.539]
12.50 [0.492]
1 20.80 [0.819] 20.40 [0.803]
16 1.40 [0.055]
SEE DETAIL 0.20 [0.008] 0.10 [0.004]
0.15 [0.006] 1.275 [0.050] 2.90 [0.114] 2.50 [0.098] 0.20 [0.008] 0.00 [0.000] 1.275 [0.050] 1.27 [0.050] DETAIL
2.90 [0.114] 2.50 [0.098] 2.00 [0.079] 0.00 [0.000] 0 - 10
0.10 [0.004]
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT MINIMUM LIMIT
0.80 [0.031]
FL32SOP
Figure 20. 32-Pin SOP
29
LH28F020SU-L
2M (256K x 8) Flash Memory
32TSOP (TSOP032-P-0820)
0.10 [0.004] M 0.30 [0.012] 0.10 [0.004] 32 0.50 [0.020] TYP. 17
18.60 [0.732] 18.20 [0.717]
20.30 [0.799] 19.70 [0.776]
19.00 [0.748]
1 8.20 [0.323] 7.80 [0.307]
16 0.20 [0.008] 0.10 [0.004] 1.10 [0.043] 0.90 [0.035] 0.425 [0.017] 1.20 [0.047] MAX. 0.425 [0.017] 0.20 [0.008] 0.00 [0.000] 1.10 [0.043] 0.90 [0.035] 0.20 [0.008] 0.00 [0.000] 0 - 10
0.15 [0.006]
DETAIL
0.10 [0.004]
DIMENSIONS IN MM [INCHES]
MAXIMUM LIMIT MINIMUM LIMIT
FL32TSOP
Figure 21. 32-Pin TSOP
ORDERING INFORMATION
LH28F020SU Device Type X Package -L15 Speed
150 (VCC = 3.3 V) Access Time (ns) N 32-pin, 525-mil SOP (SOP032-P-525) T 32-pin, 1.2 mm x 8 mm x 20 mm TSOP (Type I) (TSOP032-P-0820) 2M (256K x 8) Flash Memory Example: LH28F020SUT-L15 (2M (256K x 8) Flash Memory, 150 ns, 3.3 VCC, 32-pin TSOP)
28F020SUL15-19
30
2M (256K x 8) Flash Memory
LH28F020SU-L
LIFE SUPPORT POLICY SHARP components should not be used in medical devices with life support functions or in safety equipment (or similiar applications where component failure would result in loss of life or physical harm) without the written approval of an officer of the SHARP Corporation. WARRANTY SHARP warrants to Customer that the Products will be free from defects in material and workmanship under normal use and service for a period of one year from the date of invoice. Customer's exclusive remedy for breach of this warranty is that SHARP will either (i) repair or replace, at its option, any Product which fails during the warranty period because of such defect (if Customer promptly reported the failure to SHARP in writing) or, (ii) if SHARP is unable to repair or replace, SHARP will refund the purchase price of the Product upon its return to SHARP. This warranty does not apply to any Product which has been subjected to misuse, abnormal service or handling, or which has been altered or modified in design or construction, or which has been serviced or repaired by anyone other than SHARP. The warranties set forth herein are in lieu of, and exclusive of, all other warranties, express or implied. ALL EXPRESS AND IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR USE AND FITNESS FOR A PARTICULAR PURPOSE ARE SPECIFICALLY EXCLUDED. SHARP reserves the right to make changes in specifications at any time and without notice. SHARP does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied.
(R)
NORTH AMERICA
EUROPE
ASIA
SHARP Electronics Corporation Microelectronics Group 5700 NW Pacific Rim Blvd., M/S 20 Camas, WA 98607, U.S.A. Phone: (360) 834-2500 Telex: 49608472 (SHARPCAM) Facsimile: (360) 834-8903 http://www.sharpmeg.com
SHARP Electronics (Europe) GmbH Microelectronics Division Sonninstrae 3 20097 Hamburg, Germany Phone: (49) 40 2376-2286 Telex: 2161867 (HEEG D) Facsimile: (49) 40 2376-2232
SHARP Corporation Integrated Circuits Group 2613-1 Ichinomoto-Cho Tenri-City, Nara, 632, Japan Phone: (07436) 5-1321 Telex: LABOMETA-B J63428 Facsimile: (07436) 5-1532
(c)1997 by SHARP Corporation Issued May 1996
Reference Code SMT96103


▲Up To Search▲   

 
Price & Availability of LH28F020SU-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X