|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LH1539AB/AAC/AACTR 1 Form A Photo Darlington Telecomswitch FEATURES * Solid State Relay and Autopolarity Optocoupler in One 8-pin Package * I/O Isolation, 5300 VRMS * Surface Mountable * Optocoupler - Bidirectional Current Detection - High CTR: >300% * Solid State Relay - Form A - LH1525 Type - Low Operating Current - Typical RON: 25 - Load Voltage: 400 V - Load Current: 120 mA - Current-limit Protection - Linear, ac/dc Operation - Clean, Bounce-free Switching - Low Power Consumption AGENCY APPROVALS * UL - File No. E52744 * CSA - Certification 093751 * BSI/BABT Cert. No. 7980 APPLICATIONS * General Telecom Switching - On/off-hook Switching - Dial Pulse - Ring Current Detection - Loop Current Sensing DESCRIPTION The LH1539 telecom switch consists of an optically isolated solid state relay (SSR) Form A and a bidirectional input optocoupler in a single 8-pin package. The SSR is ideal for switchhook and dial-pulse switching while the optocoupler performs ring detect and loop current sensing functions. Both the SSR and optocoupler provide 5300 VRMS of input-to-output isolation voltage. The SSR is integrated on a monolithic receptor die using smart power technology. The SSR features low ONresistance, high breakdown voltage, and current-limit circuitry that protects the relay from telephone line induced lightning surges. The optocoupler provides bidirectional current sensing via two antiparallel GaAs infrared emitting diodes. Very high current transfer ratio (CTR) is achieved by coupling to a photodarlington transistor. This high CTR allows the user to minimize the size of the ring detector capacitor. .268 (6.81) .255 (6.48) Package Dimensions in Inches (mm) DIP pin one ID 4 .268 (6.81) .255 (6.48) 5 6 7 8 3 2 1 8 7 6 5 .390 (9.91) .379 (9.63) .045 (1.14) .030 (0.76) 4 typ. .150 (3.81) .130 (3.30) .050 (1.27) .022 (.56) .018 (.46) .035 (.89) .020 (.51) .100 (2.54) typ. .031 (0.79) 1 2 3 4 .300 (7.62) typ. 10 3-9 .012 (.30) .008 (.20) .250 (6.35) .230 (5.84) .130 (3.30) .110 (2.79) SMD Pin one I.D. .390 (9.91) .379 (9.63) .031 (.79) typ. .150 (3.81) .130 (3.30) .395 (10.03) .375 (9.52) .312 (7.80) .298 (7.52) 3 to 7 .045 (1.14) .030 (0.78) Radius 4 typ. .050 (1.27) typ. .008 (.25) .004 (.10) .040 (1.02) .020 (.51) .100 (2.54) typ. 10 .315 (8.00) typ. .010 (2.54) typ. Part Identification Part Number LH1539AB LH1539AAC LH1539AACTR Description 8-pin DIP, Tubes 8-pin SMD, Gullwing, Tubes 8-pin SMD, Gullwing, Tape and Reel Document Number: 83832 Revision 17-August-01 www.vishay.com 3-146 Recommended Operating Conditions Parameter Sym. Min. 3.0 Typ. -- Max. Unit 20 mA Absolute Maximum Ratings, TA=25C Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Ratings for extended periods of time can adversely affect reliability. LED Forward IFon Current for Switch Turn-on (TA=-40C to +85C) SSR LED Continuous Forward Current (IF) ........................................ 50 mA LED Reverse Voltage (IR10 A) (VR) ...........................................8.0 V dc or Peak ac Load Voltage (IL50 A) (VL) ..................................400 V Continuous dc Load Current (IL) .............................................. 120 mA Optocoupler LED Continuous Forward Current (IF) .................................................. 50 mA LED Reverse Voltage (IR10 A) (VR) ............................................3.0 V Collector-emitter Breakdown Voltage (BVCEO) ...............................30 V Photodarlington Power Dissipation (PDISS) ............................. 150 mW Package Ambient Operating Temperature Range (TA).................. -40 to +85C Storage Temperature Range (Tstg) .................................. -40 to +85C Pin Soldering Temperature (t=10 s max) (TS). ............................. 269C Input/Output Isolation Voltage (t=60 s min) (VISO)............... 5300 VRMS Total Package Power Dissipation (PDISS) ................................. 600 mW Electrical Characteristics, TA=25C Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information purposes only and are not part of the testing requirements. Parameter SSR LED Forward Current, Switch Turn-on LED Forward Current, Switch Turn-off LED Forward Voltage ON-resistance OFF-resistance Current Limit Output Off-state Leakage Current Output Capacitance Pins 4 to 6 Turn-on Time Turn-off Time Optocoupler LED Forward Voltage dc Current Tranfer Ratio Saturation Voltage Leakage Current VF CTR VCEsat ICEO 0.9 300 -- -- 1.2 -- -- -- 1.5 -- 1.0 N/A V % V -- IF=10 mA IF=0.05 mA, VCE=0.9 V IF=0.05 mA, IC=0.15 mA IF=0 mA, VCE=5.0 V IFon IFoff VF -- 0.1 0.8 17 -- 170 -- -- -- -- 0.5 0.4 1.2 25 5000 210 0.04 55 10 -- -- 1.0 -- 1.4 33 -- 270 100 -- -- 2.0 0.5 mA mA V G mA nA pF pF ms ms IL=100 mA, t=10 ms VL=300 V IF=3.0 mA IF=3.0 mA, IL=50 mA IF=0 mA, VL=100 V IF=5.0 mA, t=5.0 ms IF=0 mA, VL=100 V IF=0 mA, VL=1.0 V IF=0 mA, VL=50 V IF=5.0 mA, IL=50 mA IF=5.0 mA, IL=50 mA Symbol Min. Typ. Max. Unit Test Condition RON ROF ILMT -- -- ton toff Document Number: 83832 Revision 17-August-01 www.vishay.com 3-147 Typical Performance Characteristics Figure 1. LED Voltage vs. Temperature 1.6 1.5 1.4 1.3 1.2 1.1 IF = 1 mA IF = 2 mA IF = 5 mA IF = 10 mA -20 0 20 40 60 AMBIENT TEMPERATURE, TA (C) 80 IF = 20 mA LED FORWARD VOLTAGE (V) Figure 4. LED Dropout Voltage vs. Temperature 1.20 LED FORWAD VOLTAGE (V) IF = 50 mA 1.10 1.00 0.90 0.80 1.0 -40 0.70 -40 -20 0 20 40 60 80 AMBIENT TEMPERATURE, TA (C) Figure 2. LED Current for Switch Turn-on/off vs. Temperature LED FORWARD CURRENT FOR SWITCH TURN-0N/OFF (%) NORMALIZED TO 25 C 300 Figure 5. Current Limit vs. Temperature 40 IF = 5 mA, t = 5 ms CHANGE IN CURRENT LIMIT (%) NORMALIZED TO 25 C IL = 100 mA 200 30 20 10 0 -10 -20 -30 -40 -40 -20 0 20 40 60 80 100 0 -100 -40 -20 0 20 40 60 80 AMBIENT TEMPERATURE, TA (C) AMBIENT TEMPERATURE, TA (C) Figure 3. ON-Resistance vs. Temperature 50 IL = 50 mA 40 CHANGE IN ON-RESISTANCE (%) NORMALZED TO 25 C 30 20 10 0 -10 -20 -30 -40 -40 -20 0 20 40 60 80 Figure 6. Variation in ON-Resistance vs. LED Current ac/dc ON-RESISTANCE VARIATION (%) NORMALIZED TO DATA SHEET RON SPECIFICATION @ IF = 5 mA 9 8 7 6 5 4 3 2 1 0 0.0 1.0 2.0 3.0 4.0 5.0 LED FORWARD CURRENT (mA) AMBIENT TEMPERATURE, TA (C) Document Number: 83832 Revision 17-August-01 www.vishay.com 3-148 Figure 7. Switch Capacitance vs. Applied Voltage 70 60 50 40 30 20 10 0 0 20 40 60 80 100 APPLIED VOLTAGE (V) Figure 10. Insertion Loss vs. Frequency 0.6 INSERTION LOSS (dB) 0.5 0.4 0.3 0.2 0.1 0.0 102 103 104 105 FREQUENCY (Hz) RL = 600 Figure 8. Output Isolation 100 VP =10 V RL =50 80 ISOLATION (dB) CAPACITNCE (pF) Figure 11. Leakage Current vs. Applied Voltage 100 OFF-STATE LEAKAGE CURRENT (pA) 90 80 70 60 50 40 30 20 10 0 0 50 100 150 200 250 300 350 400 LOAD VOLTAGE (V) IF = 0 mA TA = 25 C 60 40 20 0 102 103 104 105 106 107 FREQUENCY (Hz) Figure 9. Leakage Current vs. Applied Voltage at Elevated Temperatures 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 50 100 150 200 250 300 350 400 70 C 50 C OFF-STATE LEAKAGE CURRENT (nA) Figure 12. Switch Breakdown Voltage vs. Temperature 8 6 4 2 0 -2 -4 -6 -8 -40 85 C CHANGE IN BREAKDOWN VOLTAGE (%) NORMALIZED TO 25 C -20 0 20 40 60 80 LOAD VOLTAGE (V) AMBIENT TEMPERATURE, TA (C) Document Number: 83832 Revision 17-August-01 www.vishay.com 3-149 Figure 13. Switch Offset Voltage vs. Temperature 5 IF = 5 mA 4 Figure 16. LED Offset Voltage vs. LED Current 0.6 0.5 0.4 3 (A) (V) 2 0.2 1 0.1 0.0 20 30 40 50 60 70 80 90 0 5 10 15 20 25 AMBIENT TEMPERATURE, TA (C) LED FORWARD CURRENT (mA) 0 60 CHANGE IN TURN-0N TIME (%) NORMALIZD TO 25 C 50 40 30 20 10 0 -10 -20 -30 -40 -40 -20 0 20 40 60 80 CHANGE IN TURN-ON TIME (%) NORMALIZED TO 25 C IF = 5 mA IL = 50 mA 0.3 Figure 14. Turn-On Time vs. Temperature Figure 17. Turn-Off Time vs. Temperature 15 IF = 5 mA IL = 50 mA 10 5 0 -5 -10 -15 -40 -20 0 20 40 60 80 AMBIENT TEMPERATURE, TA (C) (mA) AMBIENT TEMPERATURE, TA (C) Figure 15. Turn-On Time vs. LED Current 3.0 Figure 18. Turn-off Time vs. LED Current 3.0 85 C 2.4 TURN-OFF TIME (ms) TURN-ON TIME (ms) 2.4 1.8 85 25 -40 0.6 1.8 25 C 1.2 1.2 -40 C 0.6 0.0 0 4 8 12 16 20 LED FORWARD CURRENT (mA) 0.0 0 4 8 12 16 20 LED FORWARD CURRENT (mA) Document Number: 83832 Revision 17-August-01 www.vishay.com 3-150 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of LH1539AB |