Part Number Hot Search : 
1N4001 KIA8182 51181 0F88M RPS1A6 MTKV320C 5248B 0F88M
Product Description
Full Text Search
 

To Download LH1503AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH1503AAC/ AACTR/ AB
Vishay Semiconductors
2 Form A Solid State Relay
DIP SMD
Features
* * * * * * * * * * Current Limit Protection Isolation Test Voltage 5300 VRMS Typical RON 20 Load Voltage 350 V Load Current 110 mA High Surge Capability Clean Bounce Free Switching Low Power Consumption High Reliability Monolithic Receptor SMD Lead Available on Tape and Reel
S1 8 S1 S2 S1' S2' 1
i179033
S1' S2 7 6
S2' 5
2
3
4
e3
Description
Pb
Pb-free
* Lead-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * CSA - Certification 093751 * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending
Applications
General Telecom Switching - On/off Hook Control - Ring Delay - Dial Pulse - Ground Start - Ground Fault Protection Instrumentation Industrial Controls
The LH1503 relays are DPST normally open switches (2 Form A) that can replace electromechanical relays in many applications. The relays are constructed using a GaAlAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuity, and DMOS switches. In addition, these relays employ current-limiting circuity, enabling them to pass FCC 68.302 and other regulatory voltage surge requirements when overvoltage protection is provided.
Order Information
Part LH1503AAC LH1503AACTR LH1503AB Remarks Tubes, SMD-8 Tape and Reel, SMD-8 Tubes, DIP-8
Document Number 83807 Rev. 1.3, 26-Oct-04
www.vishay.com 1
LH1503AAC/ AACTR/ AB
Vishay Semiconductors Absolute Maximum Ratings, Tamb = 25 C
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Ratings for extended periods of time can adversely affect reliability.
SSR
Parameter LED continuous forward current LED reverse voltage DC or peak AC load voltage Continuous DC load current one pole operating Continuous DC load current two poles operating Peak load current (single shot) Ambient temperature range Storage temperature range Pin soldering temperature Input/output isolation voltage Pole-to-pole isolation voltage (S1 to S2) Output power dissipation (continuous)
1)
Test condition IR 10 A IL 50 A
Symbol IF VR VL IL IL
Value 50 8.0 200 150 110
1)
Unit mA V V mA mA
t = 100 ms
IP Tamb Tstg
- 40 to + 85 - 40 to + 150 260 5300 500
C C C VRMS V mW
t = 10 s max
Tsld VISO
Pdiss
600
Refer to Current Limit Performance Application Note for a discussion on relay operation during transient currents.
Electrical Characteristics, Tamb = 25 C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Input
Parameter LED forward current, switch turn-on LED forward current, switch turn-off LED forward voltage Test condition IL = 100 mA, t = 10 ms VL = 300 V IF = 10 mA Symbol IFon IFoff VF 0.2 1.15 Min Typ. 2.0 0.8 1.26 1.45 Max 3.0 Unit mA mA V
Output
Parameter ON-resistance Pole-to-pole ON-resistance matching (S1 to S2) OFF-resistance Current limit Off-state leakage current Output capacitance Test condition IF = 5.0 mA, IL = 50 mA IF = 5.0 mA, IL = 50 mA IF = 0 mA, VL = 100 V IF = 5.0 mA, t = 5.0 ms, VL = 6.0 V IF = 0 mA, VL = 100 V IF = 0 mA, VL = 350 V IF= 0 mA, VL=1.0 V IF = 0 mA, VL = 50 V ROFF ILMT IO IO CO CO 55 10 0.5 230 Symbol RON Min 12 Typ. 20 0.2 5000 270 0.02 370 200 1.0 Max 25 2.0 Unit G mA nA A pF pF
www.vishay.com 2
Document Number 83807 Rev. 1.3, 26-Oct-04
LH1503AAC/ AACTR/ AB
Vishay Semiconductors
Parameter Pole-to-pole capacitance (S1 to S2) Switch offset Test condition IF = 0 mA IF = 5.0 mA IF = 5.0 mA VOS Symbol Min Typ. 3.0 4.0 0.15 Max Unit pF pF V
Transfer
Parameter Capacitance (input-output) Turn-on time Turn-off time VISO IF = 10.0 mA, IL = 50 mA IF = 10.0 mA, IL = 50 mA Test condition Symbol CISO ton toff Min Typ. 1.1 1.6 0.65 2.5 2.5 Max Unit pF ms ms
Typical Characteristics (Tamb = 25 C unless otherwise specified)
110
LED Forward Current for Switch Turn-on (%), Normalized to 25 C
100 80 60 40 20 0 -20 -40 -60 -40
iLH1503AB_02
100
Load Current (mA)
IL= 100 mA
80 60
IFon=3.0 mA IFon=5.0 mA 40 IFon=7.0 mA IFon=8.0 to 20 mA 20 0 -40 -20 0 20 40 Ambient Temperature (C) 60 80
-20
iLH1503AB_00
0 20 40 60 Ambient Temperature (C)
80
Figure 1. Recommended Operating Conditions
Figure 3. LED Current for Switch Turn-on vs. Temperature
1.6
Change in ON-resistance (%) Normalized to 25 C
50 40 30 20 10 0 -10 -20 -30 80 -40 -40
iLH1503AB_03
1.5
LED Forward Voltage (V)
IF =50 mA IF =20 mA
IL= 50 mA
1.4 1.3 1.2 IF =1.0 mA I =2.0 mA 1.1 F 1.0 -40
-20
IF =5.0 mA IF =10 mA 0 20 40 60 Ambient Temperature (C)
-20
iLH1503AB_01
0 20 40 Ambient Temperature (C)
60
80
Figure 2. LED Voltage vs. Temperature
Figure 4. ON-Resistance vs. Temperature
Document Number 83807 Rev. 1.3, 26-Oct-04
www.vishay.com 3
LH1503AAC/ AACTR/ AB
Vishay Semiconductors
1.20 IL= 100 mA
LED Forward Voltage (V)
80 70
Capacitance (pF)
1.15 TYP. 1.10 MIN. 60 50 40 30 20 10 0.95 -40 -20 0 20 40 Ambient Temperature (C) 60 80 0 0
iLH1503AB_07
IF =0 mA TA=25C f=1.0 MHz
1.05
1.00
20
iLH1503AB_04
40 60 Applied Voltage (V)
80
100
Figure 5. LED Dropout Voltage vs. Temperature
Figure 8. Switch Capacitance vs. Applied Voltage
40
Change in Current Limit (%) Normalized to 25 C
100 IF = 5.0 mA t = 5.0 ms VL = SEE ELEC. CHAR .
Isolation (dB)
30 20 10 0 -10 -20 -30 -40 -40 -20
80
60 VP=10V RL=50
40
20
iLH1503AB_05
0 20 40 60 Ambient Temperature (C)
80
0 10 2
iLH1503AB_08
10 3
10 4 10 5 Frequency (Hz)
10 6
10 7
Figure 6. Current Limit vs. Temperature
Figure 9. Output Isolation
1.5
ac/dc On-resistance Variation (%) Normalized to Data Sheet RON Specification at IF =5.0 mA
3.0
IL = 50 mA
Off-state Leakage Current (nA)
2.5 2.0 1.5 1.0 0.5 50C 0 0 50 100 150 200 250 Load Voltage (V) 300 350 400 70C 85C
1.0
0.5
0
-0.5 0
iLH1503AB_06
4
8 12 LED Forward Current (mA)
16
20
iLH1503AB_09
Figure 7. Variation in ON-Resistance vs. LED Current
Figure 10. Leakage Current vs. Applied Voltage at Elevated Temperatures
www.vishay.com 4
Document Number 83807 Rev. 1.3, 26-Oct-04
LH1503AAC/ AACTR/ AB
Vishay Semiconductors
0.30
Switch Offset Voltage (V)
3.5 IF = 5.0 mA R L= 600 3.0 2.5 2.0 1.5 1.0 0.5 10 3 10 4 Frequency (Hz) 10 5
iLH1503AB_13
0.25
Insertion Loss (dB)
0.20 0.15 0.10 0.05 0
10 2
0
20
30
iLH1503AB_10
40 50 60 70 Ambient Temperature (C)
80
90
Figure 11. Insertion Loss vs. Frequency
Figure 14. Switch Offset Voltage vs. Temperature
Off-state Leakage Current (pA)
90 80 70 60 50 40 30 20 10 0 0
Change in Turn-on Time (%) Normalized to 25C
IF = 0 mA TA = 25C
60 50 40 30 20 10 0 -10 -20 -30
IF =5.0 mA IL =50 mA
50
100
iLH1503AB_11
150 200 250 Load Voltage (V)
300
350 400
-40 -40
iLH1503AB_14
-20
0 20 40 60 Ambient Temperature (C)
80
Figure 12. Leakage Current vs. Applied Voltage
Figure 15. Turn-on Time vs. Temperature
8
Change in Breakdown Voltage (%) Normalized to 25C
10 8
Turn-on Time (ms)
6 4 2 0 -2 -4 -6 -8 -40 0 -20 0 20 40 60 Ambient Temperature (C ) 80
iLH1503AB_15
IL=50 mA
6
-40C 25C 85C
4
2
0
10
iLH1503AB_12
20 30 40 LED Forward Current (mA)
50
Figure 13. Switch Breakdown Voltage vs. Temperature
Figure 16. Turn-on Time vs. LED Current
Document Number 83807 Rev. 1.3, 26-Oct-04
www.vishay.com 5
LH1503AAC/ AACTR/ AB
Vishay Semiconductors
0.6
Switch Offset Voltage (V)
0.9 -40C 0.8
Turn-off Time (ms)
0.5 0.4 0.3 0.2 0.1 0 0
IL=50 mA
0.7 0.6 0.5 0.4 0.3 0 10 85C 25C
5
iLH1503AB_16
15 20 10 LED Forward Current (mA)
25
iLH1503AB_17
20 30 40 LED Forward Current (mA)
50
Figure 17. Switch Offset Voltage vs. LED Current
Figure 18. Turn-off Time vs. Temperature
Package Dimensions in Inches (mm)
DIP
pin one ID 4 .268 (6.81) .255 (6.48) 5 6 7 8
ISO Method A
3
2
1
.390 (9.91) .379 (9.63) .045 (1.14) .030 (0.76) 4 typ. .031 (0.79) .150 (3.81) .130 (3.30) .050 (1.27) .022 (.56) .018 (.46)
i178008
.300 (7.62) typ.
10 .035 (.89) .020 (.51) .100 (2.54) typ. 3-9 .012 (.30) .008 (.20)
.250 (6.35) .230 (5.84) .130 (3.30) .110 (2.79)
www.vishay.com 6
Document Number 83807 Rev. 1.3, 26-Oct-04
LH1503AAC/ AACTR/ AB
Vishay Semiconductors Package Dimensions in Inches (mm)
SMD
Pin one I.D .
.268 (6.81) .255 (6.48)
.100 (2.54)
.030 (.76) R .010 (.25) .070 (1.78)
.390 (9.91) .379 (9.63) .031 (.79) typ. .150 (3.81) .130 (3.30)
.315 (8.00) min .435 (11.05)
.060 (1.52)
ISO Method A
.045 (1.14) .030 (0.78)
Radius
.395 (10.03) .375 (9.52) .312 (7.80) .298 (7.52) 3 to 7 10 .315 (8.00) typ. .010 (2.54) typ.
4 typ. .050 (1.27) typ.
.008 (.25) .004 (.10) .100 (2.54) typ.
.040 (1.02) .020 (.51)
i178009
Document Number 83807 Rev. 1.3, 26-Oct-04
www.vishay.com 7
LH1503AAC/ AACTR/ AB
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 8
Document Number 83807 Rev. 1.3, 26-Oct-04
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of LH1503AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X