Part Number Hot Search : 
216T1 00AMUT1 P1514 68HC11 T494A106 HFC03 BD235 SI9176
Product Description
Full Text Search
 

To Download LG128647 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG128647
128 x 64 dots
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 7.0 19.0 VDD + 0.3 70 80 Unit V V V C C
MECHANICAL DATA
Item Module Size ( W x H x T ) Viewing Area ( W x H ) Dot Pitch ( W x H ) Dot Size ( W x H ) Weight (Reflective/LED) Nominal Dimensions 75.0 x 68.0 x 7.5/9.5 60.0 x 32.6 0.43 x 0.43 0.40 x 0.40 Approx. 35 / 45 Unit mm mm mm mm g
ELECTRICAL CHARACTERISTICS ( V DD =5V0.25V )
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition --IOH = - 0.2mA IOL = 1.6mA VDD = 5.0V Ta=25C Min. 2.0 - 0.3 2.4 0 --Typ. ----8.0 11.2 Max. Unit V DD 0.8 V DD 0.4 10.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol VSS V DD VO RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 CS1 CS2 /RST VOUT LEDA LEDK Level 0V +5V -H/L H/L _ H,H >L H/L H/L H/L H/L H/L H/L H/L H/L H H L -10V +5V 0V Function GND Power supply for logic Operating voltage for LCD H : Data L : Instruction code H : Read L : Write Enable signal
BLOCK DIAGRAM
64 COM
Data bus line
S6B0107 or Eqv.
LCD PANEL 128 x 64 dots 64 SEG 64 SEG S6B0108 or Eqv.
VDD VSS VO VOUT
Power Circuit
To LSI S6B0108 or Eqv.
Chip selection for IC1, active "H" Chip selection for IC2, active "H" Reset signal, active "L" Output voltage for LCD driving Power supply for LED backlight
DB0 DB7 RS, R/W, E, /RST CS1 CS2 LEDA LEDK LED Backlight Array(A.) or Edge(E.)
LED BACKLIGHT SPECIFICATIONS (Ta=25C)
Item Forward Voltage Forward Current (A./E.) Emission Wave Length Symbol Vf If Typ. 4.1 180/120 568 Max. 4.3 --Unit V mA nm
p


▲Up To Search▲   

 
Price & Availability of LG128647

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X