Part Number Hot Search : 
2N411 A43L8316 SMCJ75 BUX84S SB310 CDLL256 18629137 F7103
Product Description
Full Text Search
 

To Download LG122322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG122322
122 x 32 dots
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -20 Max. 7.0 13.5 VDD + 0.3 70 80 Unit V V V C
MECHANICAL DATA
Item Module Size ( W x H x T ) Viewing Area ( W x H ) Dot Pitch ( W x H ) Dot Size ( W x H ) Weight (Reflective/LED) Nominal Dimensions 84.0 x 44.0 x 9.5/13.5 60.5 x 18.5 0.44 x 0.49 0.40 x 0.45 Approx. 30 / 40 Unit mm mm mm mm g
C
ELECTRICAL CHARACTERISTICS ( V DD =5V
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition --I OH = - 3.0mA IOL = 3.0mA VDD = 5.0V C Ta=25 Min. 2.0 - 0.3 2.4 0 ---
a0.25V )
Typ. ----0.5 6.5 Max. Unit V DD 0.8 V DD 0.4 1.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Symbol VSS V DD VO A0 E1 E2 R/W DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 /RST LEDA LEDK Level 0V +5V -H/L _ H,H >L _ H,H >L H/L H/L H/L H/L H/L H/L H/L H/L H/L L +5V 0V Function GND Power supply for Logic Operating voltage for LCD H : Data L : Instruction code Enable signal 1 Enable signal 2 H : Read L : Write
BLOCK DIAGRAM
C1 | C16 S1----S61 SEG SED1520DOA or Eqv.
COM
LCD PANEL 122 x 32 dots
S62----S122 SEG
C17 | C32
COM
Data bus line
SED1520DOA or Eqv.
Reset signal, active "L" Power supply for LED backlight
A0 R/W DB0~DB7 /RST E1 E2 V SS V DD VO Power Circuit to LSI LEDA LEDK LED Backlight
LED BACKLIGHT SPECIFICATIONS (Ta=25 C)
Item Forward Voltage Forward Current Emission Wave Length Symbol Vf If Typ. 4.1 120 568 Max. 4.3 --Unit V mA nm
p


▲Up To Search▲   

 
Price & Availability of LG122322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X