|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2012 Size Chip Multilayer Diplexer for CELL / GPS FSLF-S090JR All the technical data and information contained herein are subject to change without notice. LF-FSLF-S090JR-0406A Shape & Size 1.25 1.0 2.0 3 6 0.3 0.65 2 5 0.3 0.65 1 4 4 : Higher port 6 : Lower port 2 : Common port 1,3,5 : Ground unit(mm) Specifications Frequency Range Insertion Loss in f1 Lower<=>Common Insertion Loss in f2 Higher<=>Common Return Loss (all port) All the technical data and information contained herein are subject to change without notice. f1:824-894MHz f2:1575.42MHz +/- 1MHz 0.3 Attenuation in f2 Lower <=>Common 17dB Min. 17dB Min. 0.5dB Max.(at 25deg.C) Attenuation in f1 0.55dB Max.(at -35 ~ +85deg.C) Higher <=>Common 1W Max. 0.6dB Max.(at 25deg.C) Power Capacity 0.65dB Max.(at -35 ~ +85deg.C) Temperature Range -35to+85deg 10dB Min. LF-FSLF-S090JR-0406A FSLF-S090JR SAMPLE DATA l og M AG 0 1: 2: 5 3: 10 4: Lower At t enuat i on [ dB] 15 - . 2547 dB 824 M Hz - . 3527 dB 925 M Hz - 34. 843 dB 1 5 70 M Hz - 36. 017 dB 1580 M Hz l og M AG 1 0 d B/ REF 0 d B 1: 2: Por t - 19. 556 dB 824 M Hz - 19. 177 dB 925 M Hz 0 10 20 30 40 50 1 2 Lower Por t 25 0 I ns er t i on Los s [ dB] 20 30 1 0. 2 Ret ur n Los s [ dB] Hi gher Por t l og M AG 1 0 d B/ REF 0 d B 3: 4: - 23. 053 dB 1570 M Hz - 22. 578 dB 1580 M Hz 35 2 0. 4 3 4 0. 6 0 10 20 30 40 50 40 45 0. 8 3 4 50 START 0 . 5 GHz l og M AG STOP 2 . 5 GHz 1: 2: 3: 1. 0 l og M AG 0 1 0 d B/ REF 0 d B 1: 2: 3: 5 10 4: At t enuat i on [ dB] 15 - 24. 341 dB 824 M Hz - 22. 797 dB 925 M Hz - . 3698 dB 1 5 70 M Hz - . 3726 dB 1580 M Hz Com on Por t m 0 10 20 30 40 1 2 START 0 . 5 GHz l og M AG 1 0 d B/ REF 0 d B 4 3 4: - 23. 076 dB 824 M Hz - 20. 885 dB 925 M Hz - 22. 349 dB 1570 M Hz - 21. 232 dB 1580 M Hz Po r t I ns er t i on Los s [ dB] 20 50 1 25 STOP 2 . 5 GHz 1: 2: 3: - 25. 844 dB 824 M Hz - 25. 501 dB 925 M Hz - 23. 021 dB 1570 M Hz - 23. 147 dB 1580 M Hz Hi gher 2 0 30 0. 2 35 3 4 0. 4 I s ol at i on 0 10 20 30 40 50 40 0. 6 4: 1 2 START 0 . 5 GHz 3 4 45 0. 8 50 START 0 . 5 GHz STOP 2 . 5 GHz 1. 0 STOP 2 . 5 GHz All the technical data and information contained herein are subject to change without notice. LF-FSLF-S090JR-0406A Foot Pattern 0. 8 Foot Pattern Example 50ohm st r i p l i ne 0. 55 gr ound 0. 8 gr ound 0. 35 0. 3 0. 35 0. 35 0. 3 gr ound 50ohm st r i p l i ne All the technical data and information contained herein are subject to change without notice. LF-FSLF-S090JR-0406A |
Price & Availability of LF-FSLF-S090JR-0406A |