Part Number Hot Search : 
9248DF MC74ACT GMDA05 DG417 7662CPA MC2210 PTB20170 OPB910L
Product Description
Full Text Search
 

To Download LF-FSLF-S080HL-0404A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2012 Size
Chip Multilayer Diplexer for CELL / PCS
FSLF-S080HL
All the technical data and information contained herein are subject to change without notice.
LF-FSLF-S080HL-0404A
Shape & Size
1.25 1.0
2.0
3
6
0.3
0.65
2
5
0.3
0.65
1
4
6 : Higher port 4 : Lower port 2 : Common port 1,3,5 : Ground unit(mm)
Specifications
Frequency Range Insertion Loss in f1 AMPS <=>Common Insertion Loss in f2 PCS <=>Common Return Loss (all port)
All the technical data and information contained herein are subject to change without notice.
f1:824- 894MHz f2:1850-1990MHz 0.5dB Max.(at +25deg)
0.3
H
Attenuation in f2 AMPS <=>Common
18 dB Min. 18 dB Min. 3W Max.
Attenuation in f1 0.55dB Max.(at -35to+85deg) PCS <=>Common 0.6 dB Max.(at +25deg) 12 dB Min. Power Capacity
0.65dB Max.(at -35to+85deg) Temperature Range -35to+85deg
LF-FSLF-S080HL-0404A
FSLF-S080HL SAMPLE DATA
lo g MAG
0
1 2
: : : :
5
3
10
L ow e r Po r t
4
[dB ]
15
- . 3 41 dB 8 24 MH z - . 3 21 5 dB 8 94 MH z -2 1 .8 3 4 dB 1 85 0 MH z -2 4 .8 1 6 dB 19 9 0 MHz
log MAG
10 dB / F 0 dB RE
1 2
: :
-1 5 . 3 14 dB 8 24 MH z -1 5 . 6 37 dB 8 94 MH z
0 10 20 30 40 50
12
L ow e r Po r t
20
A t te n ua t i o n
4
25
3
[dB ]
R e tu rn Lo ss [dB ] H i gh e r Po r t
0
log MAG
1 0 dB / RE F 0 dB
3 4
: :
-2 2 . 4 79 dB 1 85 0 MH z -3 3 . 1 89 dB 19 9 0 MHz
30
0.2
35
12
0.4
In se r t i on Lo ss
0 10 20 30 40 50
40
0.6
45
0.8
4 3
45
S TART 0 .5GHz
STOP 2 . 5GH z 1 2 : : : :
2
1.0
log MAG
0
1 0 dB / RE F 0 dB
1 2 3
: : : :
-1 7 . 2 29 dB 8 24 MH z -1 8 . 3 52 dB 8 94 MH z -2 2 . 3 73 dB 1 85 0 MH z -2 5 . 7 79 dB 19 9 0 MHz
5
3
10
Com n Po r t mo
4
H ig h e r Po r t
[dB ]
15
-2 1 .7 6 2 dB 8 24 MH z -2 5 .1 3 7 dB 8 94 MH z - . 3 68 6 dB 1 85 0 MH z - . 3 39 8 dB 1 9 9 0 MHz
0 10 20 30 40
4 12 S TART 0 . 5GH z log MAG 1 0 dB / RE F 0 dB 3
4
20
1
[dB ]
50
ST OP 2 . 5GH z 1 2 : : : : -2 1 . 8 79 dB 8 24 MH z -2 6 . 7 47 dB 8 94 MH z -2 0 . 0 21 dB 1 85 0 MH z -2 2 . 1 89 dB 19 9 0 MHz
A t ten ua t io n
25
1 2 4
0
30
0.2
In se r t io n L o s s
I so la t i o n
35
0.4
3
0 10 20 30 40 50
3
40
2
0.6
4 1 2 3
4
45
0.8
45
S TART 0 .5GHz
STOP 2 . 5GH z
1.0
S TART 0 . 5GH z
ST OP 2 . 5GH z
All the technical data and information contained herein are subject to change without notice.
LF-FSLF-S080HL-0404A
Foot Pattern
0. 8
Foot Pattern Example
50ohm st r i p l i ne
0. 55
gr ound
0. 8
gr ound
0. 35 0. 3
0. 35
0. 35 0. 3
gr ound 50ohm st r i p l i ne
All the technical data and information contained herein are subject to change without notice.
LF-FSLF-S080HL-0404A


▲Up To Search▲   

 
Price & Availability of LF-FSLF-S080HL-0404A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X