Part Number Hot Search : 
24064 MAXQ615 759DURT NTE5554 FCT16 1E330 CE66S4 7MBR1
Product Description
Full Text Search
 

To Download LDTD123ELT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital transistors
Features
LDTD123ELT1
1)Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2)The bias resistors consist of thinfilm resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3)Only the on/off conditions need to be set for operation, making device design easy.
Structure
SOT-23
NPN digital transistor (Built-in resistor type) Driver Marking
LDTD123ELT1 =F22
Equivalent
circuit
3
1
2
LDTD123ELT1-1/4
LDTD123ELT1
Absolute
maximum ratings (Ta = 25oC)
Electrical
characteristics (Ta = 25 C)
o
LDTD123ELT1-2/4
LDTD123ELT1
Electrical
characteristic curves
LDTD123ELT1-3/4
LDTD123ELT1
SOT-23
NOTES: 1.DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,1982 2.CONTROLLING DIMENSION:INCH
LDTD123ELT1-4/4


▲Up To Search▲   

 
Price & Availability of LDTD123ELT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X