Part Number Hot Search : 
10406 UDZS27 TSM104A MIC842 10406 ST19SF04 52M16V1 AT17C010
Product Description
Full Text Search
 

To Download LDTC143EET1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistors
NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-89 package which is designed for low power surface mount applications. * Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * The SC-89 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Pb-Free Package is Available.
LDTC143EET1
3
1 2
SC-89
PIN 1 BASE (INPUT)
PIN 3 COLLECTOR (OUTPUT) R1 R2 PIN 2 EMITTER (GROUND)
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation, FR-4 Board (Note 1.) @ TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient (Note 1.) Total Device Dissipation, FR-4 Board (Note 2.) @ TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient (Note 2.) Junction and Storage Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 Inch Pad Symbol PD 200 1.6 RJA PD 300 2.4 RJA TJ, Tstg 400 -55 to +150 mW mW/C C/W C 600 mW mW/C C/W Max Unit
DEVICE MARKING AND ORDERING INFORMATION
Device LDTC143EET1 LDTC143EET1G Marking 8J 8J (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel
LDTC143EET1-1/3
LESHAN RADIO COMPANY, LTD.
LDTC143EET1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VBE = 6.0 V) Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (Note 3) (IC = 2.0 mA, IB = 0) ICBO ICEO IEBO V(BR)CBO V(BR)CEO - - - 50 50 - - - - - 100 500 1.5 - - nAdc nAdc mAdc Vdc Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain (VCE = 10 V, IC = 5.0 mA) Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 1 mA) Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k) Output Voltage (off) (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k) Input Resistor Resistor Ratio hFE VCE(sat) VOL VOH R1 R1/R2 15 30 -
-
-
0.25 0.2 - 6.1 1.2
Vdc Vdc Vdc k
- 4.9 3.3 0.8
- - 4.7 1.0
3. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
LDTC143EET1-2/3
LESHAN RADIO COMPANY, LTD.
LDTC143EET1
SC-89
A -X-
3 1 2
B -Y-
S
K G
2 PL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 463C-01 OBSOLETE, NEW STANDARD 463C-02. MILLIMETERS MIN NOM MAX 1.50 1.60 1.70 0.75 0.85 0.95 0.60 0.70 0.80 0.23 0.28 0.33 0.50 BSC 0.53 REF 0.10 0.15 0.20 0.30 0.40 0.50 1.10 REF --- --- 10 _ --- --- 10 _ 1.50 1.60 1.70 INCHES NOM 0.063 0.034 0.028 0.011 0.020 BSC 0.021 REF 0.006 0.016 0.043 REF --- --- 0.063
D 0.08 (0.003)
M
3 PL
XY
M C
N J -TSEATING PLANE
DIM A B C D G H J K L M N S
MIN 0.059 0.030 0.024 0.009 0.004 0.012 --- --- 0.059
MAX 0.067 0.040 0.031 0.013 0.008 0.020 10 _ 10 _ 0.067
H
H
L
G RECOMMENDED PATTERN OF SOLDER PADS
LL TC143EET1-3/3 D


▲Up To Search▲   

 
Price & Availability of LDTC143EET1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X