|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LRC LESHAN RADIO COMPANY,LTD. Digital transistors (built-in resistors) LDTA113ZL T 1 FFeatures 1) The built-in bias resistor allows the configuration of an inverter circuit without connecting any external input resistors (see Equivalent circuit). 2) Each bias resistor is a thin-film resistor. Since they are completely insulated, the input can be positively biased. The insulation also eliminates most of the parastic effects. 3) Circuit design is simplified since only the OFF and the ON conditions have to be set. FStructure PNP digital transistor (with built in resistors). LDTA113ZLT1 OUT IN GND SOT-23 Driver Marking FEquivalent circuit LDTA113ZLT1=BA 1/4 LRC LESHAN RADIO COMPANY,LTD. LDTA113ZLT1 !Absolute maximum ratings (Ta=25C) Parameter Symbol VCC VIN IO IC(Max.) Pd Tj Limits - 50 -5+10 - 100 - 100 225 150 -55+150 Unit V V mA mW C C Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Tstg !Electrical characteristics (Ta=25C) Parameter Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. - -3 - - - 33 0.7 8 - Typ. - - - - - - 1 10 250 Max. - 0.3 - - 0.3 - 7.2 - 0.5 - 1.3 12 - Unit V V mA A - k - MHz Conditions VCC= - 5V, IO= - 100A VO= - 0.3V, IO= - 20mA IO/II= - 10mA/- 0.5mA VI=- 5V VCC= - 50V, VI=0V VO=5V, IO=5mA - - VCE= - 10V, IE= - 5mA, f=100MHz Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Transition frequency of the device 2/4 LRC LESHAN RADIO COMPANY,LTD. LDTA113ZLT1 FElectrical characteristic curves 3/4 LRC LESHAN RADIO COMPANY,LTD. LDTA113ZLT1 SOT-23 NOTES: A L 3 1 2 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. BS DIM A B C D G H J K L S V V G C D H K J INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60 PIN 1. BASE 2. EMITTER 3. COLLECTOR 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 inches mm 4/4 |
Price & Availability of LDTA113ZLT1 |