Part Number Hot Search : 
MTZJ10 AK4372 S93C66 NTE5066A C3149 1H100 ATTINY4 C3149
Product Description
Full Text Search
 

To Download LD7215W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA S H E E T
HIGH POWER TRAVELING WAVE TUBE FOR GROUND TERMINALS
LD7215W
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
GENERAL DESCRIPTION
NEC LD7215W is a PPM-focused traveling wave tube designed for use as final amplifier in the earth-to-satellite communications transmitter. This is capable of delivering an output power of 3 kW over the range of 5.85 to 6.65 GHz. It provides a high power gain of 42 dB at a rated output power. Furthermore, this is of rugged and reliable design offering long-life service.
FEATURES
TM High Power Gain The power gain is typically 42 dB minimum at 3 kW level. TM Simple Cooling System The tube is forced-air-cooled, so that the cooling systems are simplified. TM PPM Focusing The tube is PPM (Periodic Permanent Magnet) -focused, eliminating entirely the focusing power supplies and interlock circuits. TM Rugged Construction The tube is designed to be rugged, therefore it is suitable for transportable systems. TM Long Life and High Stability The tube employs an advanced impregnated cathode with a low operating temperature for long life. TM Microdischarge Free The tube is carefully designed to be free from microdischarge in the electron gun for long term operation, therefore it is suitable for digital communication service.
For safe use of microwave tubes, refer to NEC document "Safety instructions to all personnel handling electron tubes" (ET0048EJVUM00)
The information in this document is subject to change without notice.
Document No. ET0214EJ2V1DS00 (2nd edition) Date Published August 1998 M Printed in Japan
(c)
1996
LD7215W
GENERAL CHARACTERISTICS
ELECTRICAL Frequency ...................................................... 5.85 to 6.65 GHz Output Power ................................................ 3 kW Heater Voltage ................................................ 6.3 V Heater Current ................................................ 4.5 A Type of Cathode ............................................. Indirectly heated, Impregnated Cathode Warm-up Time ................................. 300 s MECHANICAL Dimensions ................................................... See outline Weight ......................................................... 30 kg approx. Focusing ...................................................... Periodic Permanent Magnet Mounting Position .......................................... Any Electrical Connections .................................... Flying Leads Heater, Heater-Cathode, Helix, Anode, Collector and Thermal Protection RF Connections Input ......................................................... Type SMA Female Output ...................................................... Mates with CPR-137F Flange Cooling ......................................................... Forced Air
ABSOLUTE RATINGS (Note 1, 2 and 3 )
ELECTRICAL Min. Heater Voltage ............................................. Heater Surge Current ................................. Heater Current ............................................. Heater Warm-up Time ................................. Helix Voltage ............................................. Helix Current ............................................. Anode Voltage ............................................. Anode Current ............................................. Collector Voltage .......................................... Cathode Current .......................................... Drive Power ................................................ Load VSWR ................................................ MECHANICAL Min. Cooling Air Flow .......................................... Operating temperature ................................. Inlet air temperature .................................... Storage temperature .................................... 720 0 -20 -30 Max. - +45 +45 +70 Unit kg/hr C C C 6.0 - 3.0 300 12.5 - 10.0 -0.5 8.0 - - - Max. 6.6 8.0 5.0 - 13.7 25 13.0 0.5 9.5 1.5 24 1.15 : 1 Unit V A A s kV mA kV mA kV mA mW
2
LD7215W
TYPICAL OPERATION (Note 2, 3 and 5)
Unit Frequency ...................................................... Heater Voltage (Note 4) .................................... Heater Current ................................................ Helix Voltage ................................................... Helix Current ................................................... Anode Voltage ................................................ Anode Current ................................................ Collector Voltage ............................................. Cathode Current ............................................. Saturated Output Power ................................. Power Gain Gain Variation Gain Slope AM-PM Conversion at 500 W ............................................. at 3 kW ................................................ 3rd Order Intermodulation (two equal carriers, 300 W total) ........................ Air Flow ......................................................... Air Pressure Drop .......................................... -31.5 720 882.6 dBc kg/hr Pa 1.7 3.0 deg./dB deg./dB at 500 W ........................... at 3 kW ........................... at 500 W ........................... at 500 W ........................... 5.85 to 6.65 6.3 4.5 13.5 10.0 11.8 0.01 8.25 1.4 3.3 51 45 1.5 0.02 GHz V A kV mA kV mA kV mA kW dB dB dB/800 MHz dB/MHz
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute rating may be the limitation and simultaneous operation at more than one absolute rating may not be possible. Note 2 : The tube body is at ground potential in operation. Note 3 : All voltages are referred to the cathode potential except the heater voltage. Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube. Note 5 : These characteristics and operating values may be changed as a result of additional information or product improvement. NEC should be consulted before using this information for equipment design. This data sheet should not be referred to a contractual specification.
3
LD7215W
LD7215W OUTLINE (Unit in mm)
210
195 Max. 198 Max.
No.1 No.2 No.4 No.5 No.6
235 Max.
5.5 1 No.3
20 Max.
2302
2
63010
1051
850 Max.
822 Typ.
97 1
301
3
31
320.8 3
M6 Terminal
2662
83 1
Air Intake
535
155 1 83 1
1
Bearing Face
35 Max.
120.5
14.5 2
20 Max.
,, ,,, ,,, ,,, ,
,,, ,,, ,,, ,,, ,
178 Max.
(6)
160 1
(
)
,,,,,,,, ,,,,,,,, , ,,,,,,,, , ,,,,,
M10 4 Spring Loaded Captive Screws
Rubber
M4 (4 Holes)
130 1
LEAD CONNECTIONS q w e RF OUTPUT RF INPUT HIGH VOLTAGE CONNECTIONS CPR-137 FLANGE (NO. 10-32 UNF 2B THREADED HOLES) FEMALE SMA CONNECTOR FLYING LEADS WITH M6 TERMINALS LEAD NO. 1 2 3 4 5 6 LEAD NAME HEATER (-) HEATER (+), CATHODE ANODE COLLECTOR HELIX (GROUND) (COLOR) (BROWN) (YELLOW) (BLUE) (RED) (BLACK)
THERMAL PROTECTION SWITCH (GRAY)
NOTE 1 : THE 3RD ANGLE ORTHOGRAPHIC PROJECTION. 4
35
,, ,, ,,
121
1301
140
Air Exhaust
161 (2 Holes)
,, ,,, ,,, ,,, ,,,
Bearing Face
1161
M4 (8 Holes)
,, ,,
80050
351
1001
151
LD7215W
5
LD7215W
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others.


▲Up To Search▲   

 
Price & Availability of LD7215W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X