Part Number Hot Search : 
HC00A SL5501 FUS20 CS842 C4110 LF2805A FG110 LC7232
Product Description
Full Text Search
 

To Download LD7215D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA S H E E T
HIGH POWER TRAVELING WAVE TUBE FOR GROUND TERMINALS
LD7215, LD7215C, LD7215D
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
GENERAL DESCRIPTION
The NEC LD7215, LD7215C and LD7215D are PPM-focused traveling wave tubes designed for use as the final amplifiers in the earth-to-satellite communications transmitter. These are capable of delivering an output of 3 kW over the range of 5.85 to 6.425 GHz. They provide a high power gain of 46 dB at an output power of 3 kW, and flat gain variation of 2.5 dB by LD7215, 1.0 dB by LD7215C and LD7215D at small signal level in the full frequency range. Furthermore, they are of rugged and reliable design offering long-life service. Both LD7215 and LD7215D are fully compatible with TH3640.
FEATURES
TM High Power Gain The power gain is typically 52 dB at small signal level and 46 dB at 3 kW Ievel. TM Simple Cooling System All the tubes are forced-air-cooled, so that the cooling system is greatly simplified. TM PPM Focusing The tubes are PPM (Periodic Permanent Magnet) focused, and eliminate entirely the requirement for focusing power supplies and interlock circuits. TM Long Life and High Stability The tubes employ advanced impregnated cathode with a low operating temperature for long life. TM Microdischarge Free The tubes are carefully designed to be free from microdischarge in the electron gun for long term operation, therefore they are suitable for use in digital communication service.
For safe use of microwave tubes, refer to NEC document "Safety instructions to all personnel handling electron tubes" (ET0048EJVUM00)
The information in this document is subject to change without notice.
Document No. ET0139EJ5V0DS00 (5th edition) Date Published August 1998 M Printed in Japan
(c)
1991
LD7215, LD7215C, LD7215D
GENERAL CHARACTERISTICS
ELECTRICAL Frequency ...................................................... 5.85 to 6.425 GHz Cathode ......................................................... Indirectly heated, Impregnated Heater Voltage .......................................... 6.3 V Heater Current .......................................... 3.9 A MECHANICAL Dimensions ................................................... See Outline Focusing ...................................................... Periodic Permanent Magnet Electrical Connections .................................... Flying Leads (LD7215, LD7215D) AMP LGH 863023 Plug (LD7215C) RF Connectors Input ......................................................... Type SMA Female Output ...................................................... Mates with CPR 137 Flange Mounting Position .......................................... Vertical (cathode down) or Horizontal Weight ......................................................... 30 kg approx. Cooling ......................................................... Forced Air
ABSOLUTE RATINGS (Note 1, 2, 3 and 4 )
ELECTRICAL Min. Heater Voltage ............................................. Heater Surge Current .................................... Heater Current ............................................. HeaterWarm-up Time Helix Voltage ................................. Collector Voltage .......................................... ............................................. Accelerating Anode Voltage ........................... Collector Current .......................................... Helix Current ............................................. ........................ Accelerating Anode Current 6.0 - 3 300 8.0 12.5 10.0 - - -0.5 - - - - Max. 6.6 8 5 - 9.5 13.7 13.0 1.5 30 1.0 13.3 400 100 1.5:1 C C kg/hr V A A s kV kV kV A mA mA kW W W
Collector Dissipation .................................... Helix Dissipation .......................................... Reflected Power .......................................... Load VSWR ................................................ MECHANICAL Collector Temperature ................................. Cooling Air Temperature (Inlet) ..................... Cooling Air Flow ..........................................
- -20 720
300 45 -
2
LD7215, LD7215C, LD7215D
TYPICAL OPERATION (Note 1, 3 and 4)
Frequency ...................................................... Heater Voltage (Note 5) .................................... Heater Current ................................................ Coilector Voltage ............................................. Helix Voltage ................................................... Accelerating Anode Voltage .............................. Collector Current ............................................. Helix Current ................................................... Accelerating Anode Current .............................. Power Gain at Small Signal at 3 kW Output .......................................... .......................................... ........................... 52 46 0.02 2 3.5 -27 720 882.6 dB dB dB (LD7215/LD7215C, LD7215D) dB/MHz /dB /dB dBc kg/hr Pa 6.175 6.3 3.9 8.25 13.5 11.5 1.35 5 0.02 GHz V A kV kV kV A mA mA
Gain Variation (at Small Signal) ........................ 2.5/1.0 Gain Slope (at Small Signal) AM-PM Conversion at less than 500 W ....................................... at 3 kW Output .......................................... 3rd Order Intermodulation .............................. (Two equal carriers, 250 W total) Cooling Air Flow ............................................. Air Pressure Drop ..........................................
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute rating may be the limitation and simultaneous operation at more than one absolute rating may not be possible. Note 2 : The tube body is at ground potential in operation. Note 3 : All voltages are referred to the cathode potential except the heater voltage. Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube. Note 5 : These characteristics and operating values may be changed as a result of additional information or product improvement. NEC should be consulted before using this information for equipment design. This data sheet should not be referred to a contractual specification.
3
LD7215, LD7215C, LD7215D
LD7215, LD7215C* and LD7215D OUTLINE (Unit in mm)
130 1
, , , , ,
16 1 (2 HOLES)
178 MAX.
,
83 1 M4 (8 HOLES)
AOR INTAKE
20 MAX.
35 MAX.
30 1 BEARING 266 2 FACE
BEARING FACE
116 1
12 0.5
14.5 2 3 TERMINAL 6
83 1
630 20 320.8 3
31
535
2
5.5 1
35 1
,
230 MAX. ELEMENT HEATER (-)
100 1 150 1 230 2
20 MAX.
800 50
15 1
1
No.6 No.5 No.4 No.3 No.2 No.1
193 MAX.
195 MAX. 210
LEAD CONNECTIONS LEAD NO. 1 2 3 4 5 6 (COLOR) (BROWN) (YELLOW) (BLUE) (RED) (BLACK) w e RF INPUT HIGH VOLTAGE CONNECTIONS q RF OUTPUT CPR-137 FLANGE (NO. 10-32 UNF 2B THREADED HOLES) TYPE SMA FEMALE FLYING LEADS WITH 6 TERMINALS
HEATER (+), CATHODE ANODE COLLECTOR HELIC (GROUND)
THERMALPROTECTION (GLAY)
* LD7215C is electrically connected by AMP LGH 863023 Plug.
No part of this document may be copied in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or of others.
850 MAX.
155 1
97 1
TYP.822
(6)
12 1
,, ,, ,
35
130 1
140
M4 (4 HOLES) 160 1
,
RUBBER
(
M10 4 SPRING LOADED CAPTIVE SCREWS
)


▲Up To Search▲   

 
Price & Availability of LD7215D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X