Part Number Hot Search : 
IRF14 MC33071 2SA1248 IRF3007 T74FC CZRW5222 20JC4 R1002
Product Description
Full Text Search
 

To Download LC503TYL1-30Q-A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) 5-mm Round LED
Model # LC503TYL-30Q-A Data Sheet
30-degree, 5-mm round LED lamp in amber color with water-transparent lens and no stopper
Applications
* * * * Advertising Signs Indicators Traffic Signals Automotive Lighting
Absolute Maximum Ratings (TA = 25C)
Items Forward Current
Note 2
Symbol IF
Note 1
Absolute Maximum Rating 50 200 5 130 -40 ~ +95 -40 ~ +100
Unit mA mA V mW C C
Peak Forward Current Reverse Voltage Power Dissipation
IFP VR PD Topr Tstg Tsol
Operation Temperature Storage Temperature Lead Soldering Temperature
Max. 260C for 3 sec. max. (3 mm from the base of the epoxy bulb)
Note: Pulse width 0.1 msec, duty 1/10.
Typical Electrical & Optical Characteristics (TA = 25C)
Characteristics Forward Voltage Reverse Current Dominant Wavelength Luminous Intensity 50% Power Angle Symbol VF IR D IV 21/2H-H Condition IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA Unit V A nm mcd deg 584 2130 591 3300 30 Minimum Typical 2.3 Maximum 2.6 100 596
D-CT092.000 Data Sheet: CL
Subject to change without notice. www.cree.com/ledlamps
Standard Bins for LC503TYL-30Q-A (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (D) bins shown. Orders for LC503TYL1-30Q-A1 may be filled with any or all bins contained as below. All luminous intensity (IV) and dominant wavelength (D) values shown and specified are at IF = 20 mA.
X2
X3
X4
X5 Y or above
Luminous Intensity (IV)
5860 mcd X 4180 mcd W 3000 mcd V 2130 mcd 584 nm 587 nm 590 nm 593 nm 596 nm
Dominant Wavelength (D)
Important Notes: 1. All ranks will be included per delivery; rank ratio will be based on the dice distribution. 2. Pb content <1000 ppm. 3. Tolerance of measurement of luminous intensity is 15%. 4. Tolerance of measurement of the dominant wavelength is 1 nm. 5. Tolerance of measurement of VF is 0.05 V. 6. Packaging methods are available for selection; please refer to the "Cree LED Lamp Packaging Standard" document. 7. Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. 8. Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT092.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Document No. SPE/LC503TYL1-30P-A1 Rev. No. 03
Graphs
Graphs
-60 Vr(V) -50 -40 -30 -20 -10 0.0 -10.0 -20.0 -30.0 -40.0 Vf(V) Ir(uA) FIG.2 REVERSE CURRENT VS. REVERSE VOLTAGE. -50.0
100.0 80.0 60.0 40.0 20.0
If (mA)
0.0 2.0
2.2 2.4 2.6 2.8 3.0 FIG.1 FORWARD CURRENT VS. FORWARD VOLTAGE.
5.0 4.0 3.0 2.0 1.0 0.0 0.0 If(mA) 20.0 40.0 60.0 80.0 100.0 FIG.3 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT.
Half Power WL=20nm Domi WL= 591nm I (RELATIVE LUMINOUS INTENSITY) 100% 75% 50% 25% 0% 400 WL(nm) 900
500
600
700
800
FIG.4 RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH.
100 80 60 40 20 0
IF(mA)
50% Power Angle : 30
0
Ie(%)
100%
80%
60%
40%
Ta( C) 0.0 20.0 40.0 60.0 80.0 100.0 FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT TEMPERATURE (Tjmax=105 C)
-90 -60 -30 0 30 60 90
20% 0%
FIG.6 FAR FIELD PATTERN
Items Prepared by Checked by Approved by FCN#
Signatures
LiuZM Aldosin David
Date
2006-04-03 2006-04-03 2006-04-03 Rev. No B 03 Date 04Aug04
Revision History
Change Description
Add ESD and Notes; Change FIG.1&3&5; Change IV & Rank form.
D
2006-04-03 Cancel VF bin.
FCN20060081
Data is subject to change without prior notice; please refer to COTCO Website for the latest version. Copyright@2002 Cotco International Ltd.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
3
CLD-CT092.000
4/4
Format #: COTCO-D-074
REV.4
Mechanical Dimensions
All dimensions are in mm. Tolerance is 0.25 mm unless otherwise noted. An epoxy meniscus may extend about 1.5Draw ing Dimension mm down the leads. Burr around bottom of epoxy may be 0.5 mm max.
Document No. SPE/LC503TYL1-30Q-A1 Rev. No. 03
maximum ting 0 00 5 30 + 95 +100
Unit mA mA V mW
C C
C for 3 sec Max.
e base Notes of the epoxy bulb)
RoHS Compliance otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted mmended drive conditions. for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or etween 10mA and 30mA are recommended. Please contact COTCO
s ( Ta = 25C)
Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
Condition
F
Min.
Typ.
Max.
Unit
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
= 20mA (c) 2007 Cree, Inc.---rights reserved. The information in this document is subject 2.6 without notice. Cree and the V Copyright All to change 2.3
Cree logo are registered trademarks of Cree, Inc.
CLD-CT092.000
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
Standard/Custom
0: Standard C: Custom
VF
0: Full forward voltage distribution 1~9, A~Z . . . : special request *
Wd/Color aaaaaaaaa-aaa-aa- x x x x x IV
1: Full-color distribution 2~9, A~Z . . . : special request * 0: Full luminous intensity distribution 1~9, A~Z . . . :special request *
Packing type Product P/N
0: Standard = Bulk pack 1~9, A~Z . . . : special request *
* Contact your Cree sales representative for ordering information.
Standard Available Kits*
Kit Number LC503TYL1-30Q-A1-00001 LC503TYL1-30Q-A1-00002 Description 5mm Round 30 Amber 591nm, FULL RANK, Bulk Pack 5mm Round 30 Amber 591nm, V or above, X3, X4, X5, Bulk Pack
* Please contact your Cree representative about the availability of non-standard kits.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT092.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps


▲Up To Search▲   

 
Price & Availability of LC503TYL1-30Q-A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X