Part Number Hot Search : 
01210 10400 4AA08 AN4233 IRFP153R DH0165D HT82323 KA78L24A
Product Description
Full Text Search
 

To Download LC503TPG1-50P-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) 5-mm Round LED
Model # LC503TPG-50P-A Data Sheet
50-degree, 5-mm round LED lamp in green color with water-transparent lens and stopper
Applications
* * * * Advertising Signs Indicators LCD Backlight Moving-Message Signs
Absolute Maximum Ratings (TA = 25C)
Items Forward Current Peak Forward Current Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Lead Soldering Temperature
Note
Symbol IF IFP VR PD Topr Tstg Tsol
Absolute Maximum Rating 25 100 5 100 -40 ~ +95 -40 ~ +100
Unit mA mA V mW C C
Max. 260C for 3 sec. max. (3 mm from the base of the epoxy bulb)
Note: Pulse width 0.1 msec, duty 1/10.
Typical Electrical & Optical Characteristics (TA = 25C)
Characteristics Forward Voltage Forward Voltage Reverse Current Dominant Wavelength Luminous Intensity Symbol VF VF IR D IV 21/2H-H Condition IF = 20 mA IF = 1.0 A VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA Unit V V A nm mcd deg 520 2130 527 3800 50 1.7 Minimum Typical 3.4 Maximum 4.0 2.5 100 535
D-CT068.000 Data Sheet: CL
50% Power Angle
Subject to change without notice. www.cree.com/ledlamps
Standard Bins for LC503TPG-50P-A (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (D) bins shown. Orders for LC503TPG1-50P-A may be filled with any or all bins contained as below. All luminous intensity (IV) and dominant wavelength (D) values shown and specified are at IF = 20 mA.
X7
X8
X9 Y or above X
Luminous Intensity (IV)
5860 mcd
4180 mcd W 3000 mcd V 2130 mcd 520 nm 525 nm 530 nm 535 nm
Dominant Wavelength (D) Important Notes: 1. All ranks will be included per delivery; rank ratio will be based on the dice distribution. 2. Pb content <1000 ppm. 3. Tolerance of measurement of luminous intensity is 15%. 4. Tolerance of measurement of dominant wavelength is 1 nm. 5. Tolerance of measurement of VF is 0.05 V. 6. Packaging methods are available for selection; please refer to the "Cree LED Lamp Packaging Standard" document. 7. Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. 8. Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT068.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Document No. SPE/LC503TPG1-50P-A Rev. No. 01
Graph Graphs s
100.0 80.0 60.0 40.0 20.0 0.0 3.0 Vf(V) 3.4 3.8 4.2 4.6 5.0 Ir(uA) FIG.2 REVERSE CURRENT VS. REVERSE VOLTAGE. If (mA) Vr(V) -50 -40 -30 -20 -10 0 0.0 -10.0 -20.0 -30.0 -40.0 -50.0
FIG.1 FORWARD CURRENT VS. FORWARD VOLTAGE.
Half Power 100% 75% 50% 25% If(mA) 20.0 40.0 60.0 80.0 100.0 0% 300
WL=38nm
Domi WL= 527nm 5.0 4.0 3.0 2.0 1.0 0.0 0.0
400
500
600
700
WL(nm) 800
FIG.3 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT.
FIG.4 RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH.
50 40 30 20 10 0
IF(mA)
50% Power Angle : 50
0
Ie(%)
100%
80%
60%
40%
Ta( C) 0.0 20.0 40.0 60.0 80.0 100.0
-90 -60 -30 0 30 60 90
20% 0%
FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT TEMPERATURE (Tjmax=105 C)
FIG.6 FAR FIELD PATTERN
ms ed by d by ed by
Signatures
LiuZM Aldosin David
3
Date
2006-10-17 2006-10-17 Rev. No Date
Revision History
Change Description
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
CLD-CT068.000
2006-10-17
Mechanical Dimensions
Document No. SPE/LC503TPG1-50P-A Rev. No. 01 All dimensions are in mm. Tolerance is 0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads. Burr around bottom of epoxy may be 0.5 mm max.
Dimension Drawing
e maximum ating 25 100 5 100 ~ +95 ~ +100
Unit mA mA V mW C C
Notes he base of the epoxy bulb)
RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) substances, or are accordance with EU DirecTa = 25C) permitted for suchof the use of certain used in an exempted application, inand electronic equipment tive 2002/95/EC on the restriction hazardous substances in electrical (RoHS), as amended through April 21, 2006. Vision Advisory Claim
0C for 3 sec Max.
ics (
Condition Min. Typ. Max. Unit Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye. IF = 20mA IF = 1.0 A --1.7 3.4 --4.0 2.5 V V
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
CLD-CT068.000
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
Standard/Custom
0: Standard C: Custom
VF
0: Full forward voltage distribution 1~9, A~Z . . . : special request *
Wd/Color aaaaaaaaa-aaa-aa- x x x x x IV
1: Full-color distribution 2~9, A~Z . . . : special request * 0: Full luminous intensity distribution 1~9, A~Z . . . :special request *
Packing type Product P/N
0: Standard = Bulk pack 1~9, A~Z . . . : special request *
* Contact your Cree sales representative for ordering information.
Standard Available Kits*
Kit Number LC503TPG1-50P-A-00001 Description 5mm Round 50 Pure Green 527nm, FULL RANK, Bulk Pack
* Please contact your Cree representative about the availability of non-standard kits.
Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT068.000
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps


▲Up To Search▲   

 
Price & Availability of LC503TPG1-50P-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X