![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Cree(R) 5-mm Round LED Model # LC503TBL-50Q-A Data Sheet 30-degree, 5-mm round LED lamp in blue color with water-transparent lens and no stopper Applications * * * * Advertising Signs Indicators Traffic Lights Moving-Message Signs Absolute Maximum Ratings (TA = 25C) Items Forward Current Peak Forward Current Reverse Voltage Power Dissipation Operation Temperature Storage Temperature Lead Soldering Temperature Note Symbol IF IFP VR PD Topr Tstg Tsol Absolute Maximum Rating 25 100 5 100 -40 ~ +95 -40 ~ +100 Unit mA mA V mW C C Max. 260C for 3 sec. max. (3 mm from the base of the epoxy bulb) Note: Pulse width 0.1 msec, duty 1/10. Typical Electrical & Optical Characteristics (TA = 25C) Characteristics Forward Voltage Forward Voltage Reverse Current Dominant Wavelength Luminous Intensity Symbol VF VF IR D IV 21/2H-H Condition IF = 20 mA IF = 1.0 A VR = 5 V IF = 20 mA IF = 20 mA IF = 20 mA Unit V V A nm mcd deg 465 550 470 1100 50 1.7 Minimum Typical 3.4 Maximum 4.0 2.5 100 475 D-CT065.000 Data Sheet: CL 50% Power Angle Subject to change without notice. www.cree.com/ledlamps Standard Bins for LC503TBL-50Q-A (IF = 20 mA) Lamps are sorted to luminous intensity (IV) and dominant wavelength (D) bins shown. Orders for LC503TBL1-50Q-A may be filled with any or all bins contained as below. All luminous intensity (IV) and dominant wavelength (D) values shown and specified are at IF = 20 mA. X4 X5 V or above U Luminous Intensity (IV) 2130 mcd 1520 mcd T 1100 mcd S 770 mcd R 550 mcd 465 nm 470 nm 475 nm Dominant Wavelength (D) Important Notes: 1. All ranks will be included per delivery; rank ratio will be based on the dice distribution. 2. Pb content <1000 ppm. 3. Tolerance of measurement of luminous intensity is 15%. 4. Tolerance of measurement of dominant wavelength is 1 nm. 5. Tolerance of measurement of VF is 0.05 V. 6. Packaging methods are available for selection; please refer to the "Cree LED Lamp Packaging Standard" document. 7. Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. 8. Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely. Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 2 CLD-CT065.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Document No. SPE/LC503TBL1-50P-A Rev. No. 01 Graphs Graphs If (mA) Vr(V) -50 -40 -30 -20 -10 0 0.0 -10.0 -20.0 -30.0 -40.0 Vf(V) 3.4 3.8 4.2 4.6 5.0 Ir(uA) FIG.2 REVERSE CURRENT VS. REVERSE VOLTAGE. -50.0 100.0 80.0 60.0 40.0 20.0 0.0 3.0 FIG.1 FORWARD CURRENT VS. FORWARD VOLTAGE. Half Power 5.0 4.0 3.0 2.0 1.0 0.0 0.0 If(mA) 20.0 40.0 60.0 80.0 100.0 WL=28nm Domi WL= 470nm 100% 75% 50% 25% 0% 300 WL(nm) 800 400 500 600 700 FIG.3 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT FIG.4 RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH. 50 40 30 20 10 0 IF(mA) 50% Power Angle : 50 0 Ie(%) 100% 80% 60% 40% Ta( C) 0.0 20.0 40.0 60.0 80.0 100.0 -90 -60 -30 0 30 60 90 20% 0% FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT TEMPERATURE (Tjmax=105 C) FIG.6 FAR FIELD PATTERN s d by d by d by Signatures LiuZM Aldosin Date 2006-10-17 2006-10-17 Rev. No Date Revision History Change Description Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 3 CLD-CT065.000 David 2006-10-17 Mechanical Dimensions All dimensions are in mm. Tolerance is 0.25 mm unless otherwise noted. An epoxy meniscus may extend about 1.5 mm down the leads. Burr around bottom of epoxy may be 0.5 mm max. Document No. SPE/LC503TBL1-50Q-A Rev. No. 02 Dimension Drawing te maximum ating 25 100 5 100 0 ~ +95 ~ +100 Unit mA mA V mW C C 60C for 3 sec Max. RoHS Compliance Notes the base of the epoxy bulb) tics The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the ( threshold5C) permitted for such substances, or are used in an exempted application, in accordance with EU DirecTa = 2 limits) tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Condition Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye. Min. --1.7 Typ. 3.4 --- Max. 4.0 2.5 Unit V V IF = 20mA IF = 1.0 A Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. CLD-CT065.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Kit Number System Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner: Standard/Custom 0: Standard C: Custom VF 0: Full forward voltage distribution 1~9, A~Z . . . : special request * Wd/Color aaaaaaaaa-aaa-aa- x x x x x IV 1: Full-color distribution 2~9, A~Z . . . : special request * 0: Full luminous intensity distribution 1~9, A~Z . . . :special request * Packing type Product P/N 0: Standard = Bulk pack 1~9, A~Z . . . : special request * * Contact your Cree sales representative for ordering information. Standard Available Kits* Kit Number LC503TBL1-50Q-A-00001 Description 5mm Round 50 Blue 470nm, FULL RANK, Bulk Pack * Please contact your Cree representative about the availability of non-standard kits. Copyright (c) 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 CLD-CT065.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps |
Price & Availability of LC503TBL1-50Q-A
![]() |