|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ultra Bright Red 5mm LED LC503AHR1-15P-A Features 5mm Package High Luminous Intensity High Optical Power All Plastic Mold Type Water Clear Lens Applications Decorative Lighting General Purpose Lighting Indoor Message Centers Instrumentation Medical Equipment Maximum Ratings (Ta=25 C) Characteristic Forward Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Soldering Temperature Soldering Time Symbol IF VR PD Topr Tstg Tsol - Max. 50 5 130.00 -40 ~ +95 -40 ~ +100 260 for 3 sec. max o o Unit mA V mW o C C o o C - Opto-Electrical Characteristics (Ta=25 C) Characteristic Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectral Line Half Width Symbol VF IR IV 21/2 p d Test Condition IF=20mA VR=5V IF=20mA - IF=20mA IF=20mA IF=20mA Min - - 5860.00 - - - - Typ 2.10 - 12000.00 15 o Max 2.60 100 - - - - - Unit V A mcd deg. nm nm nm 632 624 20 Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com California Sales Office: 950 South Coast Drive, Suite 225 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Ultra Bright Red 5mm LED Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com California Sales Office: 950 South Coast Drive, Suite 225 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 |
Price & Availability of LC503AHR1-15P-A |