Part Number Hot Search : 
F38076 MAX6373 MA28TAG MPL031 AK3713 6256A 6256A 10PF06
Product Description
Full Text Search
 

To Download LC4041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LC4041
40 characters x 4 lines
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 7.0 13.0 VDD + 0.3 70 80 Unit V V V C
MECHANICAL DATA
Item Nominal Dimensions Unit mm mm mm mm g Module Size ( W x H x T ) 190.0 x 54.0 x 10.0/14.5 147.0 x 29.5 Viewing Area ( W x H ) 2.78 x 4.97 Character Size ( W x H ) 0.5 x 0.56 Dot Size ( W x H ) Weight (Reflective/LED) Approx. 95 / 125
C
ELECTRICAL CHARACTERISTICS ( V DD =5V
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition --IOH = - 0.2mA IOL = 1.2mA VDD = 5.0V Ta=25 C Min. 2.2 - 0.3 2.4 0 ---
a0.25V )
Typ. ----3.0 4.6 Max. Unit V DD 0.6 V DD 0.4 5.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 Symbol DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 E1 R/W RS VO VSS V DD E2 NC LEDA LEDK Level H/L H/L H/L H/L H/L H/L H/L H/L _ H,H >L H/L H/L -0V +5V _ H,H >L -+5V 0V Function In 8-bit bus mode, used as high order bidirectional data bus. In 4-bit bus mode, used as both high and low order data bus. In 8-bit bus mode, used as low order bidirectional data bus. In 4-bit bus mode, open these pins. Enable signal 1 H : Read L : Write H : Data L : Instruction code Operating voltage for LCD GND Power supply for logic Enable signal 2 No connection Power supply for LED backlight
BLOCK DIAGRAM
4 Control Signals Segment driver
10 11
VSS VDD VO RS R/W E1 E2 DB0 DB7
40 SEG LCD Controller LSI KS0066 or Eqv. x 2 16 COM 40 SEG 160 SEG 160 SEG 16 COM LCD PANEL 40 Characters x 4 Lines
12 13 14 15 16 17 18
C) LED BACKLIGHT SPECIFICATIONS (Ta=25
Item Symbol Vf If Typ. 4.1 500 568 Max. 4.3 --Unit V mA nm Forward Voltage Forward Current Emission Wave Length
LEDA LEDK
Segment driver
LED Backlight
4 Control Signals
p


▲Up To Search▲   

 
Price & Availability of LC4041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X