Part Number Hot Search : 
X0404NF AD5235 68701 MAX9856 TCS100T 62000 3J115T 1062255
Product Description
Full Text Search
 

To Download LC1641 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LC1641
16 characters x 4 lines
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VDD - VO VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 7.0 13.0 VDD + 0.3 70 80 Unit V V V C
MECHANICAL DATA
Item Nominal Dimensions Unit mm mm mm mm g Module Size ( W x H x T ) 87.0 x 60.0 x 10.0/13.5 62.0 x 26.0 Viewing Area ( W x H ) Character Size ( W x H ) 2.95 x 4.75 0.55 x 0.55 Dot Size ( W x H ) Weight (Reflective/LED) Approx. 40 / 55
C
ELECTRICAL CHARACTERISTICS ( V DD =5Va0.25V )
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VDD - VO Test Condition --IOH = - 0.2mA IOL = 1.2mA VDD = 5.0V C Ta=25 Min. 2.2 - 0.3 2.4 0 --Typ. ----2.0 4.6 Max. Unit V DD 0.6 V DD 0.4 3.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 Symbol VSS V DD VO RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 LEDA LEDK Level 0V +5V -H/L H/L _ H,H >L H/L H/L H/L H/L H/L H/L H/L H/L +5V 0V Function GND Power supply for logic Operating voltage for LCD H : Data L : Instruction code H : Read L : Write Enable signal In 8-bit bus mode, used as low order bidirectional data bus. In 4-bit bus mode, open these pins. In 8-bit bus mode, used as high order bidirectional data bus. In 4-bit bus mode, used as both high and low order data bus. Power supply for LED backlight
BLOCK DIAGRAM
VSS VDD VO RS R/W E DB0 DB7
LCD Controller LSI KS0066 or Eqv.
16 COM
LCD PANEL 16 Characters x 4 Lines
40 SEG 120 SEG
11 12 13 14 15 16
Segment driver
C) LED BACKLIGHT SPECIFICATIONS (Ta=25
LEDA LEDK LED Backlight Item Forward Voltage Forward Current Emission Wave Length Symbol Vf If Typ. 4.1 200 568 Max. 4.3 --Unit V mA nm
p


▲Up To Search▲   

 
Price & Availability of LC1641

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X