Part Number Hot Search : 
74LVX04 V614ME07 ID82C84A SMBJ36 KIA8225H ECH8663R FR5004 CS8151CG
Product Description
Full Text Search
 

To Download LC1206L473M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL LC SERIES
Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
NEW PRODUCT
LOW PASS FILTER TECHNOLOGY
LC and RC filters are offered by BI to solve issues of unwanted noise. Each has cost/performance trade offs. LC composite construction has superior performance through the entire frequency range and has the sharpest roll off compared with RCs.
APPLICATIONS
Thick film RC is the lowest cost and provides good performance. Thin film RC offers good performance (under 1GHz), moderate cost and very good multi-element density.
4
* EMI/RFI filtering * On-board controllers and ethernet * Digital communications: facsimile machines, modems and ISDN * Digital AV equipment: television, video camrecorders and DVD * LAN, WAN, universal serial bus cards and graphics card * Computers and peripherals
FEATURES AND BENEFITS
* Integrated ladder filter * Small outline 0805 and 1206 sizes * Low profile suitable for PCMCIA cards * Nickel barrier terminations * Monolithic construction * Steep insertion loss * Eliminates noise over a wide frequency range * Requires no chip orientation * Ideal for high frequency, space limited designs
Specifications subject to change without notice.
4-43
Model LC Series
TYPICAL PERFORMANCE - MODEL LC 0805
0
-10
-20 Insertion Loss [dB] LC 0805 L 103M LC 0805 L 223M LC 0805 L 473M LC 0805 L 104M LC 0805 L 224M
-30
-40
-50
-60 0.1 1 10 Frequency [MHz] Cutoff Frequency (Code) Temperature Characteristics (Tolerance) Inductance at 1MHz (Reference) Magnetic Loss at 1MHz (Reference) Capacitance at 1MHz (Reference) Dissipation Factor at 1MHz (Reference) DC Resistance (Reference) 3.0 1.8 2.4% 1.8% 600pF 2.5 1.8 300pF 200nH 103 223 473 -25C to +85C +30%, -20% Meets cutoff frequency 180nH 200nH 3.0 1.4 100pF 5.0% 1.9% 6.0 1.8 1.5 1.2 1.9% 2.3% 2.2 30pF 2.7 15pF Meets cutoff frequency 110nH 70nH 104 224 100 1,000 10,000
4-44
Model LC Series
TYPICAL PERFORMANCE - MODEL LC 1206
0
-10
-20 Insertion Loss [dB] LC 1206 L 103M LC 1206 L 223M LC 1206 L 473M LC 1206 L 104M
-30
-40
4
-50
-60 0.1 1 10 Frequency [MHz] Cutoff Frequency (Code) Temperature Characteristics (Tolerance) Inductance at 1MHz (Reference) Magnetic Loss at 1MHz (Reference) Capacitance at 1MHz (Reference) Dissipation Factor at 1MHz (Reference) DC Resistance (Reference) 2.6 3.0% 760pF 1.1 0.6 200pF 1.7% 1.9 330nH 103 223 473 104 100 1,000 10,000
-25C to +85C +30%, -20% Meets cutoff frequency 550nH 3.0 1.0 100pF 2.0% 1.4 1.5 20pF 2.3% 1.4 Meets cutoff frequency 5.0% 6.0 220nH 150nH
4-45
Model LC Series
ELECTRICAL
Part Number LC 0805 L 103M LC 1206 L 103M LC 0805 L 223M LC 1206 L/H 223M LC 0805 L/H 473M LC 1206 L/H 473M LC 0805 L/H 104M LC 1206 L/H 104M LC 0805 L/H 224M
Cutoff Frequency -3dB (20%) 10 MHz 10 MHz 22 MHz 22 MHz 47 MHz 47 MHz 100 MHz 100 MHz 220 MHz
Rated Voltage 25Vdc 25Vdc 25Vdc 25Vdc 25Vdc 25Vdc 25Vdc 25Vdc 25Vdc
Rated Current Max. 100mA dc 100mA dc 100mA dc 100mA dc/1A dc 100mA dc/1A dc 100mA dc/1A dc 100mA dc/1A dc 100mA dc/1A dc 100mA dc/1A dc
DCR Max. 6 Ohms 6 Ohms 6 Ohms 6 Ohms/1 Ohm 6 Ohms/1 Ohm 6 Ohms/1 Ohm 6 Ohms/1 Ohm 6 Ohms/1 Ohm 6 Ohms/1 Ohm
FILTER DESIGN COMPARISON AND BENEFITS
Low pass filters are most commonly used in high frequency circuits where the probability of noise is significant. The LC Series, a ladder type low pass filter, is the most suitable for attenuating unwanted noise. The LC Series is an integrated passive device with the equivalent of four inductors and three capacitors imbedded into a single 0805 or 1206 monolithic chip. The LC Series integrated passive ladder construction
ENVIRONMENTAL
is superior to discrete solutions at high frequencies due to very short internal interconnections. The LC Series' ladder construction is superior to "T" styles by offering greater attenuation beyond the cutoff frequency. The LC Series low pass filters offer steeper insertion loss and greater noise attenuation than other filters. The LC Series provides signal attenuation below -20dB above 1GHz.
Solderability Life Temperature Cycle Moisture Resistance
JIS C5102 8.4, 230, 4 seconds, 90% coverage 2 x rated voltage, C, L, 30%, 1,000 hours at 85C JIS C5102 9.3, -25C to +85C, 5 cycles, C, L, 20% +65C, 90% R.H., 1,000 hours, C, L, 30%
4-46
Model LC Series
OUTLINE DIMENSIONS (Inch/mm)
Ferrite
Terminal Electrode
B
Common Ground
A
F C E D
Size 0805 2012 1206 3216
A Dim. .079.008 2.00.20 .126.008 3.20.20
B Dim. 1.250.20 .063008 1.60.20
C Dim. 0.80.20 .039008 1.00.20
D Dim. 0.30.25 .016012 0.40.30
E Dim. .0240.12 0.60.30 1.10.30
F Dim. .039008 1.00.20 1.60.30
4
.049.008 .031.008 .0120.10
.043.012 .063.012
RECOMMENDED PCB LAYOUT
(Inch/mm)
A E
Model LC 0805 LC 1206
A Dim. B Dim. .160 .080 2.0 .070 1.8 4.0 .110 2.8
C Dim. .060 1.5 .036 .90
D Dim. .036 .90 .025 .65
E Dim. .014 .35 .012 .30
B
D C
D
Note: Via recommended between ground plane and center pad.
4-47
Model LC Series
SCHEMATIC
50
SG GND
50
V.V.
ORDERING INFORMATION
y ; y ; y ; yy ;; y ; yy ;; y ;
LC Model Series Size: 0805 1206 Circuit: L = Low Current Ladder H = High Current Ladder Cutoff Frequency Code (KHz): First two digits are significant. Third digit denotes number of trailing zeros. 1206 L 223 M 7 Packaging Option: 7 = Tape & 7" Reel (Standard) 0805: 4K/Reel 1206: 2K/Reel B = Bulk (Optional) 0805: 2K/Bag 1206: 1K/Bag Cutoff Frequency Tolerance: (M = 20%)
4-48
Model LC Series


▲Up To Search▲   

 
Price & Availability of LC1206L473M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X