Part Number Hot Search : 
MJE2955 2SB80 GSX2F M81RB 03600 FP150 D2000 110001
Product Description
Full Text Search
 

To Download LC-FSLC-S090S-A-0406A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2012 Size
800/850 MHz Chip Multilayer Coupler
FSLC-S090S-A
All the technical data and information contained herein are subject to change without notice.
LC-FSLC-S090S-A-0406A
Equivalent Circuits
1 4
Shape & Size
1.25 1.0
1 : In
0.65 0.65
1
4
2.0
0.3
3 : Isolation Port 4 : Out 6 : Coupling Port 2,5 : Ground unit(mm)
2 6 3 3
5 6
Specifications Part Name: FSLC-S090S-A
Frequency Range 800-850MHz Coupling 15.5 +/- 1dB Insertion Loss 0.5dB Max. (0.25dB Typ.) Isolation 24dB Typ. Return Loss 17dB Min. (22dB Typ.) Handling Power 1W Max. (CW) Temperature Range -35 to +85 deg.C
All the technical data and information contained herein are subject to change without notice.
0.3
0.3
M
LC-FSLC-S090S-A-0406A
FOOT PATTERN
0.65 0.65
0.35
All the technical data and information contained herein are subject to change without notice.
0.35
0.35
LC-FSLC-S090S-A-0406A
0.8
0.55
0.35
0.35
0.35
0.8
FSLC-S090S-A Sample Data
Ret ur n Lo s s [ d B]
0
C 1 S11 l og M H AG
5 dB/ R EF 0 dB
1 : - 24. 908 dB
824 849 MHz MHz
C H2 S21 l og M AG
5 dB/ R EF 0 dB
1 : - 15. 316 dB
824 8 49 MHz MHz
10 2
2 : - 24. 689 dB
2 : - 15. 065 dB
20
30
1
40 50
C 2 S2 1 l og M H AG
. 2 dB/ R EF 0 dB
1 : - 0. 2401
8 24 MHz
dB dB
Co upl i ng [ d B]
0
10 2
I n s er t i on Lo s s [ d B]
0 0. 2 0. 4 0. 6 0. 8 1. 0
2 1
2 : - 0. 2655
849 MHz
1 20
30
STAR 0 . 5G T Hz C H2 S21 l og M AG
STOP 2. 5G z H 5 dB/ R EF 0 dB
STAR 0. 5GH T z
STO 2. 5GH P z
1 : - 24. 889 dB
824 849 MHz MHz
2 : - 24. 653 dB
10
I s ol a t i on [ dB]
20 2
800/850 MHz Chip Multilayer Coupler"FSLC-S090S-A"
In O ut
1 30
M
40
I sol at i on Por t
STAR 0. 5G T Hz STO 2 . 5G P Hz
C oupl i ng Por t
LC-FSLC-S090S-A-0406A


▲Up To Search▲   

 
Price & Availability of LC-FSLC-S090S-A-0406A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X