Part Number Hot Search : 
F40NF0 HC405 DTB114ES HC405 MAX12 48S15 DG3003 EL6288C
Product Description
Full Text Search
 

To Download LBS07103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
71MHz SAW Filter 0.2MHz Bandwidth
Part Number: LBS07103
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 2 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(Over f00.6MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz dB usec
Minimum
70.987 0.2 0.23 50
Typical
71 20 0.17 0.24 0.28 0.76 0.79 0.01 4.37 51 0.071 25
Maximum
71.013 23 0.8 1.2 0.1 4.5 -
dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
INPUT 50 OUTPUT 50
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS07103 2006-10-12 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
71MHz SAW Filter 0.2MHz Bandwidth
Part Number: LBS07103
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2,3,4,6
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS07103 2006-10-12 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
71MHz SAW Filter 0.2MHz Bandwidth
Part Number: LBS07103
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-20.1531
Passband Respond
-18
-30.1531
-18.5
-40.1531
-19
-50.1531
-19.5
-60.1531
-20
-70.1531
-20.5
-80.1531
-21
-90.1531
-21.5
-100.1531
-22
-22.5
69 69.4 69.8 70.2 70.6 71 71.4 71.8 72.2 72.6 73
70.5
70.6
70.7
70.8
70.9
71
71.1
71.2
71.3
71.4
71.5
Group Delay Variation(f00.1MHz)
Phase Linearity(f00.1MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS07103 2006-10-12 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS07103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X